Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC12J1600 Datasheet(PDF) 54 Page - Texas Instruments

Part # ADC12J1600
Description  GSPS ADCs With Integrated DDC
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12J1600 Datasheet(HTML) 54 Page - Texas Instruments

Back Button ADC12J1600_16 Datasheet HTML 50Page - Texas Instruments ADC12J1600_16 Datasheet HTML 51Page - Texas Instruments ADC12J1600_16 Datasheet HTML 52Page - Texas Instruments ADC12J1600_16 Datasheet HTML 53Page - Texas Instruments ADC12J1600_16 Datasheet HTML 54Page - Texas Instruments ADC12J1600_16 Datasheet HTML 55Page - Texas Instruments ADC12J1600_16 Datasheet HTML 56Page - Texas Instruments ADC12J1600_16 Datasheet HTML 57Page - Texas Instruments ADC12J1600_16 Datasheet HTML 58Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 98 page
background image
ADC12J1600, ADC12J2700
SLAS969C – JANUARY 2014 – REVISED JULY 2015
www.ti.com
The long-transport test mode is available in all DDC modes (decimation > 1). Patterns are generated in
accordance with the JESD204B standard and are different for each output format.
Table 38 lists one example of the long transport test pattern:
Table 38. Long Transport Test Pattern - Decimate-by-4, DDR = 1, P54 = 1, K=10
TIME
CHAR
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
NO.
Lane 0
0x0003
0x0002
0x8000
0x8000
0x8000
0x8000
0x8000
0x8000
0x8000
0x8000
0x0003
Lane 1
0x0002
0x0005
0x8000
0x8000
0x8000
0x8000
0x8000
0x8000
0x8000
0x8000
0x0002
Lane 2
0x0004
0x0002
0x8001
0x8000
0x8000
0x8000
0x8000
0x8000
0x8000
0x8000
0x0004
Lane 3
0x0004
0x0004
0x8000
0x8001
0x8000
0x8000
0x8000
0x8000
0x8000
0x8000
0x0004
Frame
Frame
Frame
Frame
Frame
Frame
Frame
Frame
Frame
Frame
Frame
n
n + 1
n + 2
n + 3
n + 4
n + 5
n + 6
n + 7
n + 8
n + 9
n + 10
If multiple devices are all programmed to the transport layer test mode (while JESD_EN = 0), then JESD_EN is
set to 1, and then SYSREF is used to align the LMFC of the devices, the patterns will be aligned to the SYSREF
event (within the skew budget of JESD204B). For more details see JESD204B, section 5.1.6.3.
7.4.5.6 D21.5 Test Mode
In this test mode, the controller transmits a continuous stream of D21.5 characters (alternating 0s and 1s).
7.4.5.7 K28.5 Test Mode
In this test mode, the controller transmits a continuous stream of K28.5 characters.
7.4.5.8 Repeated ILA Test Mode
In this test mode, the JESD204B link layer operates normally with one exception: when the ILA sequence
completes, the sequence repeats indefinitely. Whenever the receiver issues a synchronization request, the
transmitter will initiate code group synchronization. Upon completion of code group synchronization, the
transmitter will repeatedly transmit the ILA sequence. If there is no active code group synchronization request at
the moment the transmitter enters the test mode, the transmitter will behave as if it received one.
7.4.5.9 Modified RPAT Test Mode
A 12-octet repeating pattern is defined in INCITS TR-35-2004. The purpose of this pattern is to generate white
spectral content for JESD204B compliance and jitter testing. Table 39 lists the pattern before and after 8b10b
encoding.
Table 39. Modified RPAT Pattern Values
20b OUTPUT OF 8b10b ENCODER
OCTET NUMBER
Dx.y NOTATION
8-BIT INPUT TO 8b10b ENCODER
(2 CHARACTERS)
0
D30.5
0xBE
0x86BA6
1
D23.6
0xD7
2
D3.1
0x23
0xC6475
3
D7.2
0x47
4
D11.3
0x6B
0xD0E8D
5
D15.4
0x8F
6
D19.5
0xB3
0xCA8B4
7
D20.0
0x14
8
D30.2
0x5E
0x7949E
9
D27.7
0xFB
10
D21.1
0x35
0xAA665
11
D25.2
0x59
54
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: ADC12J1600 ADC12J2700


Similar Part No. - ADC12J1600_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12J1600 TI1-ADC12J1600 Datasheet
1Mb / 98P
[Old version datasheet]   GSPS ADCs With Integrated DDC
More results

Similar Description - ADC12J1600_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12J1600 TI1-ADC12J1600 Datasheet
1Mb / 98P
[Old version datasheet]   GSPS ADCs With Integrated DDC
ADC12J4000 TI1-ADC12J4000 Datasheet
1Mb / 94P
[Old version datasheet]   12-Bit 4 GSPS ADC With Integrated DDC
AFE7950 TI-AFE7950_V02 Datasheet
740Kb / 13P
[Old version datasheet]   AFE7950 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
SEPTEMBER 2021
AFE7950 TI1-AFE7950_V01 Datasheet
605Kb / 9P
[Old version datasheet]   AFE7950 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7953 TI1-AFE7953 Datasheet
13Mb / 127P
[Old version datasheet]   AFE7953 2T2R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
JULY 2023
AFE7900 TI-AFE7900_V01 Datasheet
16Mb / 157P
[Old version datasheet]   AFE7900 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
MARCH 2022
AFE7950 TI-AFE7950 Datasheet
573Kb / 9P
[Old version datasheet]   AFE7950 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7900 TI1-AFE7900 Datasheet
597Kb / 8P
[Old version datasheet]   AFE7900 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7901 TI-AFE7901 Datasheet
15Mb / 160P
[Old version datasheet]   AFE7901 4T4R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
APRIL 2023
AFE7951 TI-AFE7951 Datasheet
13Mb / 135P
[Old version datasheet]   AFE7951 4T4R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
MAY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com