Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC12J1600 Datasheet(PDF) 53 Page - Texas Instruments

Part # ADC12J1600
Description  GSPS ADCs With Integrated DDC
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12J1600 Datasheet(HTML) 53 Page - Texas Instruments

Back Button ADC12J1600_16 Datasheet HTML 49Page - Texas Instruments ADC12J1600_16 Datasheet HTML 50Page - Texas Instruments ADC12J1600_16 Datasheet HTML 51Page - Texas Instruments ADC12J1600_16 Datasheet HTML 52Page - Texas Instruments ADC12J1600_16 Datasheet HTML 53Page - Texas Instruments ADC12J1600_16 Datasheet HTML 54Page - Texas Instruments ADC12J1600_16 Datasheet HTML 55Page - Texas Instruments ADC12J1600_16 Datasheet HTML 56Page - Texas Instruments ADC12J1600_16 Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 98 page
background image
ADC12J1600, ADC12J2700
www.ti.com
SLAS969C – JANUARY 2014 – REVISED JULY 2015
7.4.5.3 PRBS Test Modes
The PRBS test modes bypass the 8B10B encoder. These test modes produce pseudo-random bit streams that
comply with the ITU-T O.150 specification. These bit streams are used with lab test equipment that can self-
synchronize to the bit pattern and therefore the initial phase of the pattern is not defined.
The sequences are defined by a recursive equation. For example, the PRBS7 sequence is defined as shown in
Equation 9.
y[n] = y[n – 6]
y[n – 7]
where
Bit n is the XOR of bit [n – 6] and bit [n – 7] which are previously transmitted bits
(9)
Table 35. PBRS Mode Equations
PRBS TEST MODE
SEQUENCE
SEQUENCE LENGTH (bits)
PRBS7
y[n] = y[n – 6]y[n – 7]
127
PRBS15
y[n] = y[n – 14]y[n – 15]
32767
PRBS23
y[n] = y[n – 18]y[n – 23]
8388607
The initial phase of the pattern is unique for each lane.
7.4.5.4 Ramp Test Mode
In the ramp test mode, the JESD204B link layer operates normally, but the transport layer is disabled and the
input from the formatter is ignored. After the ILA sequence, each lane transmits an identical octet stream that
increments from 0x00 to 0xFF and repeats.
7.4.5.5 Short and Long-Transport Test Mode
The short-transport test mode is available when the device is operated in DDC bypass mode (decimation = 1).
The short transport pattern has a length of one frame. Table 36 lists the formula followed by each sample of the
pattern.
Table 36. Short Transport Test Pattern Definition
BIT
11
10
9
8
7
6
5
4
3
2
1
0
~LID
LID
SID+1
LID is the lane ID (0 to 7) and SID is the sample number within the frame (0 to 4). The entire pattern has a length
of one frame and is listed in Table 37.
Table 37. Short Transport Test Pattern
LANE (CONVERTER ID)
SAMPLE NUMBER (SID)
0
1
2
3
4
0
0xF01
0xF02
0xF03
0xF04
0xF05
1
0xE11
0xE12
0xE13
0xE14
0xE15
2
0xD21
0xD22
0xD23
0xD24
0xD25
3
0xC31
0xC32
0xC33
0xC34
0xC35
4
0xB41
0xB42
0xB43
0xB44
0xB45
5
0xA51
0xA52
0xA53
0xA54
0xA55
6
0x961
0x962
0x963
0x964
0x965
7
0x871
0x872
0x873
0x874
0x875
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
53
Product Folder Links: ADC12J1600 ADC12J2700


Similar Part No. - ADC12J1600_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12J1600 TI1-ADC12J1600 Datasheet
1Mb / 98P
GSPS ADCs With Integrated DDC
More results

Similar Description - ADC12J1600_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12J1600 TI1-ADC12J1600 Datasheet
1Mb / 98P
GSPS ADCs With Integrated DDC
ADC12J4000 TI1-ADC12J4000 Datasheet
1Mb / 94P
12-Bit 4 GSPS ADC With Integrated DDC
AFE7950 TI-AFE7950 Datasheet
573Kb / 9P
AFE7950 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7900 TI1-AFE7900 Datasheet
597Kb / 8P
AFE7900 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7950 TI1-AFE7950_V01 Datasheet
605Kb / 9P
AFE7950 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7950 TI-AFE7950_V02 Datasheet
740Kb / 13P
AFE7950 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
SEPTEMBER 2021
AFE7900 TI-AFE7900_V01 Datasheet
16Mb / 157P
AFE7900 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
MARCH 2022
AFE7901 TI-AFE7901 Datasheet
15Mb / 160P
AFE7901 4T4R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
APRIL 2023
AFE7951 TI-AFE7951 Datasheet
13Mb / 135P
AFE7951 4T4R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
MAY 2023
AFE7953 TI1-AFE7953 Datasheet
13Mb / 127P
AFE7953 2T2R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
JULY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com