Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC12J1600 Datasheet(PDF) 48 Page - Texas Instruments

Part # ADC12J1600
Description  GSPS ADCs With Integrated DDC
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12J1600 Datasheet(HTML) 48 Page - Texas Instruments

Back Button ADC12J1600_16 Datasheet HTML 44Page - Texas Instruments ADC12J1600_16 Datasheet HTML 45Page - Texas Instruments ADC12J1600_16 Datasheet HTML 46Page - Texas Instruments ADC12J1600_16 Datasheet HTML 47Page - Texas Instruments ADC12J1600_16 Datasheet HTML 48Page - Texas Instruments ADC12J1600_16 Datasheet HTML 49Page - Texas Instruments ADC12J1600_16 Datasheet HTML 50Page - Texas Instruments ADC12J1600_16 Datasheet HTML 51Page - Texas Instruments ADC12J1600_16 Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 98 page
background image
ADC12J1600, ADC12J2700
SLAS969C – JANUARY 2014 – REVISED JULY 2015
www.ti.com
7.3.7.2.8
JESD204B Synchronization Features
The JESD204B standard defines methods for synchronization and deterministic latency in a multi-converter
system. These devices are a JESD204B Subclass 1 device and conforms to the various aspects of link operation
as described in section 5.3.3 of the JESD204B standard. The specific signals used to achieve link operation are
described briefly in the following sections.
7.3.7.2.9
SYSREF
The SYSREF is a periodic signal which is sampled by the device clock, and is used to align the boundary of the
local multi-frame clock inside the data converter. SYSREF
is required to be a sub-harmonic of the LMFC internal timing. To meet this requirement, the timing of SYSREF is
dependent on the device clock frequency and the LMFC frequency as determined by the selected DDC
decimation and frames per multi-frame settings. This clock is typically in the range of 10 MHz to 300 MHz. See
the Multiple ADC Synchronization section for more details on SYSREF timing requirements.
7.3.7.2.10
SYNC~
SYNC~ is asserted by the receiver to initiate a synchronization event.
Single ended and differential SYNC~ inputs are provided. The SYNC_DIFFSEL bit (register 0x202, bit 6) is used
to select which input is used. Using the single ended SYNC~ input is recommended, as this frees the differential
SYNC~/TMST input pair for use in the Time Stamp function. To assert SYNC~, a logic low is applied. To
deassert SYNC~ a logic high is applied.
7.3.7.2.11
Time Stamp
When configured through the TIME_STAMP_EN register setting (register 0x050, bit 5), the SYNC~ differential
input (pins 22 and 23) can be used as a time-stamp input. The time-stamp feature enables the user to capture
the timing of an external trigger event relative to the sampled signal. When enabled, the LSB of the 12-bit ADC
digital output captures the trigger information. In effect, the 12-bit converter becomes an 11-bit converter and the
LSB acts as a 1-bit converter with the same latency as the 11-bit converter. The trigger must be applied to the
differential SYNC~/TMST inputs. The trigger can be asynchronous to the ADC sampling clock and is sampled at
approximately the same time as the analog input.
7.3.7.2.12
Code-Group Synchronization
Code-group synchronization is achieved using the following process:
The receiver issues a synchronization request through the SYNC~ input
The transmitter issues a stream of K28.5 symbols
The receiver synchronizes and waits for correct reception of at least 4 consecutive K symbols
The receiver deactivates the synchronization request
Upon detecting that the receiver has deactivated the SYNC~ pin, the transmitter continues emitting K symbols
until the next LMFC boundary (or optionally a later LMFC boundary)
On the first frame following the selected LMFC boundary the transmitters emit an initial lane-alignment
sequence
The initial-lane alignment sequence transmitted by the ADC device is defined in additional detail in JESD204B
section 5.3.3.5.
7.3.7.2.13
Multiple ADC Synchronization
The second function for the SYSREF input is to facilitate the precise synchronization of multiple ADCs in a
system.
One key challenge is to ensure that this synchronization works is to ensure that the SYSREF inputs are
repeatedly captured by the input CLK. Two key elements must occur for the SYSREF inputs to be captured.
First, the SYSREF input must be created so that it is synchronous to the input DEVCLK, be an integer sub-
harmonic of the multi-frame (K × t(FRAME)) and a repeatable and fixed-phase offset. When this constraint is
achieved, repeatedly capturing SYSREF is easier. To further ease this task, the SYSREF signal is routed
through a user-adjustable delay which eases the timing requirements with respect to the input DEVCLK signal.
The SYSREF delay RDEL is adjusted through bits 3 through 0 in register 0x032.
48
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: ADC12J1600 ADC12J2700


Similar Part No. - ADC12J1600_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12J1600 TI1-ADC12J1600 Datasheet
1Mb / 98P
[Old version datasheet]   GSPS ADCs With Integrated DDC
More results

Similar Description - ADC12J1600_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12J1600 TI1-ADC12J1600 Datasheet
1Mb / 98P
[Old version datasheet]   GSPS ADCs With Integrated DDC
ADC12J4000 TI1-ADC12J4000 Datasheet
1Mb / 94P
[Old version datasheet]   12-Bit 4 GSPS ADC With Integrated DDC
AFE7950 TI-AFE7950_V02 Datasheet
740Kb / 13P
[Old version datasheet]   AFE7950 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
SEPTEMBER 2021
AFE7950 TI1-AFE7950_V01 Datasheet
605Kb / 9P
[Old version datasheet]   AFE7950 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7953 TI1-AFE7953 Datasheet
13Mb / 127P
[Old version datasheet]   AFE7953 2T2R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
JULY 2023
AFE7900 TI-AFE7900_V01 Datasheet
16Mb / 157P
[Old version datasheet]   AFE7900 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
MARCH 2022
AFE7950 TI-AFE7950 Datasheet
573Kb / 9P
[Old version datasheet]   AFE7950 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7900 TI1-AFE7900 Datasheet
597Kb / 8P
[Old version datasheet]   AFE7900 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7901 TI-AFE7901 Datasheet
15Mb / 160P
[Old version datasheet]   AFE7901 4T4R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
APRIL 2023
AFE7951 TI-AFE7951 Datasheet
13Mb / 135P
[Old version datasheet]   AFE7951 4T4R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
MAY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com