Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC12J1600 Datasheet(PDF) 42 Page - Texas Instruments

Part # ADC12J1600
Description  GSPS ADCs With Integrated DDC
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12J1600 Datasheet(HTML) 42 Page - Texas Instruments

Back Button ADC12J1600_16 Datasheet HTML 38Page - Texas Instruments ADC12J1600_16 Datasheet HTML 39Page - Texas Instruments ADC12J1600_16 Datasheet HTML 40Page - Texas Instruments ADC12J1600_16 Datasheet HTML 41Page - Texas Instruments ADC12J1600_16 Datasheet HTML 42Page - Texas Instruments ADC12J1600_16 Datasheet HTML 43Page - Texas Instruments ADC12J1600_16 Datasheet HTML 44Page - Texas Instruments ADC12J1600_16 Datasheet HTML 45Page - Texas Instruments ADC12J1600_16 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 98 page
background image
ADC12J1600, ADC12J2700
SLAS969C – JANUARY 2014 – REVISED JULY 2015
www.ti.com
7.3.7.1 The Digital Outputs
The ADC12J1600 and ADC12J2700 output data is transmitted on up to eight high-speed serial-data lanes. The
output data from the ADC or DDC is formatted to the eight lanes, 8b10b encoded, and serialized. Up to four
different serial output rates are possible depending on the decimation mode setting: 1x, 1.25x, 2x, and 2.5x. In 1x
mode, the output serializers run at the same bit rate as the frequency of the applied DEVCLK. In 1.25x mode, the
output serializers run at a bit rate that is 1.25-times that of the applied DEVCLK, and so on. For example, for a
1.6-GHz input DEVCLK, the output rates are 1.6 Gbps in 1x mode, 2 Gbps in 1.25x mode, 3.2 Gbps in 2x mode
and 4 Gbps in 2.5x mode.
7.3.7.2 JESD204B Interface Features and Settings
7.3.7.2.1
Scrambler Enable
Scrambling randomizes the 8b10b encoded data, spreading the frequency content of the data interface. This
reduces the peak EMI energy at any given frequency reducing the possibility of feedback to the device inputs
impacting performance. The scrambler is disabled by default and is enabled via SCR (register 0x201, bit 7).
7.3.7.2.2
Frames Per Multi-Frame (K-1)
The frames per multi-frame (K) setting can be adjusted within constraints that are dependant on the selected
decimation (D) and serial rate (DDR) settings. The K-minus-1 (KM1) register setting (register 0x201, bits 6:2)
must be one less than the desired K setting.
7.3.7.2.3
DDR
The serial rate can be either 1ƒ(CLK) (DDR = 0) or 2ƒ(CLK) (DDR = 1).
7.3.7.2.4
JESD Enable
The JESD interface must be disabled (JESD_EN is set to 0) while any of the other JESD parameters are
changed. While JESD_EN is set 0 the block is held in reset and the serializers are powered down. The clocks for
this section are also gated off to further save power. When the parameters have been set as desired the JESD
block can be enabled (JESD_EN is set to 1).
7.3.7.2.5
JESD Test Modes
Several different JESD204B test modes are available to assist in link verification and debugging. The list of
modes follows.
NOTE
PRBS test signals are output directly, without 8b10b encoding.
Normal operation
PRBS7 test mode
PRBS15 test mode
PRBS23 test mode
Ramp test mode
Short or long transport-layer test mode
D21.5 test mode
K28.5 test mode
Repeated ILA test mode
Modified RPAT test mode
Serial-outputs differential 0 test mode
Serial-outputs differential 1 test mode
42
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: ADC12J1600 ADC12J2700


Similar Part No. - ADC12J1600_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12J1600 TI1-ADC12J1600 Datasheet
1Mb / 98P
[Old version datasheet]   GSPS ADCs With Integrated DDC
More results

Similar Description - ADC12J1600_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12J1600 TI1-ADC12J1600 Datasheet
1Mb / 98P
[Old version datasheet]   GSPS ADCs With Integrated DDC
ADC12J4000 TI1-ADC12J4000 Datasheet
1Mb / 94P
[Old version datasheet]   12-Bit 4 GSPS ADC With Integrated DDC
AFE7950 TI-AFE7950_V02 Datasheet
740Kb / 13P
[Old version datasheet]   AFE7950 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
SEPTEMBER 2021
AFE7950 TI1-AFE7950_V01 Datasheet
605Kb / 9P
[Old version datasheet]   AFE7950 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7953 TI1-AFE7953 Datasheet
13Mb / 127P
[Old version datasheet]   AFE7953 2T2R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
JULY 2023
AFE7900 TI-AFE7900_V01 Datasheet
16Mb / 157P
[Old version datasheet]   AFE7900 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
MARCH 2022
AFE7950 TI-AFE7950 Datasheet
573Kb / 9P
[Old version datasheet]   AFE7950 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7900 TI1-AFE7900 Datasheet
597Kb / 8P
[Old version datasheet]   AFE7900 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7901 TI-AFE7901 Datasheet
15Mb / 160P
[Old version datasheet]   AFE7901 4T4R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
APRIL 2023
AFE7951 TI-AFE7951 Datasheet
13Mb / 135P
[Old version datasheet]   AFE7951 4T4R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
MAY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com