Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC12J1600 Datasheet(PDF) 4 Page - Texas Instruments

Part # ADC12J1600
Description  GSPS ADCs With Integrated DDC
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12J1600 Datasheet(HTML) 4 Page - Texas Instruments

  ADC12J1600_16 Datasheet HTML 1Page - Texas Instruments ADC12J1600_16 Datasheet HTML 2Page - Texas Instruments ADC12J1600_16 Datasheet HTML 3Page - Texas Instruments ADC12J1600_16 Datasheet HTML 4Page - Texas Instruments ADC12J1600_16 Datasheet HTML 5Page - Texas Instruments ADC12J1600_16 Datasheet HTML 6Page - Texas Instruments ADC12J1600_16 Datasheet HTML 7Page - Texas Instruments ADC12J1600_16 Datasheet HTML 8Page - Texas Instruments ADC12J1600_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 98 page
background image
VIN+
VIN
±
VCM
To T&H+
To T&H
±
50
Ÿ
50
Ÿ
20 k
Ÿ
LPEAK
LPEAK
VA19
GND
VA19
GND
GND
VA19
VCM
Tdiode+
Tdiode±
GND
VA19
VBIAS
ADC12J1600, ADC12J2700
SLAS969C – JANUARY 2014 – REVISED JULY 2015
www.ti.com
Pin Functions
PIN
EQUIVALENT CIRCUIT
TYPE
DESCRIPTION
NAME
NO.
ANALOG
RBIAS+
1
External Bias Resistor Connections
External bias resistor terminals. A 3.3 k
Ω (±0.1%) resistor should be connected
between RBIAS+ and RBIAS–. The RBIAS resistor is used as a reference for
I/O
internal circuits which affect the linearity of the converter. The value and precision
RBIAS–
2
of this resistor should not be compromised. These pins must be isolated from all
other signals and grounds.
TDIODE–
63
Temperature Diode
These pins are the positive (anode) and negative (cathode) diode connections for
Passive
die temperature measurements. Leave these pins unconnected if they are not
TDIODE+
64
used. See the Built-In Temperature Monitor Diode section for more details.
Bandgap Output Voltage
This pin is capable of sourcing or sinking 100
μA and can drive a load up to 80 pF.
VBG
68
O
Leave this pin unconnected if it is not used in the application. See the The
Reference Voltage section for more details.
Common Mode Voltage
The voltage output at this pin must be the common-mode input voltage at the VIN+
VCMO
3
O
and VIN– pins when DC coupling is used. This pin is capable of sourcing or sinking
100
μA and can drive a load up to 80 pF. Leave this pin unconnected if it is not
used in the application.
VIN+
8
Signal Input
The differential full-scale input range is determined by the full-scale voltage adjust
I
register. An internal peaking inductor (LPEAK) of 5 nH is included for parasitic
VIN–
9
compensation.
4
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: ADC12J1600 ADC12J2700


Similar Part No. - ADC12J1600_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12J1600 TI1-ADC12J1600 Datasheet
1Mb / 98P
GSPS ADCs With Integrated DDC
More results

Similar Description - ADC12J1600_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12J1600 TI1-ADC12J1600 Datasheet
1Mb / 98P
GSPS ADCs With Integrated DDC
ADC12J4000 TI1-ADC12J4000 Datasheet
1Mb / 94P
12-Bit 4 GSPS ADC With Integrated DDC
AFE7950 TI-AFE7950_V02 Datasheet
740Kb / 13P
AFE7950 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
SEPTEMBER 2021
AFE7950 TI1-AFE7950_V01 Datasheet
605Kb / 9P
AFE7950 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7953 TI1-AFE7953 Datasheet
13Mb / 127P
AFE7953 2T2R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
JULY 2023
AFE7900 TI-AFE7900_V01 Datasheet
16Mb / 157P
AFE7900 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
MARCH 2022
AFE7950 TI-AFE7950 Datasheet
573Kb / 9P
AFE7950 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7900 TI1-AFE7900 Datasheet
597Kb / 8P
AFE7900 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7901 TI-AFE7901 Datasheet
15Mb / 160P
AFE7901 4T4R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
APRIL 2023
AFE7951 TI-AFE7951 Datasheet
13Mb / 135P
AFE7951 4T4R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
MAY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com