Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC12J1600 Datasheet(PDF) 39 Page - Texas Instruments

Part # ADC12J1600
Description  GSPS ADCs With Integrated DDC
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12J1600 Datasheet(HTML) 39 Page - Texas Instruments

Back Button ADC12J1600_16 Datasheet HTML 35Page - Texas Instruments ADC12J1600_16 Datasheet HTML 36Page - Texas Instruments ADC12J1600_16 Datasheet HTML 37Page - Texas Instruments ADC12J1600_16 Datasheet HTML 38Page - Texas Instruments ADC12J1600_16 Datasheet HTML 39Page - Texas Instruments ADC12J1600_16 Datasheet HTML 40Page - Texas Instruments ADC12J1600_16 Datasheet HTML 41Page - Texas Instruments ADC12J1600_16 Datasheet HTML 42Page - Texas Instruments ADC12J1600_16 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 98 page
background image
ADC12J1600, ADC12J2700
www.ti.com
SLAS969C – JANUARY 2014 – REVISED JULY 2015
7.3.6.3 Decimation Filters
The decimation filters are arranged to provide a programmable overall decimation of 4, 8, 10, 16, 20, or 32. The
input and output of each filter is complex. The output data consists of 15-bit complex baseband information.
Table 7 lists the effective output sample rates.
Table 7. Output Sample Rates
COMPLEX SAMPLE OUTPUT RATE AND RESULTING BANDWIDTH
(OUTPUT SAMPLE = 15-BIT I + 15-BIT Q + 2-BIT OR)
ƒ(DEVCLK)
ƒ(DEVCLK) = 4000 MHz
DECIMATION
ALIAS
ALIAS
SETTING
RAW OUTPUT
RAW OUTPUT
OUTPUT RATE
PROTECTED
OUTPUT RATE
PROTECTED
BANDWIDTH
BANDWIDTH
(MSPS)
BANDWIDTH
(MSPS)
BANDWIDTH
(MHz)
(MHz)
(MHz)
(MHz)
4
ƒ(DEVCLK) / 4
ƒ(DEVCLK) / 4
0.8 × ƒ(DEVCLK) / 4
1000
1000
800
8
ƒ(DEVCLK) / 8
ƒ(DEVCLK)N / 8
0.8 × ƒ(DEVCLK) / 8
500
500
400
10
ƒ(DEVCLK) / 10
ƒ(DEVCLK) / 10
0.8 × ƒ(DEVCLK) / 10
400
400
320
16
ƒ(DEVCLK) / 16
ƒ(DEVCLK) / 16
0.8 × ƒ(DEVCLK) / 16
250
250
200
20
ƒ(DEVCLK) / 20
ƒ(DEVCLK) / 20
0.8 × ƒ(DEVCLK) / 20
200
200
160
32
ƒ(DEVCLK) / 32
ƒ(DEVCLK) / 32
0.8 × ƒ(DEVCLK) / 32
125
125
100
For maximum efficiency a group of high speed filter blocks are implemented with specific blocks used for each
decimation setting. The first table below describes the combination of filter blocks used for each decimation
setting. The next table lists the coefficient details and decimation factor of each filter block.
Table 8. Decimation Mode Filter Usage
Decimation Setting
Filter Blocks Used
4
CS19, CS55
8
CS11, CS15, CS55
10
CS11, CS139
16
CS7, CS11, CS15, CS55
20
CS7, CS11, CS139
32
CS7, CS7, CS11, CS15, CS55
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Links: ADC12J1600 ADC12J2700


Similar Part No. - ADC12J1600_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12J1600 TI1-ADC12J1600 Datasheet
1Mb / 98P
[Old version datasheet]   GSPS ADCs With Integrated DDC
More results

Similar Description - ADC12J1600_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12J1600 TI1-ADC12J1600 Datasheet
1Mb / 98P
[Old version datasheet]   GSPS ADCs With Integrated DDC
ADC12J4000 TI1-ADC12J4000 Datasheet
1Mb / 94P
[Old version datasheet]   12-Bit 4 GSPS ADC With Integrated DDC
AFE7950 TI-AFE7950_V02 Datasheet
740Kb / 13P
[Old version datasheet]   AFE7950 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
SEPTEMBER 2021
AFE7950 TI1-AFE7950_V01 Datasheet
605Kb / 9P
[Old version datasheet]   AFE7950 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7953 TI1-AFE7953 Datasheet
13Mb / 127P
[Old version datasheet]   AFE7953 2T2R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
JULY 2023
AFE7900 TI-AFE7900_V01 Datasheet
16Mb / 157P
[Old version datasheet]   AFE7900 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
MARCH 2022
AFE7950 TI-AFE7950 Datasheet
573Kb / 9P
[Old version datasheet]   AFE7950 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7900 TI1-AFE7900 Datasheet
597Kb / 8P
[Old version datasheet]   AFE7900 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7901 TI-AFE7901 Datasheet
15Mb / 160P
[Old version datasheet]   AFE7901 4T4R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
APRIL 2023
AFE7951 TI-AFE7951 Datasheet
13Mb / 135P
[Old version datasheet]   AFE7951 4T4R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
MAY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com