Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC12J1600 Datasheet(PDF) 35 Page - Texas Instruments

Part # ADC12J1600
Description  GSPS ADCs With Integrated DDC
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12J1600 Datasheet(HTML) 35 Page - Texas Instruments

Back Button ADC12J1600_16 Datasheet HTML 31Page - Texas Instruments ADC12J1600_16 Datasheet HTML 32Page - Texas Instruments ADC12J1600_16 Datasheet HTML 33Page - Texas Instruments ADC12J1600_16 Datasheet HTML 34Page - Texas Instruments ADC12J1600_16 Datasheet HTML 35Page - Texas Instruments ADC12J1600_16 Datasheet HTML 36Page - Texas Instruments ADC12J1600_16 Datasheet HTML 37Page - Texas Instruments ADC12J1600_16 Datasheet HTML 38Page - Texas Instruments ADC12J1600_16 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 98 page
background image
ADC12J1600, ADC12J2700
www.ti.com
SLAS969C – JANUARY 2014 – REVISED JULY 2015
Table 4. Over-Range Monitoring Period
OVR_N
MONITORING PERIOD
0
1
1
2
2
4
3
8
4
16
5
32
6
64
7
128
Typically, the OVR_T0 threshold can be set near the full-scale value (228 for example). When the threshold is
triggered, a typical system can turn down the system gain to avoid clipping. The OVR_T1 threshold can be set
much lower. For example, the OVR_T1 threshold can be set to 64 (
−12 dBFS). If the input signal is strong, the
OVR_T1 threshold is tripped occasionally. If the input is quite weak, the threshold is never tripped. The
downstream logic device monitors the OVR_T1 bit. If OVR_T1 stays low for an extended period of time, then the
system gain can be increased until the threshold is occasionally tripped (meaning the peak level of the signal is
above
−12 dBFS).
The OR_T0 threshold is embedded as the LSB along with the upper 15 bits of every complex I sample. The
OR_T1 threshold is embedded as the LSB along with the upper 15 bits of every complex Q sample.
7.3.5 ADC Core Features
7.3.5.1 The Reference Voltage
The reference voltage for the ADC12J1600 and ADC12J2700 devices is derived from an internal bandgap
reference. A buffered version of the reference voltage is available at the VBG pin for user convenience. This
output has an output-current capability of ±100
μA. The VBG output must be buffered if more current is required.
No provision exists for the use of an external reference voltage, but the full-scale input voltage can be adjusted
through the full-scale-range register settings.
7.3.5.2 Common-Mode Voltage Generation
The internal reference voltage is used to generate a stable common-mode voltage reference for the analog
Inputs and the DEVCLK and SYSREF differential-clock inputs.
7.3.5.3 Bias Current Generation
An external bias resistor, in combination with the on-chip voltage reference is used to provide an accurate and
stable source of bias currents for internal circuitry. Using an external accurate resistor minimizes variation in
device power consumption and performance.
7.3.5.4 Full Scale Range Adjust
The ADC input full-scale range can be adjusted through the GAIN_FS register setting (registers 0x022 and
0x023). The adjustment range is approximately 500 mVPP to 950 mVPP. The full-scale range adjustment is useful
for matching the input-signal amplitude to the ADC full scale, or to match the full-scale range of multiple ADCs
when developing a multi-converter system.
7.3.5.5 Offset Adjust
The ADC-input offset voltage can be adjusted through the OFFSET_FS register setting (registers 0x025 and
0x026). The adjustment range is approximately 28 mV to –28 mV differential.
NOTE
Offset adjust has no effect when background calibration mode is enabled.
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Links: ADC12J1600 ADC12J2700


Similar Part No. - ADC12J1600_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12J1600 TI1-ADC12J1600 Datasheet
1Mb / 98P
[Old version datasheet]   GSPS ADCs With Integrated DDC
More results

Similar Description - ADC12J1600_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12J1600 TI1-ADC12J1600 Datasheet
1Mb / 98P
[Old version datasheet]   GSPS ADCs With Integrated DDC
ADC12J4000 TI1-ADC12J4000 Datasheet
1Mb / 94P
[Old version datasheet]   12-Bit 4 GSPS ADC With Integrated DDC
AFE7950 TI-AFE7950_V02 Datasheet
740Kb / 13P
[Old version datasheet]   AFE7950 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
SEPTEMBER 2021
AFE7950 TI1-AFE7950_V01 Datasheet
605Kb / 9P
[Old version datasheet]   AFE7950 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7953 TI1-AFE7953 Datasheet
13Mb / 127P
[Old version datasheet]   AFE7953 2T2R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
JULY 2023
AFE7900 TI-AFE7900_V01 Datasheet
16Mb / 157P
[Old version datasheet]   AFE7900 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
MARCH 2022
AFE7950 TI-AFE7950 Datasheet
573Kb / 9P
[Old version datasheet]   AFE7950 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7900 TI1-AFE7900 Datasheet
597Kb / 8P
[Old version datasheet]   AFE7900 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7901 TI-AFE7901 Datasheet
15Mb / 160P
[Old version datasheet]   AFE7901 4T4R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
APRIL 2023
AFE7951 TI-AFE7951 Datasheet
13Mb / 135P
[Old version datasheet]   AFE7951 4T4R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
MAY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com