Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC12J1600 Datasheet(PDF) 32 Page - Texas Instruments

Part # ADC12J1600
Description  GSPS ADCs With Integrated DDC
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12J1600 Datasheet(HTML) 32 Page - Texas Instruments

Back Button ADC12J1600_16 Datasheet HTML 28Page - Texas Instruments ADC12J1600_16 Datasheet HTML 29Page - Texas Instruments ADC12J1600_16 Datasheet HTML 30Page - Texas Instruments ADC12J1600_16 Datasheet HTML 31Page - Texas Instruments ADC12J1600_16 Datasheet HTML 32Page - Texas Instruments ADC12J1600_16 Datasheet HTML 33Page - Texas Instruments ADC12J1600_16 Datasheet HTML 34Page - Texas Instruments ADC12J1600_16 Datasheet HTML 35Page - Texas Instruments ADC12J1600_16 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 98 page
background image
VIN+
50-

Source
VIN±
1:2 Balun
C(couple)
C(couple)
R(VIN)
ADC12J1600, ADC12J2700
SLAS969C – JANUARY 2014 – REVISED JULY 2015
www.ti.com
Feature Description (continued)
7.3.2.1 Input Clamp
The ADC12J1600 and ADC12J2700 maximum DC input voltage is limited to the range 0 to 2 V to prevent
damage to the device. To help maintain these limits, an active input clamping circuit is incorporated which
sources or sinks input currents up to ±50 mA. The clamping circuit is enabled by default and is controlled via the
Input_Clamp_EN bit (register 0x034, bit 5). The protection provided by this circuit is limited as follows:
Shunt current-clamping is only effective for non-zero source impedances.
At frequencies above 3 GHz the clamping is ineffective because of the finite turn-on and turn-off time of the
switch.
With these limitations in mind, analysis has been done to determine the allowable input signal levels as a
function of input frequency when the Input Clamp is enabled, assuming the source impedance matches the input
impedance of the device (100-
Ω differential). This information is incorporated in the Absolute Maximum Ratings
table.
7.3.2.2 AC Coupled Input Usage
The easiest way to accomplish SE-to-differential conversion for AC-coupled signals is with an appropriate balun.
Figure 64. Single-Ended-to-Differential Signal Conversion With a Balun
Figure 64 shows a generic depiction of a SE-to-differential signal conversion using a balun. The circuitry specific
to the balun depends on the type of balun selected and the overall board layout. TI recommends that the system
designer contact the manufacturer of the selected balun to aid in designing the best performing single-ended to
differential conversion circuit using that particular balun.
When selecting a balun, understanding the input architecture of the ADC is important. Specific balun parameters
must be considered. The balun must match the impedance of the analog source to the on-chip 100-
Ω differential
input termination of the ADC12J1600 and ADC12J2700 devices. The range of this input termination resistor is
described in the Electrical Characteristics table as the specification RID.
Also, as a result of the ADC architecture, the phase and amplitude balance are important. The lowest possible
phase and amplitude imbalance is desired when selecting a balun. The phase imbalance must be no more than
±2.5° and the amplitude imbalance must be limited to less than 1 dB at the desired input frequency range.
Finally, when selecting a balun, the voltage standing-wave ratio (VSWR), bandwidth, and insertion loss of the
balun must also be considered. The VSWR aids in determining the overall transmission line termination
capability of the balun when interfacing to the ADC input. The insertion loss must be considered so that the
signal at the balun output is within the specified input range of the ADC as described in the Electrical
Characteristics table as the specification VID.
Table 1 lists the recommended baluns for specific signal frequency ranges.
Table 1. Balun Recommendations
MINIMUM
MAXIMUM
IMPEDANCE RATIO
PART NUMBER
MANUFACTURER
FREQUENCY (MHz)
FREQUENCY (MHz)
4.5
3000
1:1
TC1-1-13MA+
Mini-Circuits
400
3000
1:2
B0430J50100AHF
Anaren
30
1800
1:2
ADTL2-18+
Mini-Circuits
10
4000
1:2
TCM2-43X+
Mini-Circuits
32
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: ADC12J1600 ADC12J2700


Similar Part No. - ADC12J1600_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12J1600 TI1-ADC12J1600 Datasheet
1Mb / 98P
[Old version datasheet]   GSPS ADCs With Integrated DDC
More results

Similar Description - ADC12J1600_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12J1600 TI1-ADC12J1600 Datasheet
1Mb / 98P
[Old version datasheet]   GSPS ADCs With Integrated DDC
ADC12J4000 TI1-ADC12J4000 Datasheet
1Mb / 94P
[Old version datasheet]   12-Bit 4 GSPS ADC With Integrated DDC
AFE7950 TI-AFE7950_V02 Datasheet
740Kb / 13P
[Old version datasheet]   AFE7950 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
SEPTEMBER 2021
AFE7950 TI1-AFE7950_V01 Datasheet
605Kb / 9P
[Old version datasheet]   AFE7950 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7953 TI1-AFE7953 Datasheet
13Mb / 127P
[Old version datasheet]   AFE7953 2T2R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
JULY 2023
AFE7900 TI-AFE7900_V01 Datasheet
16Mb / 157P
[Old version datasheet]   AFE7900 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
MARCH 2022
AFE7950 TI-AFE7950 Datasheet
573Kb / 9P
[Old version datasheet]   AFE7950 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7900 TI1-AFE7900 Datasheet
597Kb / 8P
[Old version datasheet]   AFE7900 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7901 TI-AFE7901 Datasheet
15Mb / 160P
[Old version datasheet]   AFE7901 4T4R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
APRIL 2023
AFE7951 TI-AFE7951 Datasheet
13Mb / 135P
[Old version datasheet]   AFE7951 4T4R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
MAY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com