Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC12J1600 Datasheet(PDF) 21 Page - Texas Instruments

Part # ADC12J1600
Description  GSPS ADCs With Integrated DDC
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12J1600 Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADC12J1600_16 Datasheet HTML 17Page - Texas Instruments ADC12J1600_16 Datasheet HTML 18Page - Texas Instruments ADC12J1600_16 Datasheet HTML 19Page - Texas Instruments ADC12J1600_16 Datasheet HTML 20Page - Texas Instruments ADC12J1600_16 Datasheet HTML 21Page - Texas Instruments ADC12J1600_16 Datasheet HTML 22Page - Texas Instruments ADC12J1600_16 Datasheet HTML 23Page - Texas Instruments ADC12J1600_16 Datasheet HTML 24Page - Texas Instruments ADC12J1600_16 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 98 page
background image
Decimation Factor
0
4
8
12
16
20
24
28
32
8
9
10
11
D088
Decimation Factor
0
4
8
12
16
20
24
28
32
7
8
9
10
D093
Ambient Temperature (°C)
-50
-25
0
25
50
75
100
45
50
55
60
65
70
75
80
D079
SNR (dBFS)
SINAD (dBFS)
SFDR (dBFS)
Input Frequency (MHz)
0
300
600
900 1200 1500 1800 2100 2400 2700 3000
5
6
7
8
9
10
D075
Decimation Factor
0
4
8
12
16
20
24
28
32
40
50
60
70
80
90
100
D091
SNR (dBFS)
SINAD (dBFS)
SFDR (dBFS)
All Supply Voltage Variation from Nominal (%)
-10
-5
0
5
10
45
50
55
60
65
70
75
80
D076
SNR (dBFS)
SINAD (dBFS)
SFDR (dBFS)
ADC12J1600, ADC12J2700
www.ti.com
SLAS969C – JANUARY 2014 – REVISED JULY 2015
Typical Characteristics (continued)
Unless otherwise noted, these specifications apply for V(VA12) = V(VD12) = 1.2 V, V(VA19) = 1.9 V, VIN FSR (AC coupled) =
Default setting, differential AC-coupled sinewave input clock, ƒ(DEVCLK) = 2.7 or 1.6 GHz at 0.5 VPP with 50% duty cycle,
R(RBIAS) = 3.3 kΩ ±0.1%, after a Foreground mode calibration with Timing Calibration enabled. TA = 25°C. VI = –1 dBFS.
ADC12J2700
FIN = 2483 MHz
ADC12J2700
DDC bypass mode
FIN = 608 MHz
Figure 9. SNR, SINAD, SFDR vs Decimation Setting
Figure 10. SNR, SINAD, SFDR vs Supply Voltage
ADC12J2700
DDC bypass mode
FIN = 608 MHz
ADC12J2700
DDC bypass mode
Figure 11. SNR, SINAD, SFDR vs Temperature
Figure 12. ENOB vs Input Frequency
ADC12J2700
FIN = 608 MHz
ADC12J2700
FIN = 2483 MHz
Figure 13. ENOB vs Decimation Setting
Figure 14. ENOB vs Decimation Setting
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: ADC12J1600 ADC12J2700


Similar Part No. - ADC12J1600_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12J1600 TI1-ADC12J1600 Datasheet
1Mb / 98P
GSPS ADCs With Integrated DDC
More results

Similar Description - ADC12J1600_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12J1600 TI1-ADC12J1600 Datasheet
1Mb / 98P
GSPS ADCs With Integrated DDC
ADC12J4000 TI1-ADC12J4000 Datasheet
1Mb / 94P
12-Bit 4 GSPS ADC With Integrated DDC
AFE7950 TI-AFE7950 Datasheet
573Kb / 9P
AFE7950 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7900 TI1-AFE7900 Datasheet
597Kb / 8P
AFE7900 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7950 TI1-AFE7950_V01 Datasheet
605Kb / 9P
AFE7950 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7950 TI-AFE7950_V02 Datasheet
740Kb / 13P
AFE7950 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
SEPTEMBER 2021
AFE7900 TI-AFE7900_V01 Datasheet
16Mb / 157P
AFE7900 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
MARCH 2022
AFE7901 TI-AFE7901 Datasheet
15Mb / 160P
AFE7901 4T4R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
APRIL 2023
AFE7951 TI-AFE7951 Datasheet
13Mb / 135P
AFE7951 4T4R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
MAY 2023
AFE7953 TI1-AFE7953 Datasheet
13Mb / 127P
AFE7953 2T2R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
JULY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com