Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC12J1600 Datasheet(PDF) 20 Page - Texas Instruments

Part # ADC12J1600
Description  GSPS ADCs With Integrated DDC
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12J1600 Datasheet(HTML) 20 Page - Texas Instruments

Back Button ADC12J1600_16 Datasheet HTML 16Page - Texas Instruments ADC12J1600_16 Datasheet HTML 17Page - Texas Instruments ADC12J1600_16 Datasheet HTML 18Page - Texas Instruments ADC12J1600_16 Datasheet HTML 19Page - Texas Instruments ADC12J1600_16 Datasheet HTML 20Page - Texas Instruments ADC12J1600_16 Datasheet HTML 21Page - Texas Instruments ADC12J1600_16 Datasheet HTML 22Page - Texas Instruments ADC12J1600_16 Datasheet HTML 23Page - Texas Instruments ADC12J1600_16 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 98 page
background image
Input Frequency (MHz)
0
300
600
900 1200 1500 1800 2100 2400 2700 3000
45
50
55
60
65
70
75
80
D073
SNR (dBFS)
SINAD (dBFS)
SFDR (dBFS)
Decimation Factor
0
4
8
12
16
20
24
28
32
40
50
60
70
80
90
100
D086
SNR (dBFS)
SINAD (dBFS)
SFDR (dBFS)
Sampling Rate (MSPS)
1500
2000
2500
3000
0.1
0.2
0.3
0.4
0.5
0.6
D123
VA19
VA12
VD12
Sampling Rate (MSPS)
1500
2000
2500
3000
1
1.2
1.4
1.6
1.8
2
D124
Sampling Rate (MSPS)
1500
2000
2500
3000
45
50
55
60
65
70
75
80
D120
SNR (dBFS)
SINAD (dBFS)
SFDR (dBFS)
Sampling Rate (MSPS)
1500
2000
2500
3000
5
6
7
8
9
10
D122
ADC12J1600, ADC12J2700
SLAS969C – JANUARY 2014 – REVISED JULY 2015
www.ti.com
6.9 Typical Characteristics
Unless otherwise noted, these specifications apply for V(VA12) = V(VD12) = 1.2 V, V(VA19) = 1.9 V, VIN FSR (AC coupled) =
Default setting, differential AC-coupled sinewave input clock, ƒ(DEVCLK) = 2.7 or 1.6 GHz at 0.5 VPP with 50% duty cycle,
R(RBIAS) = 3.3 kΩ ±0.1%, after a Foreground mode calibration with Timing Calibration enabled. TA = 25°C. VI = –1 dBFS.
DDC bypass mode
FIN = 608 MHz
DDC bypass mode
FIN = 608 MHz
Figure 4. ENOB vs Sampling Rate
Figure 3. SNR, SINAD, SFDR vs Sampling Rate
DDC bypass mode
FIN = 608 MHz
DDC bypass mode
FIN = 608 MHz
Figure 5. Power Consumption vs Sampling Rate
Figure 6. Supply Current vs Sampling Rate
ADC12J2700
DDC bypass mode
ADC12J2700
FIN = 608 MHz
Figure 7. SNR, SINAD, SFDR vs Input Frequency
Figure 8. SNR, SINAD, SFDR vs Decimation Setting
20
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: ADC12J1600 ADC12J2700


Similar Part No. - ADC12J1600_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12J1600 TI1-ADC12J1600 Datasheet
1Mb / 98P
[Old version datasheet]   GSPS ADCs With Integrated DDC
More results

Similar Description - ADC12J1600_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12J1600 TI1-ADC12J1600 Datasheet
1Mb / 98P
[Old version datasheet]   GSPS ADCs With Integrated DDC
ADC12J4000 TI1-ADC12J4000 Datasheet
1Mb / 94P
[Old version datasheet]   12-Bit 4 GSPS ADC With Integrated DDC
AFE7950 TI-AFE7950_V02 Datasheet
740Kb / 13P
[Old version datasheet]   AFE7950 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
SEPTEMBER 2021
AFE7950 TI1-AFE7950_V01 Datasheet
605Kb / 9P
[Old version datasheet]   AFE7950 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7953 TI1-AFE7953 Datasheet
13Mb / 127P
[Old version datasheet]   AFE7953 2T2R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
JULY 2023
AFE7900 TI-AFE7900_V01 Datasheet
16Mb / 157P
[Old version datasheet]   AFE7900 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
MARCH 2022
AFE7950 TI-AFE7950 Datasheet
573Kb / 9P
[Old version datasheet]   AFE7950 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7900 TI1-AFE7900 Datasheet
597Kb / 8P
[Old version datasheet]   AFE7900 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7901 TI-AFE7901 Datasheet
15Mb / 160P
[Old version datasheet]   AFE7901 4T4R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
APRIL 2023
AFE7951 TI-AFE7951 Datasheet
13Mb / 135P
[Old version datasheet]   AFE7951 4T4R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
MAY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com