Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC12J1600 Datasheet(PDF) 19 Page - Texas Instruments

Part # ADC12J1600
Description  GSPS ADCs With Integrated DDC
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12J1600 Datasheet(HTML) 19 Page - Texas Instruments

Back Button ADC12J1600_16 Datasheet HTML 15Page - Texas Instruments ADC12J1600_16 Datasheet HTML 16Page - Texas Instruments ADC12J1600_16 Datasheet HTML 17Page - Texas Instruments ADC12J1600_16 Datasheet HTML 18Page - Texas Instruments ADC12J1600_16 Datasheet HTML 19Page - Texas Instruments ADC12J1600_16 Datasheet HTML 20Page - Texas Instruments ADC12J1600_16 Datasheet HTML 21Page - Texas Instruments ADC12J1600_16 Datasheet HTML 22Page - Texas Instruments ADC12J1600_16 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 98 page
background image
t(CSH)
1
st
clock
SCLK
16
th
clock
24
th
clock
SCS
t(CSS)
t(CSH)
t(CSS)
t(ODZ)
SDI
t(OZD)
D7
D0
D1
t(IAG)
COMMAND FIELD
t(OD)
D7
D0
D1
SDO
Write Command
Read Command
tsu
th
t(PH)
t(PL)
t(PH) + t(PL) = t(P) = 1 / ¦(SCK)
Hi-Z
Hi-Z
tsu
th
SYNC~
K28.5
Serial Data
ILA
DEVCLK
SYSREF
Tx Frame Clk
K28.5
XXX
Tx LMFC Boundary
tsu(SYNC~-F)
SYNC~ de-assertion
latched
SYNC~ assertion
latched
XXX
ILA
Valid Data
SYSREF assertion
latched
Frame Clock
Alignment
Code Group
Synchronization
Initial Frame and Lane
Synchronization
Data
Transmission
th(SYS)
tsu(SYS)
td(LMFC)
th(-SYNC~-F)
t(ILA)
td(TX)
t(SYNC~)
td(TX)
t(PH-SYS)
t(PL-SYS)
ADC12J1600, ADC12J2700
www.ti.com
SLAS969C – JANUARY 2014 – REVISED JULY 2015
6.8 Switching Characteristics
Unless otherwise noted, these specifications apply for V(VA12) = V(VD12) = 1.2 V, V(VA19) = 1.9 V, VIN FSR (AC coupled) =
Default setting, differential AC-coupled sinewave input clock, ƒ(DEVCLK) = 2.7 or 1.6 GHz at 0.5 VPP with 50% duty cycle,
R(RBIAS) = 3.3 kΩ ±0.1%, after a foreground mode calibration with timing calibration enabled. Typical values are at TA = 25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SERIAL DATA OUTPUTS
Serialized output bit rate
1
10
DDR = 0, P54 = 0
ƒS
1.25 ×
DDR = 0, P54 = 1
ƒS
Gbps
Serialized output bit rate
DDR = 1, P54 = 0
2 × ƒS
2.5 ×
DDR = 1, P54 = 1
ƒS
tTLH
LH transition time — differential
10% to 90%, 8 Gbps
35
ps
tTHL
HL transition time — differential
10% to 90%, 8 Gbps
35
ps
UI
Unit interval
8 Gbps serial rate
125
ps
DDJ
Data dependent jitter
8 Gbps serial rate
11.3
ps
RJ
Random Jitter
8 Gbps serial rate
1.4
ps
SERIAL INTERFACE
t(OZD)
SDO tri-state to driven
5
ns
t(ODZ)
SDO driven to tri-state
See Figure 2
2.5
5
ns
t(OD)
SDO output delay
20
ns
Figure 1. JESD204 Synchronization
Figure 2. Serial Interface Timing
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: ADC12J1600 ADC12J2700


Similar Part No. - ADC12J1600_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12J1600 TI1-ADC12J1600 Datasheet
1Mb / 98P
GSPS ADCs With Integrated DDC
More results

Similar Description - ADC12J1600_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12J1600 TI1-ADC12J1600 Datasheet
1Mb / 98P
GSPS ADCs With Integrated DDC
ADC12J4000 TI1-ADC12J4000 Datasheet
1Mb / 94P
12-Bit 4 GSPS ADC With Integrated DDC
AFE7950 TI-AFE7950_V02 Datasheet
740Kb / 13P
AFE7950 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
SEPTEMBER 2021
AFE7950 TI1-AFE7950_V01 Datasheet
605Kb / 9P
AFE7950 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7953 TI1-AFE7953 Datasheet
13Mb / 127P
AFE7953 2T2R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
JULY 2023
AFE7900 TI-AFE7900_V01 Datasheet
16Mb / 157P
AFE7900 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
MARCH 2022
AFE7950 TI-AFE7950 Datasheet
573Kb / 9P
AFE7950 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7900 TI1-AFE7900 Datasheet
597Kb / 8P
AFE7900 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7901 TI-AFE7901 Datasheet
15Mb / 160P
AFE7901 4T4R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
APRIL 2023
AFE7951 TI-AFE7951 Datasheet
13Mb / 135P
AFE7951 4T4R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
MAY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com