Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC12J1600 Datasheet(PDF) 17 Page - Texas Instruments

Part # ADC12J1600
Description  GSPS ADCs With Integrated DDC
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12J1600 Datasheet(HTML) 17 Page - Texas Instruments

Back Button ADC12J1600_16 Datasheet HTML 13Page - Texas Instruments ADC12J1600_16 Datasheet HTML 14Page - Texas Instruments ADC12J1600_16 Datasheet HTML 15Page - Texas Instruments ADC12J1600_16 Datasheet HTML 16Page - Texas Instruments ADC12J1600_16 Datasheet HTML 17Page - Texas Instruments ADC12J1600_16 Datasheet HTML 18Page - Texas Instruments ADC12J1600_16 Datasheet HTML 19Page - Texas Instruments ADC12J1600_16 Datasheet HTML 20Page - Texas Instruments ADC12J1600_16 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 98 page
background image
ADC12J1600, ADC12J2700
www.ti.com
SLAS969C – JANUARY 2014 – REVISED JULY 2015
Timing Requirements (continued)
MIN
NOM
MAX
UNIT
JESD204B INTERFACE LINK TIMING CHARACTERISTICS (REFER TO Figure 1)
SYSREF to LMFC delay
Functional delay between SYSREF
td(LMFC)
All decimation modes
40
t(DEVCLK)
assertion latched and LMFC frame
boundary(1)
LMFC to frame boundary delay - DDC
bypass mode
td(TX)
Functional delay from LMFC frame boundary
Decimation = 1, DDR = 1, P54 = 0
52.7
t(DEVCLK)
to beginning of next multi-frame in
transmitted data.(2)
Decimation = 4, DDR = 1, P54 = 0
52.7
Decimation = 4, DDR = 1, P54 = 1
43.9
Decimation = 8, DDR = 0, P54 = 0
60.7
Decimation = 8, DDR = 0, P54 = 1
51.5
Decimation = 8, DDR = 1, P54 = 0
52.7
Decimation = 8, DDR = 1, P54 = 1
43.9
Decimation = 10, DDR = 0, P54 = 0
60.7
LMFC to frame boundary delay - decimation
Decimation = 10, DDR = 1, P54 = 0
52.7
modes
td(TX)
Functional delay from LMFC frame boundary
Decimation = 16, DDR = 0, P54 = 0
60.7
t(DEVCLK)
to beginning of next multi-frame in
Decimation = 16, DDR = 0, P54 = 1
51.5
transmitted data(2)
Decimation = 16, DDR = 1, P54 = 0
52.7
Decimation = 16, DDR = 1, P54 = 1
43.9
Decimation = 20, DDR = 0, P54 = 0
60.7
Decimation = 20, DDR = 1, P54 = 0
52.7
Decimation = 32, DDR = 0, P54 = 0
60.7
Decimation = 32, DDR = 0, P54 = 1
51.5
Decimation = 32, DDR = 1, P54 = 0
52.7
tsu(SYNC~-
SYNC~ to LMFC setup time(3)
40
F)
Required SYNC~ setup time relative to the internal LMFC boundary.
t(DEVCLK)
th(SYNC~-
SYNC~ to LMFC hold time(3)
–8
F)
Required SYNC~ hold time relative to the internal LMFC boundary.
SYNC~ assertion time
Frame clock
t(SYNC~)
4
Required SYNC~ assertion time before deassertion to initiate a link resynchronization.
cycles
td(LMFC)
Delay from SYSREF sampled high by DEVCLK to internal LMFC boundary
40
t(DEVCLK)
Multi-frame
t(ILA)
Duration of initial lane alignment sequence
4
clock cycles
SYSREF
tsu(SYS)
Setup time SYSREF relative to DEVCLK rising edge(4)
40
ps
th(SYS)
Hold time SYSREF relative to DEVCLK rising edge (4)
40
ps
t(PH_SYS)
SYSREF assertion duration after rising edge event.
8
t(DEVCLK)
t(PL_SYS)
SYSREF deassertion duration after falling edge event.
8
t(DEVCLK)
K × F ×
DDR = 0, P54 = 0
10
K × F ×
DDR = 0, P54 = 1
8
t(SYS)
Period SYSREF±
t(DEVCLK)
K × F ×
DDR = 1, P54 = 0
5
K × F ×
DDR = 1, P54 = 1
4
(2)
The values given are functional delays only. Additional propagation delay of 0 to 3 clock cycles will be present.
(3)
This parameter must be met to achieve deterministic alignment of the data frame and NCO phase to other similar devices. If this
parameter is not met the device will still function correctly but will not be aligned to other devices.
(4)
This parameter is specified by design, characterization, or both and is not tested in production.
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: ADC12J1600 ADC12J2700


Similar Part No. - ADC12J1600_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12J1600 TI1-ADC12J1600 Datasheet
1Mb / 98P
[Old version datasheet]   GSPS ADCs With Integrated DDC
More results

Similar Description - ADC12J1600_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12J1600 TI1-ADC12J1600 Datasheet
1Mb / 98P
[Old version datasheet]   GSPS ADCs With Integrated DDC
ADC12J4000 TI1-ADC12J4000 Datasheet
1Mb / 94P
[Old version datasheet]   12-Bit 4 GSPS ADC With Integrated DDC
AFE7950 TI-AFE7950_V02 Datasheet
740Kb / 13P
[Old version datasheet]   AFE7950 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
SEPTEMBER 2021
AFE7950 TI1-AFE7950_V01 Datasheet
605Kb / 9P
[Old version datasheet]   AFE7950 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7953 TI1-AFE7953 Datasheet
13Mb / 127P
[Old version datasheet]   AFE7953 2T2R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
JULY 2023
AFE7900 TI-AFE7900_V01 Datasheet
16Mb / 157P
[Old version datasheet]   AFE7900 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
MARCH 2022
AFE7950 TI-AFE7950 Datasheet
573Kb / 9P
[Old version datasheet]   AFE7950 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7900 TI1-AFE7900 Datasheet
597Kb / 8P
[Old version datasheet]   AFE7900 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7901 TI-AFE7901 Datasheet
15Mb / 160P
[Old version datasheet]   AFE7901 4T4R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
APRIL 2023
AFE7951 TI-AFE7951 Datasheet
13Mb / 135P
[Old version datasheet]   AFE7951 4T4R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
MAY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com