Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC12J1600 Datasheet(PDF) 16 Page - Texas Instruments

Part # ADC12J1600
Description  GSPS ADCs With Integrated DDC
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12J1600 Datasheet(HTML) 16 Page - Texas Instruments

Back Button ADC12J1600_16 Datasheet HTML 12Page - Texas Instruments ADC12J1600_16 Datasheet HTML 13Page - Texas Instruments ADC12J1600_16 Datasheet HTML 14Page - Texas Instruments ADC12J1600_16 Datasheet HTML 15Page - Texas Instruments ADC12J1600_16 Datasheet HTML 16Page - Texas Instruments ADC12J1600_16 Datasheet HTML 17Page - Texas Instruments ADC12J1600_16 Datasheet HTML 18Page - Texas Instruments ADC12J1600_16 Datasheet HTML 19Page - Texas Instruments ADC12J1600_16 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 98 page
background image
ADC12J1600, ADC12J2700
SLAS969C – JANUARY 2014 – REVISED JULY 2015
www.ti.com
Electrical Characteristics (continued)
Unless otherwise noted, these specifications apply for V(VA12) = V(VD12) = 1.2 V, V(VA19) = 1.9 V, VIN full scale range at default
setting (725 mVPP), VIN = –1 dBFS, differential AC-coupled sinewave input clock, ƒ(DEVCLK) = 2.7 or 1.6 GHz at 0.5 VPP with
50% duty cycle, R(RBIAS) = 3.3 kΩ ±0.1%, after a foreground (FG) mode calibration with timing calibration enabled. Typical
values are at TA = 25°C.
(1)(2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ADC12J1600, ƒ(DEVCLK) = 1.6 GHz
PD = 0, calibration = FG, bypass DDC
454
493
I(VA19)
Analog 1.9-V supply current
PD = 0, calibration = BG, bypass DDC
553
591
mA
PD = 0, calibration = BG, decimate by 8, DDR = 0, P54 = 1
553
598
PD = 0, calibration = FG, bypass DDC
180
222
I(VA12)
Analog 1.2-V supply current
PD = 0, calibration = BG, bypass DDC
190
233
mA
PD = 0, calibration = BG, decimate by 8, DDR = 0, P54 = 1
196
243
PD = 0, calibration = FG, bypass DDC
225
460
I(VD12)
Digital 1.2-V supply current
PD = 0, calibration = BG, bypass DDC
237
529
mA
PD = 0, calibration = BG, decimate by 8, DDR = 0, P54 = 1
255
568
PD = 0, calibration = FG, bypass DDC
1.35
1.75
PD = 0, calibration = BG, bypass DDC
1.56
2.04
W
PC
Power consumption
PD = 0, calibration = BG, decimate by 8, DDR = 0, P54 = 1
1.59
2.11
PD = 1
< 50
mW
6.6 Timing Requirements
MIN
NOM
MAX
UNIT
DEVICE (SAMPLING) CLOCK
Sampling rate is equal to clock input, ADC12J2700
1
2.7
ƒ(DEVCLK)
Input DEVCLK frequency
GHz
Sampling rate is equal to clock input, ADC12J1600
1
1.6
td(A)
Sampling (aperture) delay
Input CLK transition to sampling instant
0.64
ns
t(AJ)
Aperture jitter
0.1
ps RMS
t(LAT)
ADC core latency(1)
Decimation = 1, DDR = 1, P54 = 0
64
t(DEVCLK)
Decimation = 4, DDR = 1, P54 = 0
292
Decimation = 4, DDR = 1, P54 = 1
284
Decimation = 8, DDR = 0, P54 = 0
384
Decimation = 8, DDR = 0, P54 = 1
368
Decimation = 8, DDR = 1, P54 = 0
392
Decimation = 8, DDR = 1, P54 = 1
368
Decimation = 10, DDR = 0, P54 = 0
386
Decimation = 10, DDR = 1, P54 = 0
386
t(LAT_DDC) ADC core and DDC latency
(1)
Decimation = 16, DDR = 0, P54 = 0
608
t(DEVCLK)
Decimation = 16, DDR = 0, P54 = 1
560
Decimation = 16, DDR = 1, P54 = 0
608
Decimation = 16, DDR = 1, P54 = 1
560
Decimation = 20, DDR = 0, P54 = 0
568
Decimation = 20, DDR = 1, P54 = 0
568
Decimation = 32, DDR = 0, P54 = 0
1044
Decimation = 32, DDR = 0, P54 = 1
948
Decimation = 32, DDR = 1, P54 = 0
1044
(1)
Unless otherwise specified, delays quoted are exact un-rounded functional delays (assuming zero propagation delay).
16
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: ADC12J1600 ADC12J2700


Similar Part No. - ADC12J1600_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12J1600 TI1-ADC12J1600 Datasheet
1Mb / 98P
GSPS ADCs With Integrated DDC
More results

Similar Description - ADC12J1600_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12J1600 TI1-ADC12J1600 Datasheet
1Mb / 98P
GSPS ADCs With Integrated DDC
ADC12J4000 TI1-ADC12J4000 Datasheet
1Mb / 94P
12-Bit 4 GSPS ADC With Integrated DDC
AFE7950 TI-AFE7950 Datasheet
573Kb / 9P
AFE7950 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7900 TI1-AFE7900 Datasheet
597Kb / 8P
AFE7900 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7950 TI1-AFE7950_V01 Datasheet
605Kb / 9P
AFE7950 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7950 TI-AFE7950_V02 Datasheet
740Kb / 13P
AFE7950 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
SEPTEMBER 2021
AFE7900 TI-AFE7900_V01 Datasheet
16Mb / 157P
AFE7900 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
MARCH 2022
AFE7901 TI-AFE7901 Datasheet
15Mb / 160P
AFE7901 4T4R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
APRIL 2023
AFE7951 TI-AFE7951 Datasheet
13Mb / 135P
AFE7951 4T4R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
MAY 2023
AFE7953 TI1-AFE7953 Datasheet
13Mb / 127P
AFE7953 2T2R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
JULY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com