Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M29F800DT Datasheet(PDF) 1 Page - STMicroelectronics

Part # M29F800DT
Description  8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 5V Supply Flash Memory
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29F800DT Datasheet(HTML) 1 Page - STMicroelectronics

  M29F800DT Datasheet HTML 1Page - STMicroelectronics M29F800DT Datasheet HTML 2Page - STMicroelectronics M29F800DT Datasheet HTML 3Page - STMicroelectronics M29F800DT Datasheet HTML 4Page - STMicroelectronics M29F800DT Datasheet HTML 5Page - STMicroelectronics M29F800DT Datasheet HTML 6Page - STMicroelectronics M29F800DT Datasheet HTML 7Page - STMicroelectronics M29F800DT Datasheet HTML 8Page - STMicroelectronics M29F800DT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
1/39
February 2003
M29F800DT
M29F800DB
8 Mbit (1Mb x8 or 512Kb x16, Boot Block)
5V Supply Flash Memory
FEATURES SUMMARY
s
SUPPLY VOLTAGE
–VCC = 5V ±10% for Program, Erase and Read
s
ACCESS TIME: 55, 70, 90ns
s
PROGRAMMING TIME
– 10µs per Byte/Word typical
s
19 MEMORY BLOCKS
– 1 Boot Block (Top or Bottom Location)
– 2 Parameter and 16 Main Blocks
s
PROGRAM/ERASE CONTROLLER
– Embedded Byte/Word Program algorithms
s
ERASE SUSPEND and RESUME MODES
– Read and Program another Block during
Erase Suspend
s
UNLOCK BYPASS PROGRAM COMMAND
– Faster Production/Batch Programming
s
TEMPORARY BLOCK UNPROTECTION
MODE
s
COMMON FLASH INTERFACE
– 64 bit Security Code
s
LOW POWER CONSUMPTION
– Standby and Automatic Standby
s
100,000 PROGRAM/ERASE CYCLES per
BLOCK
s
ELECTRONIC SIGNATURE
– Manufacturer Code: 0020h
– Top Device Code M29F800DT: 22ECh
– Bottom Device Code M29F800DB: 2258h
Figure 1. Packages
TSOP48 (N)
12 x 20mm
SO44 (M)


Similar Part No. - M29F800DT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29F800DT STMICROELECTRONICS-M29F800DT Datasheet
420Kb / 53P
   8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 5V Supply Flash Memory
M29F800DT55M1E STMICROELECTRONICS-M29F800DT55M1E Datasheet
420Kb / 53P
   8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 5V Supply Flash Memory
M29F800DT55M1F STMICROELECTRONICS-M29F800DT55M1F Datasheet
420Kb / 53P
   8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 5V Supply Flash Memory
M29F800DT55M6E STMICROELECTRONICS-M29F800DT55M6E Datasheet
420Kb / 53P
   8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 5V Supply Flash Memory
M29F800DT55M6F STMICROELECTRONICS-M29F800DT55M6F Datasheet
420Kb / 53P
   8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 5V Supply Flash Memory
More results

Similar Description - M29F800DT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29F800DT STMICROELECTRONICS-M29F800DT_06 Datasheet
420Kb / 53P
   8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 5V Supply Flash Memory
M29W800DT70N1 STMICROELECTRONICS-M29W800DT70N1 Datasheet
651Kb / 41P
   8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 3V Supply Flash Memory
April 2004
M29F800AT STMICROELECTRONICS-M29F800AT Datasheet
142Kb / 21P
   8 Mbit 1Mb x8 or 512Kb x16, Boot Block Single Supply Flash Memory
M29W800DT70N6 STMICROELECTRONICS-M29W800DT70N6 Datasheet
651Kb / 41P
   8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 3V Supply Flash Memory
M29W800DT STMICROELECTRONICS-M29W800DT Datasheet
313Kb / 42P
   8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 3V Supply Flash Memory
M29W800AT STMICROELECTRONICS-M29W800AT_04 Datasheet
717Kb / 40P
   8 Mbit (1Mb x8 or 512Kb x16, Boot Block) Low Voltage Single Supply Flash Memory
M29W800AT STMICROELECTRONICS-M29W800AT Datasheet
234Kb / 33P
   8 Mbit 1Mb x8 or 512Kb x16, Boot Block Low Voltage Single Supply Flash Memory
M29W800T STMICROELECTRONICS-M29W800T Datasheet
233Kb / 33P
   8 Mbit 1Mb x8 or 512Kb x16, Boot Block Low Voltage Single Supply Flash Memory
M29F400BT STMICROELECTRONICS-M29F400BT_06 Datasheet
318Kb / 40P
   4 Mbit (512Kb x8 or 256Kb x16, Boot Block) single supply Flash memory
M29W160ET STMICROELECTRONICS-M29W160ET Datasheet
665Kb / 40P
   16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
January 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com