Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MKP1839HQ Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MKP1839HQ
Description  AC and Pulse Metallized Polypropylene Film Capacitors MKP Axial Type
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP1839HQ Datasheet(HTML) 3 Page - Vishay Siliconix

  MKP1839HQ_12 Datasheet HTML 1Page - Vishay Siliconix MKP1839HQ_12 Datasheet HTML 2Page - Vishay Siliconix MKP1839HQ_12 Datasheet HTML 3Page - Vishay Siliconix MKP1839HQ_12 Datasheet HTML 4Page - Vishay Siliconix MKP1839HQ_12 Datasheet HTML 5Page - Vishay Siliconix MKP1839HQ_12 Datasheet HTML 6Page - Vishay Siliconix MKP1839HQ_12 Datasheet HTML 7Page - Vishay Siliconix MKP1839HQ_12 Datasheet HTML 8Page - Vishay Siliconix MKP1839HQ_12 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MKP1839 HQ
www.vishay.com
Vishay Roederstein
Revision: 21-Dec-15
3
Document Number: 28162
For technical questions, contact: dc-film@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) SPQ = Standard Packing Quantity
ELECTRICAL DATA AND ORDERING INFORMATION
URDC
(V)
CAP.
(μF)
VOLTAGE
CODE
VAC
DIMENSIONS
(mm)
dt
± 0.08 mm
(mm)
MASS
(g)
SPQ (1)
(pieces)
Dmax.
Lmax.
630
0.10
63
300
7
26.5
0.8
0.9
2000
0.15
8
26.5
1.2
1750
0.18
8.5
26.5
1.4
1500
0.22
9.5
26.5
1.6
1250
0.27
10
26.5
1.9
1000
0.33
11
26.5
2.3
900
0.39
10.5
31.5
2.6
900
0.47
11
31.5
3.0
750
0.56
12
31.5
3.5
650
0.68
13
31.5
4.2
500
0.82
14
31.5
5.1
1000
1.00
16
31.5
6.1
900
1.50
19
31.5
1.0
9.0
600
2.20
23
31.5
13.1
450
3.30
28
31.5
19.5
300
850
0.10
08
400
8.5
31.5
0.8
1.6
1500
0.15
10
31.5
2.3
1000
0.18
11
31.5
2.7
850
0.22
11.5
31.5
3.2
750
0.27
13
31.5
3.9
1000
0.33
14
31.5
4.6
1000
0.39
15
31.5
5.4
1000
0.47
16.5
31.5
6.5
1000
0.56
15
31.5
5.4
1000
0.68
16.5
31.5
6.5
1000
0.82
18
31.5
1.0
7.8
750
1.00
19.5
31.5
9.4
600
1.50
24
31.5
13.9
400
1250
0.10
12
425
8.5
31.5
0.8
1.6
1500
0.15
10
31.5
2.3
1000
0.18
11
31.5
2.7
1000
0.22
11.5
31.5
3.2
800
0.27
13
31.5
3.9
650
0.33
14
31.5
4.6
500
0.39
15
31.5
5.4
1000
0.47
16.5
31.5
6.5
900
0.56
18
31.5
1.0
7.7
750
0.68
20
31.5
9.2
600
0.82
21.5
31.5
11.1
500
1.00
23.5
31.5
13.4
400
1600
0.10
13
450
12
31.5
0.8
2.7
1000
0.15
14
31.5
3.9
600
0.18
15
31.5
4.6
500
0.22
16.5
31.5
5.5
500
0.27
17.5
31.5
6.7
900
0.33
20
31.5
1.0
8.1
750
0.39
21.5
31.5
9.5
600
0.47
23.5
31.5
11.3
500
0.56
25.5
31.5
13.4
400
0.68
28
31.5
16.2
350


Similar Part No. - MKP1839HQ_12

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1839HQ VISHAY-MKP1839HQ Datasheet
126Kb / 12P
AC and Pulse Metallized Polypropylene Film Capacitors MKP Axial Type
Revision: 21-Apr-10
More results

Similar Description - MKP1839HQ_12

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP379 VISHAY-MKP379 Datasheet
142Kb / 12P
AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 10-Sep-03
MKP380 VISHAY-MKP380 Datasheet
244Kb / 8P
AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 21-Nov-05
MKP378 VISHAY-MKP378 Datasheet
115Kb / 9P
AC and Pulse Metallized Polypropylene Film Capacitors MKP/MKP Radial Potted Type
Revision: 21-Nov-05
MKP1839 VISHAY-MKP1839_08 Datasheet
126Kb / 11P
AC and Pulse Metallized Polypropylene Film Capacitors MKP Axial Type
Revision: 22-Oct-08
MKP1839HQ VISHAY-MKP1839HQ Datasheet
126Kb / 12P
AC and Pulse Metallized Polypropylene Film Capacitors MKP Axial Type
Revision: 21-Apr-10
MKP385 VISHAY-MKP385_08 Datasheet
136Kb / 15P
AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 13-Oct-08
MKP1840310104M VISHAY-MKP1840310104M Datasheet
133Kb / 13P
AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 01-Jul-10
1840310-4 VISHAY-1840310-4 Datasheet
86Kb / 4P
AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 30-Nov-10
MKP1839 VISHAY-MKP1839_12 Datasheet
129Kb / 12P
AC and Pulse Metallized Polypropylene Film Capacitors MKP Axial Type
Revision: 10-Dec-13
MKP385 VISHAY-MKP385_15 Datasheet
181Kb / 18P
AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 03-Jun-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com