Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MKP1839HQ Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MKP1839HQ
Description  AC and Pulse Metallized Polypropylene Film Capacitors MKP Axial Type
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP1839HQ Datasheet(HTML) 2 Page - Vishay Siliconix

  MKP1839HQ_12 Datasheet HTML 1Page - Vishay Siliconix MKP1839HQ_12 Datasheet HTML 2Page - Vishay Siliconix MKP1839HQ_12 Datasheet HTML 3Page - Vishay Siliconix MKP1839HQ_12 Datasheet HTML 4Page - Vishay Siliconix MKP1839HQ_12 Datasheet HTML 5Page - Vishay Siliconix MKP1839HQ_12 Datasheet HTML 6Page - Vishay Siliconix MKP1839HQ_12 Datasheet HTML 7Page - Vishay Siliconix MKP1839HQ_12 Datasheet HTML 8Page - Vishay Siliconix MKP1839HQ_12 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MKP1839 HQ
www.vishay.com
Vishay Roederstein
Revision: 21-Dec-15
2
Document Number: 28162
For technical questions, contact: dc-film@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
COMPOSITION OF CATALOG NUMBER
Note
(1) For detailed tape specifications refer to packaging information: www.vishay.com/doc?28139 or end of catalog
SPECIFIC REFERENCE DATA
DESCRIPTION
VALUE
Tangent of loss angle:
1 kHz
10 kHz
100 kHz
0.1 μF < C
 0.47 μF
 3 x 10-4
 5 x 10-4
 40 x 10-4
0.47 μF < C
 1 μF
 3 x 10-4
 8 x 10-4
 60 x 10-4
1 μF < C
 3.3 μF
 3 x 10-4
 15 x 10-4
-
Rated voltage pulse slope
(dU/dt)R at URDC
630 VDC
850 VDC
1250 VDC
1600 VDC
500 V/μs
1000 V/μs
1000 V/μs
1000 V/μs
UP-P peak-to-peak voltage
700 V
1130 V
1400 V
1600 V
R between leads,
for C
 0.33 μF at 500 V, 1 min
> 100 G
RC between leads,
for C > 0.33 μF at 500 V, 1 min
> 30 000 s
R between interconnecting and
wrapped film at 500 V, 1 min
> 100 G
Withstanding (DC) voltage (cut off
current 10 mA), rise time 100 V/s
1008 V
1360 V
2000 V
2560 V
1 min
Withstanding (DC) voltage between
leads and wrapped film
(1.4 x URAC + 2000)
2840 V, 1 min
Maximum application temperature
110 °C
MKP
1839
X
XX
08
X
HQ
X
CAPACITANCE
(numerically)
Example:
468 = 680 nF
MULTIPLIER
(nF)
0.1
2
13
10
4
100
5
TYPE
SPECIAL LETTER
FOR TAPED
Bulk
R
Reel
G
Ammopack
(1)
Special
VOLTAGE (VDC)
63 = 630 V
08 = 850 V
12 = 1250 V
13 = 1600 V
TOLERANCE
4
± 5 %
HIGH QUALITY
CAPACITOR


Similar Part No. - MKP1839HQ_12

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1839HQ VISHAY-MKP1839HQ Datasheet
126Kb / 12P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Axial Type
Revision: 21-Apr-10
More results

Similar Description - MKP1839HQ_12

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1839 VISHAY-MKP1839_08 Datasheet
126Kb / 11P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Axial Type
Revision: 22-Oct-08
MKP1839 VISHAY-MKP1839_12 Datasheet
129Kb / 12P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Axial Type
Revision: 10-Dec-13
MKP1839HQ VISHAY-MKP1839HQ Datasheet
126Kb / 12P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Axial Type
Revision: 21-Apr-10
MKP378 VISHAY-MKP378 Datasheet
115Kb / 9P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP/MKP Radial Potted Type
Revision: 21-Nov-05
MKP385 VISHAY-MKP385_08 Datasheet
136Kb / 15P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 13-Oct-08
MKP379 VISHAY-MKP379 Datasheet
142Kb / 12P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 10-Sep-03
MKP380 VISHAY-MKP380 Datasheet
244Kb / 8P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 21-Nov-05
1840310-4 VISHAY-1840310-4 Datasheet
86Kb / 4P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 30-Nov-10
MKP1840310104M VISHAY-MKP1840310104M Datasheet
133Kb / 13P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 01-Jul-10
MKP385 VISHAY-MKP385_15 Datasheet
181Kb / 18P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 03-Jun-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com