Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MKP1839HQ Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MKP1839HQ
Description  AC and Pulse Metallized Polypropylene Film Capacitors MKP Axial Type
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP1839HQ Datasheet(HTML) 1 Page - Vishay Siliconix

  MKP1839HQ_12 Datasheet HTML 1Page - Vishay Siliconix MKP1839HQ_12 Datasheet HTML 2Page - Vishay Siliconix MKP1839HQ_12 Datasheet HTML 3Page - Vishay Siliconix MKP1839HQ_12 Datasheet HTML 4Page - Vishay Siliconix MKP1839HQ_12 Datasheet HTML 5Page - Vishay Siliconix MKP1839HQ_12 Datasheet HTML 6Page - Vishay Siliconix MKP1839HQ_12 Datasheet HTML 7Page - Vishay Siliconix MKP1839HQ_12 Datasheet HTML 8Page - Vishay Siliconix MKP1839HQ_12 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MKP1839 HQ
www.vishay.com
Vishay Roederstein
Revision: 21-Dec-15
1
Document Number: 28162
For technical questions, contact: dc-film@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
AC and Pulse Metallized Polypropylene Film Capacitors
MKP Axial Type
FEATURES
• Supplied loose in box, taped on ammopack or
reel available on request
• Material categorization:
for definitions of compliance please see
www.vishay.com/doc?99912
APPLICATIONS
High current and high pulse operations
Note
•For more detailed data and test requirements, contact dc-film@vishay.com
QUICK REFERENCE DATA
Capacitance range (E12 series)
0.1 μF to 3.3 μF
Capacitance tolerance
± 5 %
Rated DC voltage
630 VDC, 850 VDC, 1250 VDC, 1600 VDC
Rated AC voltage
300 VAC, 400 VAC, 425 VAC, 450 VAC
Climatic testing class according to IEC 60068-1
55/110/56
Rated temperature
85 °C
Maximum application temperature
At 85 °C: UC = 1.0 UR
At 110 °C: UC = 0.7 UR
Reference standards
IEC 60384-17
Dielectric
Polypropylene film
Electrodes
Metallized
Construction
Series construction
Encapsulation
Plastic-wrapped, epoxy resin sealed. Flame retardant
Leads
Tinned wire
Pull test on leads
 20 N in direction of leads according to IEC 60068-2-21
Bent test on leads
2 bends through 90° with half of the force used in pull test
Reliability
Operation life > 300 000 h
Failure rate < 5 FIT (40 °C and 0.5 x UR)
Marking
Manufacturer’s logo; code for dielectric material; manufacturer’s type designation;
C-code; rated voltage-code; tolerance-code; special n °C-value; tolerance;
rated voltage; year and week; manufacturer’s location
DIMENSIONS in millimeters
L
max.
L
max. + 2.0
40.0 ± 5.0
40.0 ± 5.0
D
max.


Similar Part No. - MKP1839HQ_12

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1839HQ VISHAY-MKP1839HQ Datasheet
126Kb / 12P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Axial Type
Revision: 21-Apr-10
More results

Similar Description - MKP1839HQ_12

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1839 VISHAY-MKP1839_08 Datasheet
126Kb / 11P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Axial Type
Revision: 22-Oct-08
MKP1839 VISHAY-MKP1839_12 Datasheet
129Kb / 12P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Axial Type
Revision: 10-Dec-13
MKP1839HQ VISHAY-MKP1839HQ Datasheet
126Kb / 12P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Axial Type
Revision: 21-Apr-10
MKP378 VISHAY-MKP378 Datasheet
115Kb / 9P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP/MKP Radial Potted Type
Revision: 21-Nov-05
MKP385 VISHAY-MKP385_08 Datasheet
136Kb / 15P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 13-Oct-08
MKP379 VISHAY-MKP379 Datasheet
142Kb / 12P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 10-Sep-03
MKP380 VISHAY-MKP380 Datasheet
244Kb / 8P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 21-Nov-05
1840310-4 VISHAY-1840310-4 Datasheet
86Kb / 4P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 30-Nov-10
MKP1840310104M VISHAY-MKP1840310104M Datasheet
133Kb / 13P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 01-Jul-10
MKP385 VISHAY-MKP385_15 Datasheet
181Kb / 18P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 03-Jun-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com