Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXYN100N65C3H1 Datasheet(PDF) 7 Page - IXYS Corporation

Part # IXYN100N65C3H1
Description  International Standard Package
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXYN100N65C3H1 Datasheet(HTML) 7 Page - IXYS Corporation

  IXYN100N65C3H1 Datasheet HTML 1Page - IXYS Corporation IXYN100N65C3H1 Datasheet HTML 2Page - IXYS Corporation IXYN100N65C3H1 Datasheet HTML 3Page - IXYS Corporation IXYN100N65C3H1 Datasheet HTML 4Page - IXYS Corporation IXYN100N65C3H1 Datasheet HTML 5Page - IXYS Corporation IXYN100N65C3H1 Datasheet HTML 6Page - IXYS Corporation IXYN100N65C3H1 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
© 2014 IXYS CORPORATION, All Rights Reserved
IXYN100N65C3H1
IXYS REF: IXY_100N65C3(7D-Y42) 10-14-14
Fig. 23. Typ. Forward characteristics
0
25
50
75
100
125
150
175
200
00.5
1
1.5
22.5
3
VF - [V]
TVJ = 25ºC
TVJ = 150ºC
Fig. 24. Typ. Reverse Recovery Charge Qrr vs. -diF/dt
0
4
8
12
16
20
1000
1200
1400
1600
1800
2000
-diF/ dt [A/µs]
TVJ = 150ºC
VR = 400V
IF = 200A
100A
50A
Fig. 25. Typ. Peak Reverse Current IRM vs. -diF/dt
40
60
80
100
120
140
1000
1200
1400
1600
1800
2000
diF/dt [A/µs]
TVJ = 150ºC
VR = 400V
50A
100A
IF = 200A
Fig. 26. Typ. Recovery Time trr vs. -diF/dt
50
100
150
200
250
300
350
1000
1200
1400
1600
1800
2000
-diF/dt [A/µs]
TVJ = 150ºC
VR = 400V
50A
100A
IF = 200A
Fig. 27. Typ. Recovery Energy Erec vs. -diF/dt
0
1
2
3
4
5
1000
1200
1400
1600
1800
2000
-diF/dt [A/µs]
TVJ = 150ºC
VR = 400V
100A
50A
IF = 200A
Fig. 28. Maximum Transient Thermal Impedance ( Diode)
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
Pulse Width [s]


Similar Part No. - IXYN100N65C3H1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXYN100N65A3 IXYS-IXYN100N65A3 Datasheet
214Kb / 6P
Optimized for Low Conduction Losses
IXYN100N65B3D1 IXYS-IXYN100N65B3D1 Datasheet
229Kb / 7P
International Standard Package
More results

Similar Description - IXYN100N65C3H1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXYH75N65C3H1 IXYS-IXYH75N65C3H1 Datasheet
237Kb / 7P
International Standard Package
IXYN150N60B3 IXYS-IXYN150N60B3 Datasheet
215Kb / 6P
International Standard Package
IXYN100N65B3D1 IXYS-IXYN100N65B3D1 Datasheet
229Kb / 7P
International Standard Package
logo
Micro Commercial Compon...
MT160C08T2 MCC-MT160C08T2 Datasheet
546Kb / 5P
International standard package
logo
IXYS Corporation
IXYN75N65C3D1 IXYS-IXYN75N65C3D1 Datasheet
228Kb / 7P
International Standard Package
logo
Micro Commercial Compon...
MT130CB08T2 MCC-MT130CB08T2 Datasheet
553Kb / 6P
International standard package
logo
IXYS Corporation
IXYH75N65C3 IXYS-IXYH75N65C3 Datasheet
232Kb / 6P
International Standard Package
IXYH75N65C3D1 IXYS-IXYH75N65C3D1 Datasheet
243Kb / 7P
International Standard Package
IXYN120N65B3D1 IXYS-IXYN120N65B3D1 Datasheet
222Kb / 7P
International Standard Package
IXYN120N65C3D1 IXYS-IXYN120N65C3D1 Datasheet
226Kb / 7P
International Standard Package
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com