Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXYN100N65C3H1 Datasheet(PDF) 6 Page - IXYS Corporation

Part # IXYN100N65C3H1
Description  International Standard Package
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXYN100N65C3H1 Datasheet(HTML) 6 Page - IXYS Corporation

  IXYN100N65C3H1 Datasheet HTML 1Page - IXYS Corporation IXYN100N65C3H1 Datasheet HTML 2Page - IXYS Corporation IXYN100N65C3H1 Datasheet HTML 3Page - IXYS Corporation IXYN100N65C3H1 Datasheet HTML 4Page - IXYS Corporation IXYN100N65C3H1 Datasheet HTML 5Page - IXYS Corporation IXYN100N65C3H1 Datasheet HTML 6Page - IXYS Corporation IXYN100N65C3H1 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXYN100N65C3H1
Fig. 20. Inductive Turn-on Switching Times vs.
Collector Current
20
40
60
80
100
120
140
50
55
60
65
70
75
80
85
90
95
100
IC (A)
20
22
24
26
28
30
32
t r i
td(on) - - - -
RG = 3Ω , VGE = 15V
VCE = 400V
TJ = 25ºC
TJ = 150ºC
Fig. 21. Inductive Turn-on Switching Times vs.
Junction Temperature
0
20
40
60
80
100
120
140
160
25
50
75
100
125
150
TJ (ºC)
18
20
22
24
26
28
30
32
34
t r i
td(on) - - - -
RG = 3Ω , VGE = 15V
VCE = 400V
I C = 100A
I C = 50A
Fig. 19. Inductive Turn-on Switching Times vs.
Gate Resistance
0
40
80
120
160
200
240
3
6
9
12
15
18
21
24
27
30
33
RG (Ω)
0
20
40
60
80
100
120
t r i
td(on) - - - -
TJ = 150ºC, VGE = 15V
VCE = 400V
I C = 50A
I C = 100A
Fig. 22. Maximum Peak Load Current vs. Frequency
0
10
20
30
40
50
60
70
80
90
100
10
100
1,000
fmax (kH)
TJ = 150ºC
TC = 75ºC
VCE = 400V
VGE = 15V
RG = 3Ω
D = 0.5
Square Wave
Triangular Wave


Similar Part No. - IXYN100N65C3H1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXYN100N65A3 IXYS-IXYN100N65A3 Datasheet
214Kb / 6P
   Optimized for Low Conduction Losses
IXYN100N65B3D1 IXYS-IXYN100N65B3D1 Datasheet
229Kb / 7P
   International Standard Package
More results

Similar Description - IXYN100N65C3H1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXYH75N65C3H1 IXYS-IXYH75N65C3H1 Datasheet
237Kb / 7P
   International Standard Package
IXYN150N60B3 IXYS-IXYN150N60B3 Datasheet
215Kb / 6P
   International Standard Package
IXYN100N65B3D1 IXYS-IXYN100N65B3D1 Datasheet
229Kb / 7P
   International Standard Package
logo
Micro Commercial Compon...
MT160C08T2 MCC-MT160C08T2 Datasheet
546Kb / 5P
   International standard package
logo
IXYS Corporation
IXYN75N65C3D1 IXYS-IXYN75N65C3D1 Datasheet
228Kb / 7P
   International Standard Package
logo
Micro Commercial Compon...
MT130CB08T2 MCC-MT130CB08T2 Datasheet
553Kb / 6P
   International standard package
logo
IXYS Corporation
IXYH75N65C3 IXYS-IXYH75N65C3 Datasheet
232Kb / 6P
   International Standard Package
IXYH75N65C3D1 IXYS-IXYH75N65C3D1 Datasheet
243Kb / 7P
   International Standard Package
IXYN120N65B3D1 IXYS-IXYN120N65B3D1 Datasheet
222Kb / 7P
   International Standard Package
IXYN120N65C3D1 IXYS-IXYN120N65C3D1 Datasheet
226Kb / 7P
   International Standard Package
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com