Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXYN100N65C3H1 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXYN100N65C3H1
Description  International Standard Package
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXYN100N65C3H1 Datasheet(HTML) 1 Page - IXYS Corporation

  IXYN100N65C3H1 Datasheet HTML 1Page - IXYS Corporation IXYN100N65C3H1 Datasheet HTML 2Page - IXYS Corporation IXYN100N65C3H1 Datasheet HTML 3Page - IXYS Corporation IXYN100N65C3H1 Datasheet HTML 4Page - IXYS Corporation IXYN100N65C3H1 Datasheet HTML 5Page - IXYS Corporation IXYN100N65C3H1 Datasheet HTML 6Page - IXYS Corporation IXYN100N65C3H1 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© 2014 IXYS CORPORATION, All Rights Reserved
IXYN100N65C3H1
V
CES
= 650V
I
C110
= 90A
V
CE(sat) 



 2.3V
t
fi(typ)
= 60ns
Symbol
Test Conditions
Maximum Ratings
V
CES
T
J
= 25°C to 175°C
650
V
V
CGR
T
J
= 25°C to 175°C, R
GE = 1M
650
V
V
GES
Continuous
±20
V
V
GEM
Transient
±30
V
I
C25
T
C
= 25°C
160
A
I
C110
T
C
= 110°C
90
A
I
F110
T
C
= 110°C
50
A
I
CM
T
C
= 25°C, 1ms
420
A
I
A
T
C
= 25°C
50
A
E
AS
T
C
= 25°C
600
mJ
SSOA
V
GE = 15V, TVJ = 150°C, RG = 3
I
CM = 200
A
(RBSOA)
Clamped Inductive Load
V
CE VCES
t
sc
V
GE = 15V, VCE = 360V, TJ = 150°C
7
μs
(SCSOA)
R
G
= 10
, Non Repetitive
P
C
T
C
= 25°C
600
W
T
J
-55 ... +175
°C
T
JM
175
°C
T
stg
-55 ... +175
°C
V
ISOL
50/60Hz
t = 1min
2500
V~
I
ISOL 1mA
t = 1s
3000
V~
M
d
Mounting Torque
1.5/13
Nm/lb.in
Terminal Connection Torque
1.3/11.5
Nm/lb.in
Weight
30
g
DS100568B(10/14)
Extreme Light Punch Through
IGBT for 20-60kHz Switching
Symbol
Test Conditions
Characteristic Values
(T
J = 25C, Unless Otherwise Specified)
Min.
Typ.
Max.
BV
CES
I
C
= 250
A, V
GE = 0V
650
V
V
GE(th)
I
C
= 250
A, V
CE = VGE
3.5
6.0
V
I
CES
V
CE = VCES, VGE = 0V
50
A
T
J = 150C
3 mA
I
GES
V
CE = 0V, VGE = 20V
100 nA
V
CE(sat)
I
C
= 70A, V
GE = 15V, Note 1
1.8
2.3
V
T
J = 150C
2.2
V
Features
International Standard Package
miniBLOC, with Aluminium Nitride
Isolation
2500V~ Isolation Voltage
Anti-Parallel Sonic Diode
Optimized for 20-60kHz Switching
Square RBSOA
Short Circuit Capability
High Current Handling Capability
Advantages
High Power Density
Low Gate Drive Requirement
Applications
Power Inverters
UPS
Motor Drives
SMPS
PFC Circuits
Battery Chargers
Welding Machines
Lamp Ballasts
High Frequency Power Inverters
SOT-227B, miniBLOC
G = Gate, C = Collector, E = Emitter
either emitter terminal can be used as
Main or Kelvin Emitter
G
E 
E 
C
E153432
XPTTM 650V GenX3TM
w/ Sonic Diode
Preliminary Technical Information


Similar Part No. - IXYN100N65C3H1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXYN100N65A3 IXYS-IXYN100N65A3 Datasheet
214Kb / 6P
Optimized for Low Conduction Losses
IXYN100N65B3D1 IXYS-IXYN100N65B3D1 Datasheet
229Kb / 7P
International Standard Package
More results

Similar Description - IXYN100N65C3H1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXYH75N65C3H1 IXYS-IXYH75N65C3H1 Datasheet
237Kb / 7P
International Standard Package
IXYN150N60B3 IXYS-IXYN150N60B3 Datasheet
215Kb / 6P
International Standard Package
IXYN100N65B3D1 IXYS-IXYN100N65B3D1 Datasheet
229Kb / 7P
International Standard Package
logo
Micro Commercial Compon...
MT160C08T2 MCC-MT160C08T2 Datasheet
546Kb / 5P
International standard package
logo
IXYS Corporation
IXYN75N65C3D1 IXYS-IXYN75N65C3D1 Datasheet
228Kb / 7P
International Standard Package
logo
Micro Commercial Compon...
MT130CB08T2 MCC-MT130CB08T2 Datasheet
553Kb / 6P
International standard package
logo
IXYS Corporation
IXYH75N65C3 IXYS-IXYH75N65C3 Datasheet
232Kb / 6P
International Standard Package
IXYH75N65C3D1 IXYS-IXYH75N65C3D1 Datasheet
243Kb / 7P
International Standard Package
IXYN120N65B3D1 IXYS-IXYN120N65B3D1 Datasheet
222Kb / 7P
International Standard Package
IXYN120N65C3D1 IXYS-IXYN120N65C3D1 Datasheet
226Kb / 7P
International Standard Package
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com