Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV2372IDGK Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2372IDGK
Description  FAMILY OF 550- UA/CH 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2372IDGK Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLV2372IDGK Datasheet HTML 7Page - Texas Instruments TLV2372IDGK Datasheet HTML 8Page - Texas Instruments TLV2372IDGK Datasheet HTML 9Page - Texas Instruments TLV2372IDGK Datasheet HTML 10Page - Texas Instruments TLV2372IDGK Datasheet HTML 11Page - Texas Instruments TLV2372IDGK Datasheet HTML 12Page - Texas Instruments TLV2372IDGK Datasheet HTML 13Page - Texas Instruments TLV2372IDGK Datasheet HTML 14Page - Texas Instruments TLV2372IDGK Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
TLV2370, TLV2371, TLV2372, TLV2373, TLV2374, TLV2375
FAMILY OF 550 µA/Ch 3MHz RAILTORAIL INPUT/OUTPUT
OPERATIONAL AMPLIFIERS WITH SHUTDOWN
SLOS270C − MARCH 2001 − REVISED DECEMBER 2003
11
WWW.TI.COM
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
TYPICAL CHARACTERISTICS
Figure 17
0
0.5
1
1.5
2
2.5
3
2.5
4.5
6.5
8.5
10.5
12.5
14.5
SLEW RATE
vs
SUPPLY VOLTAGE
VCC − Supply Voltage −V
AV = 1
RL = 10 kΩ
CL = 50 pF
TA = 25°C
SR−
SR+
Figure 18
0
0.5
1
1.5
2
2.5
3
3.5
−40 −25 −10 5
20 35 50 65 80 95 110 125
SLEW RATE
vs
FREE-AIR TEMPERATURE
TA − Free-Air Temperature − °C
SR+
SR−
VDD = 5 V
AV = 1
RL = 10 kΩ
CL = 50 pF
VI = 3 V
Figure 19
0
10
20
30
40
50
60
70
80
90
100
10
100
1000
PHASE MARGIN
vs
CAPACITIVE LOAD
CL − Capacitive Load − pF
VDD = 5 V
RL= 2 kΩ
TA = 25°C
AV = Open Loop
Rnull = 100
Rnull = 0
Rnull = 50
Figure 20
0
10
20
30
40
50
60
70
80
90
100
10
100
1 k
10 k
100 k
EQUIVALENT INPUT NOISE VOLTAGE
vs
FREQUENCY
f − Frequency − Hz
VDD = 2.7, 5, 15 V
TA = 25°C
Figure 21
0
1
2
3
4
02
4
6
8
10 12 14 16 18
0
1
2
3
4
VI
t − Time −
µs
VDD = 5 V
AV = 1
RL = 2 kΩ
CL = 10 pF
VI = 3 VPP
TA = 25°C
VO
VOLTAGE-FOLLOWER LARGE-SIGNAL
PULSE RESPONSE
Figure 22
0
3
6
9
12
0246
8
10 12 14 16 18
0
3
6
9
12
VI
t − Time −
µs
VDD = 15 V
AV = 1
RL = 2 kΩ
CL = 10 pF
VI = 9 VPP
TA = 25°C
VO
VOLTAGE-FOLLOWER LARGE-SIGNAL
PULSE RESPONSE
Figure 23
0
0.04
0.08
0.12
0 0.2 0.4 0.6 0.8 1
1.2 1.4 1.6 1.8
0
0.04
0.08
0.12
VI
t − Time −
µs
VDD = 5 V
AV = 1
RL = 2 kΩ
CL = 10 pF
VI = 100 mVPP
TA = 25°C
VO
VOLTAGE-FOLLOWER SMALL-SIGNAL
PULSE RESPONSE


Similar Part No. - TLV2372IDGK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2372IDGK TI-TLV2372IDGK Datasheet
955Kb / 31P
[Old version datasheet]   FAMILY OF 550-uA/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2372IDGK TI1-TLV2372IDGK Datasheet
2Mb / 58P
[Old version datasheet]   500-關A/Ch, 3-MHz Rail-to-Rail Input and Output Operational Amplifiers With Shutdown
TLV2372IDGKG4 TI-TLV2372IDGKG4 Datasheet
955Kb / 31P
[Old version datasheet]   FAMILY OF 550-uA/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2372IDGKG4 TI1-TLV2372IDGKG4 Datasheet
2Mb / 58P
[Old version datasheet]   500-關A/Ch, 3-MHz Rail-to-Rail Input and Output Operational Amplifiers With Shutdown
TLV2372IDGKR TI-TLV2372IDGKR Datasheet
955Kb / 31P
[Old version datasheet]   FAMILY OF 550-uA/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results

Similar Description - TLV2372IDGK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2370 TI-TLV2370_05 Datasheet
955Kb / 31P
[Old version datasheet]   FAMILY OF 550-uA/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV271 TI-TLV271 Datasheet
316Kb / 17P
[Old version datasheet]   550-UA/CH 3-MHZ RAIL TO RAIL OUTPUT OPERATIONAL AMPLIFIERS
TLV2371-Q1 TI1-TLV2371-Q1_15 Datasheet
1Mb / 28P
[Old version datasheet]   FAMILY OF 550-muA/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
V62-05611-01YE TI-V62-05611-01YE Datasheet
628Kb / 22P
[Old version datasheet]   FAMILY OF 550-A/CH 3- MHZ RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
TLV271-Q1 TI-TLV271-Q1 Datasheet
518Kb / 22P
[Old version datasheet]   FAMILY OF 500-UA/CH 3-MHZ RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
TLV272 TI1-TLV272_12 Datasheet
1Mb / 34P
[Old version datasheet]   FAMILY OF 550-A/Ch 3-MHz RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
TLV2371-Q1 TI1-TLV2371-Q1 Datasheet
579Kb / 25P
[Old version datasheet]   FAMILY OF 550-關A/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
TLV2371-EP TI1-TLV2371-EP_16 Datasheet
613Kb / 24P
[Old version datasheet]    FAMILY OF 550-(mu)A/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
TLV2371-EP TI1-TLV2371-EP Datasheet
594Kb / 21P
[Old version datasheet]   FAMILY OF 550-關A/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
TLV2455A TI-TLV2455A Datasheet
1Mb / 45P
[Old version datasheet]   FAMILY OF 23-UA 220-KHZ RAIL TO RAIL INPUT/ OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com