Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HEF4047BT Datasheet(PDF) 3 Page - NXP Semiconductors

Part # HEF4047BT
Description  2 x 25 W class-D power amplifier
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HEF4047BT Datasheet(HTML) 3 Page - NXP Semiconductors

  HEF4047BT Datasheet HTML 1Page - NXP Semiconductors HEF4047BT Datasheet HTML 2Page - NXP Semiconductors HEF4047BT Datasheet HTML 3Page - NXP Semiconductors HEF4047BT Datasheet HTML 4Page - NXP Semiconductors HEF4047BT Datasheet HTML 5Page - NXP Semiconductors HEF4047BT Datasheet HTML 6Page - NXP Semiconductors HEF4047BT Datasheet HTML 7Page - NXP Semiconductors HEF4047BT Datasheet HTML 8Page - NXP Semiconductors HEF4047BT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
2003 Mar 20
3
Philips Semiconductors
Objective specification
2
× 25 W class-D power amplifier
TDA8922
1
FEATURES
• High efficiency (∼90%)
• Operating supply voltage from ±12.5 to ±30 V
• Very low quiescent current
• Low distortion
• Usable as a stereo Single-Ended (SE) amplifier or as a
mono amplifier in Bridge-Tied Load (BTL)
• Fixed gain of 30 dB in Single-Ended (SE) and 36 dB in
Bridge-Tied Load (BTL)
• High output power
• Good ripple rejection
• Internal switching frequency can be overruled by an
external clock
• No switch-on or switch-off plop noise
• Short-circuit proof across load and to supply lines
• Electrostatic discharge protection
• Thermally protected.
2
APPLICATIONS
• Television sets
• Home-sound sets
• Multimedia systems
• All mains fed audio systems
• Car audio (boosters).
3
GENERAL DESCRIPTION
The TDA8922 is a high efficiency class-D audio power
amplifier with very low dissipation. The typical output
power is 2
× 25 W.
The device is available in the HSOP24 power package
with a small internal heatsink and in the DBS23P
through-hole power package. Depending on the supply
voltage and load conditions, a very small or even no
external heatsink is required. The amplifier operates over
a wide supply voltage range from
±12.5 to ±30 V and
consumes a very low quiescent current.
4
QUICK REFERENCE DATA
Note
1. See Section 16.5.
5
ORDERING INFORMATION
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
General; VP = ±20 V
VP
supply voltage
±12.5 ±20
±30
V
Iq(tot)
total quiescent supply
current
no load connected
55
75
mA
η
efficiency
Po = 25 W; SE: RL =2 × 8 Ω; fi = 1 kHz
90
%
Stereo single-ended configuration
Po
output power
RL =8 Ω; THD = 10%; VP = ±20 V; note 1
22
25
W
RL =4 Ω; THD = 10%; VP = ±15 V; note 1
22
25
W
Mono bridge-tied load configuration
Po
output power
RL =8 Ω; THD = 10%; VP = ±15 V; note 1
46
50
W
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA8922TH
HSOP24
plastic, heatsink small outline package; 24 leads;
low stand-off height
SOT566-3
TDA8922J
DBS23P
plastic DIL-bent-SIL power package; 23 leads
(straight lead length 3.2 mm)
SOT411-1


Similar Part No. - HEF4047BT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4047BT PHILIPS-HEF4047BT Datasheet
279Kb / 15P
   Monostable/astable multivibrator
January 1995
logo
Nexperia B.V. All right...
HEF4047BT NEXPERIA-HEF4047BT Datasheet
276Kb / 22P
   Monostable/astable multivibrator
Rev. 6 - 17 March 2017
HEF4047BT-Q100 NEXPERIA-HEF4047BT-Q100 Datasheet
278Kb / 23P
   Monostable/astable multivibrator
More results

Similar Description - HEF4047BT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8922C NXP-TDA8922C Datasheet
239Kb / 40P
   2 X 75 W class-D power amplifier
Rev. 01-7 September 2009
TDA8920C PHILIPS-TDA8920C_15 Datasheet
242Kb / 39P
   2 X 110 W class-D power amplifier
Rev. 02-11 June 2009
TDA8950 NXP-TDA8950 Datasheet
271Kb / 39P
   2 X 150 W class-D power amplifier
Rev. 01-9 September 2008
TDA8922B PHILIPS-TDA8922B Datasheet
201Kb / 32P
   2 X 50 W class-D power amplifier
Rev. 01-1 October 2004
TDA8920 PHILIPS-TDA8920 Datasheet
129Kb / 16P
   2 x 50 W class-D power amplifier
1998 Dec 01
TDA8924 PHILIPS-TDA8924 Datasheet
722Kb / 35P
   2 x 120 W class-D power amplifier
2003 Jul 28
TDA8950 PHILIPS-TDA8950_15 Datasheet
242Kb / 39P
   2 X 150 W class-D power amplifier
Rev. 02-11 June 2009
TDA8920B PHILIPS-TDA8920B Datasheet
209Kb / 34P
   2 X 100 W class-D power amplifier
Rev. 01-1 October 2004
logo
Texas Instruments
TPA3120D2 TI-TPA3120D2_07 Datasheet
825Kb / 27P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3123D2 TI-TPA3123D2 Datasheet
895Kb / 29P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com