Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HEF4047BT Datasheet(PDF) 10 Page - NXP Semiconductors

Part # HEF4047BT
Description  2 x 25 W class-D power amplifier
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HEF4047BT Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button HEF4047BT Datasheet HTML 6Page - NXP Semiconductors HEF4047BT Datasheet HTML 7Page - NXP Semiconductors HEF4047BT Datasheet HTML 8Page - NXP Semiconductors HEF4047BT Datasheet HTML 9Page - NXP Semiconductors HEF4047BT Datasheet HTML 10Page - NXP Semiconductors HEF4047BT Datasheet HTML 11Page - NXP Semiconductors HEF4047BT Datasheet HTML 12Page - NXP Semiconductors HEF4047BT Datasheet HTML 13Page - NXP Semiconductors HEF4047BT Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
2003 Mar 20
10
Philips Semiconductors
Objective specification
2
× 25 W class-D power amplifier
TDA8922
8.3.4
SUPPLY VOLTAGE ALARM
If the supply voltage drops below
±12.5 V, the
undervoltage protection circuit is activated and the system
will shut down correctly. If the internal clock is used, this
switch-off will be silent and without plop noise. When the
supply voltage rises above the threshold level, the system
is restarted again after 100 ms. If the supply voltage
exceeds
±32 V the overvoltage protection circuit is
activated and the power stages will shut down. They are
re-enabled as soon as the supply voltage drops below the
threshold level.
An additional balance protection circuit compares the
positive (VDD) and the negative (VSS) supply voltages and
is triggered if the voltage difference between them
exceeds a certain level. This level depends on the sum of
both supply voltages. An expression for the unbalanced
threshold level is as follows: Vth(unb) ≈ 0.15 × (VDD +VSS).
Example: With a symmetrical supply of
±30 V, the
protection circuit will be triggered if the unbalance exceeds
approximately 9 V; see Section 16.7.
8.4
Differential audio inputs
For a high common mode rejection ratio and a maximum
of flexibility in the application, the audio inputs are fully
differential. By connecting the inputs anti-parallel the
phase of one of the channels can be inverted, so that a
load can be connected between the two output filters.
In this case the system operates as a mono BTL amplifier
and with the same loudspeaker impedance an
approximately four times higher output power can be
obtained.
The input configuration for a mono BTL application is
illustrated in Fig.6; for more information see Chapter 16.
In the stereo single-ended configuration it is also
recommended to connect the two differential inputs in
anti-phase. This has advantages for the current handling
of the power supply at low signal frequencies.
handbook, full pagewidth
Vin
IN1
+
OUT1
power stage
MBL466
OUT2
SGND
IN1
IN2
+
IN2
Fig.6 Input configuration for mono BTL application.


Similar Part No. - HEF4047BT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4047BT PHILIPS-HEF4047BT Datasheet
279Kb / 15P
   Monostable/astable multivibrator
January 1995
logo
Nexperia B.V. All right...
HEF4047BT NEXPERIA-HEF4047BT Datasheet
276Kb / 22P
   Monostable/astable multivibrator
Rev. 6 - 17 March 2017
HEF4047BT-Q100 NEXPERIA-HEF4047BT-Q100 Datasheet
278Kb / 23P
   Monostable/astable multivibrator
More results

Similar Description - HEF4047BT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8922C NXP-TDA8922C Datasheet
239Kb / 40P
   2 X 75 W class-D power amplifier
Rev. 01-7 September 2009
TDA8920C PHILIPS-TDA8920C_15 Datasheet
242Kb / 39P
   2 X 110 W class-D power amplifier
Rev. 02-11 June 2009
TDA8950 NXP-TDA8950 Datasheet
271Kb / 39P
   2 X 150 W class-D power amplifier
Rev. 01-9 September 2008
TDA8922B PHILIPS-TDA8922B Datasheet
201Kb / 32P
   2 X 50 W class-D power amplifier
Rev. 01-1 October 2004
TDA8920 PHILIPS-TDA8920 Datasheet
129Kb / 16P
   2 x 50 W class-D power amplifier
1998 Dec 01
TDA8924 PHILIPS-TDA8924 Datasheet
722Kb / 35P
   2 x 120 W class-D power amplifier
2003 Jul 28
TDA8950 PHILIPS-TDA8950_15 Datasheet
242Kb / 39P
   2 X 150 W class-D power amplifier
Rev. 02-11 June 2009
TDA8920B PHILIPS-TDA8920B Datasheet
209Kb / 34P
   2 X 100 W class-D power amplifier
Rev. 01-1 October 2004
logo
Texas Instruments
TPA3120D2 TI-TPA3120D2_07 Datasheet
825Kb / 27P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3123D2 TI-TPA3123D2 Datasheet
895Kb / 29P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com