Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HEF4047BT Datasheet(PDF) 5 Page - NXP Semiconductors

Part # HEF4047BT
Description  2 x 25 W class-D power amplifier
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HEF4047BT Datasheet(HTML) 5 Page - NXP Semiconductors

  HEF4047BT Datasheet HTML 1Page - NXP Semiconductors HEF4047BT Datasheet HTML 2Page - NXP Semiconductors HEF4047BT Datasheet HTML 3Page - NXP Semiconductors HEF4047BT Datasheet HTML 4Page - NXP Semiconductors HEF4047BT Datasheet HTML 5Page - NXP Semiconductors HEF4047BT Datasheet HTML 6Page - NXP Semiconductors HEF4047BT Datasheet HTML 7Page - NXP Semiconductors HEF4047BT Datasheet HTML 8Page - NXP Semiconductors HEF4047BT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
2003 Mar 20
5
Philips Semiconductors
Objective specification
2
× 25 W class-D power amplifier
TDA8922
7
PINNING
SYMBOL
PIN
DESCRIPTION
TDA8922TH
TDA8922J
VSSA2
1
18
negative analog supply voltage for channel 2
SGND2
2
19
signal ground for channel 2
VDDA2
3
20
positive analog supply voltage for channel 2
IN2
4
21
negative audio input for channel 2
IN2+
5
22
positive audio input for channel 2
MODE
6
23
mode selection input: standby, mute or operating
OSC
7
1
oscillator frequency adjustment or tracking input
IN1+
8
2
positive audio input for channel 1
IN1
9
3
negative audio input for channel 1
VDDA1
10
4
positive analog supply voltage for channel 1
SGND1
11
5
signal ground for channel 1
VSSA1
12
6
negative analog supply voltage for channel 1
PROT
13
7
time constant capacitor for protection delay
VDDP1
14
8
positive power supply voltage for channel 1
BOOT1
15
9
bootstrap capacitor for channel 1
OUT1
16
10
PWM output from channel 1
VSSP1
17
11
negative power supply voltage for channel 1
STABI
18
12
decoupling of internal stabilizer for logic supply
HW
19
handle wafer; must be connected to pin VSSD
VSSP2
20
13
negative power supply voltage for channel 2
OUT2
21
14
PWM output from channel 2
BOOT2
22
15
bootstrap capacitor for channel 2
VDDP2
23
16
positive power supply voltage for channel 2
VSSD
24
17
negative digital supply voltage


Similar Part No. - HEF4047BT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4047BT PHILIPS-HEF4047BT Datasheet
279Kb / 15P
   Monostable/astable multivibrator
January 1995
logo
Nexperia B.V. All right...
HEF4047BT NEXPERIA-HEF4047BT Datasheet
276Kb / 22P
   Monostable/astable multivibrator
Rev. 6 - 17 March 2017
HEF4047BT-Q100 NEXPERIA-HEF4047BT-Q100 Datasheet
278Kb / 23P
   Monostable/astable multivibrator
More results

Similar Description - HEF4047BT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8922C NXP-TDA8922C Datasheet
239Kb / 40P
   2 X 75 W class-D power amplifier
Rev. 01-7 September 2009
TDA8920C PHILIPS-TDA8920C_15 Datasheet
242Kb / 39P
   2 X 110 W class-D power amplifier
Rev. 02-11 June 2009
TDA8950 NXP-TDA8950 Datasheet
271Kb / 39P
   2 X 150 W class-D power amplifier
Rev. 01-9 September 2008
TDA8922B PHILIPS-TDA8922B Datasheet
201Kb / 32P
   2 X 50 W class-D power amplifier
Rev. 01-1 October 2004
TDA8920 PHILIPS-TDA8920 Datasheet
129Kb / 16P
   2 x 50 W class-D power amplifier
1998 Dec 01
TDA8924 PHILIPS-TDA8924 Datasheet
722Kb / 35P
   2 x 120 W class-D power amplifier
2003 Jul 28
TDA8950 PHILIPS-TDA8950_15 Datasheet
242Kb / 39P
   2 X 150 W class-D power amplifier
Rev. 02-11 June 2009
TDA8920B PHILIPS-TDA8920B Datasheet
209Kb / 34P
   2 X 100 W class-D power amplifier
Rev. 01-1 October 2004
logo
Texas Instruments
TPA3120D2 TI-TPA3120D2_07 Datasheet
825Kb / 27P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3123D2 TI-TPA3123D2 Datasheet
895Kb / 29P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com