Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9605BPQV Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9605BPQV
Description  Triple-Channel Synchronous-Rectified Buck MOSFET Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9605BPQV Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9605BPQV Datasheet HTML 1Page - Richtek Technology Corporation RT9605BPQV Datasheet HTML 2Page - Richtek Technology Corporation RT9605BPQV Datasheet HTML 3Page - Richtek Technology Corporation RT9605BPQV Datasheet HTML 4Page - Richtek Technology Corporation RT9605BPQV Datasheet HTML 5Page - Richtek Technology Corporation RT9605BPQV Datasheet HTML 6Page - Richtek Technology Corporation RT9605BPQV Datasheet HTML 7Page - Richtek Technology Corporation RT9605BPQV Datasheet HTML 8Page - Richtek Technology Corporation RT9605BPQV Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
RT9605B
®
DS9605B-04 May 2014
www.richtek.com
1
©
Copyright
2014 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
General Description
The RT9605B is a high frequency, triple-channel
synchronous-rectified buck MOSFET driver specifically
designed to drive six power N-MOSFETs. The part is
promoted to pair with Richtek's multiphase buck PWM
controller family for high-density power supply
implementation. The output drivers of RT9605B can
efficiently switch power MOSFETs at frequency 300kHz
typically. Operating in higher frequency should consider
the thermal dissipation carefully. Each driver of RT9605B
is capable to drive a 3nF load in 30/40ns rising/falling
time with little propagation delay from input transition to
the gate of the power MOSFET. The device implements
bootstrapping on the upper gate with only an external
capacitor and a diode required. This reduces circuit
complexity and allows the use of higher performance, cost
effective N-MOSFETs. All drivers incorporate adaptive
shoot-through protection to prevent upper and lower
MOSFETs from conducting simultaneously and shorting
the input supply. The RT9605B also detects the fault
condition during initial start-up prior to the multi-phase
PWM controller takes control. As a result, the input supply
will latch into the shutdown state. The RT9605B comes
to a small footprint package with VQFN-24L 4x4 package.
Features
Drive Six N-MOSFETs for 3-Phase Buck PWM Control
Adaptive Shoot-Through Protection
Support High Switching Frequency
Fast Output Rising/Falling Time
Propagation Delay 40ns
Tri-State Input for Bridge Shutdown
Upper MOSFET Direct Short Protection
Small 24-Lead VQFN Package
RoHS Compliant and 100% Lead (Pb)-Free
Applications
CPU Core Voltage Supplies on Motherboard
High Frequency Low Profile DC/DC Converters
High Current Low Voltage DC/DC Converters
Triple-Channel Synchronous-Rectified Buck MOSFET Driver
Ordering Information
Marking Information
For marking information, contact our sales representative
directly or through a Richtek distributor located in your
area.
Pin Configurations
(TOP VIEW)
VQFN-24L 4x4
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
UGATE1
GND
GND
LGATE3
PVCC3
BOOT2
UGATE2
GND
PWM2
PWM1
NC
BOOT1
24
18
6
5
4
3
2
1
13
14
15
16
17
9
8
7
101112
23
22
21
20
19
GND
Package Type
QV : VQFN-24L 4x4 (V-Type)
(Exposed Pad-Option 1)
Lead Plating System
P : Pb Free
G : Green (Halogen Free and Pb Free)
Z : ECO (Ecological Element with
Halogen Free and Pb free)
RT9605B


Similar Part No. - RT9605BPQV

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9605B RICHTEK-RT9605B Datasheet
269Kb / 13P
Triple-Channel Synchronous-Rectified Buck MOSFET Driver
More results

Similar Description - RT9605BPQV

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6602A INTERSIL-HIP6602A Datasheet
250Kb / 10P
Dual Channel Synchronous Rectified Buck MOSFET Driver
logo
Richtek Technology Corp...
RT9605A RICHTEK-RT9605A Datasheet
260Kb / 12P
Triple-Channel Synchronous-Rectified Buck MOSFET Driver
RT9605B RICHTEK-RT9605B Datasheet
269Kb / 13P
Triple-Channel Synchronous-Rectified Buck MOSFET Driver
RT9612A RICHTEK-RT9612A Datasheet
213Kb / 15P
Synchronous-Rectified Buck MOSFET Driver
RT9629A RICHTEK-RT9629A Datasheet
234Kb / 14P
Triple-Channel Synchronous Rectified Buck MOSFET Driver
RT9629B RICHTEK-RT9629B Datasheet
220Kb / 14P
Triple-Channel Synchronous Rectified Buck MOSFET Driver
RT9628A RICHTEK-RT9628A Datasheet
171Kb / 12P
High Voltage Synchronous Rectified Triple Channel Buck MOSFET Driver
RT9629A RICHTEK-RT9629A_15 Datasheet
191Kb / 14P
Triple-Channel Synchronous Rectified Buck MOSFET Driver
RT9629B RICHTEK-RT9629B_15 Datasheet
182Kb / 14P
Triple-Channel Synchronous Rectified Buck MOSFET Driver
logo
Renesas Technology Corp
RAA220001 RENESAS-RAA220001 Datasheet
267Kb / 15P
Synchronous Rectified Buck MOSFET Driver
Jul.11.19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com