Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HAX500-S Datasheet(PDF) 3 Page - LEM

Part # HAX500-S
Description  Current Transducer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

HAX500-S Datasheet(HTML) 3 Page - LEM

  HAX500-S_11 Datasheet HTML 1Page - LEM HAX500-S_11 Datasheet HTML 2Page - LEM HAX500-S_11 Datasheet HTML 3Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice.
110527/17
www.lem.com
Page 3/3
108
64
126
144
1
1
4
1
45°
Positive Current Flow
MOLEX Connector
5045-04A
Pins arrangement:
1
2
3
4
(+)
(-) Output 0V
Fixation by base-plate or on bus bar
with M5 screws
56
18.5
18.5
11
11
HAX 500 to 2500-S
Dimensions (in mm)
d 5.5
d 5.5
Dimensions HAX 500..2500-S (in mm. 1 mm = 0.0394 inch)
Mechanical characteristics
● General tolerance
± 1.0 mm


Similar Part No. - HAX500-S_11

ManufacturerPart #DatasheetDescription
logo
LEM
HAX500-S LEM-HAX500-S_06 Datasheet
495Kb / 2P
Current Transducer
More results

Similar Description - HAX500-S_11

ManufacturerPart #DatasheetDescription
logo
LEM
HO50-S LEM-HO50-S Datasheet
1Mb / 14P
Current Transducer
HO60-P LEM-HO60-P Datasheet
1Mb / 15P
Current Transducer
HO-NP LEM-HO-NP Datasheet
929Kb / 12P
Current Transducer
HO-NP-0000 LEM-HO-NP-0000 Datasheet
2Mb / 16P
Current Transducer
HX03-P LEM-HX03-P_11 Datasheet
432Kb / 3P
Current Transducer
HAT200-S LEM-HAT200-S_14 Datasheet
403Kb / 3P
Current Transducer
HXS20-NP-SP2 LEM-HXS20-NP-SP2 Datasheet
757Kb / 3P
Current Transducer
LA55-P LEM-LA55-P_09 Datasheet
515Kb / 3P
Current Transducer
LA150-TP LEM-LA150-TP Datasheet
243Kb / 3P
Current Transducer
LTS15-NP LEM-LTS15-NP_11 Datasheet
471Kb / 3P
Current Transducer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com