Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HAT200-S Datasheet(PDF) 1 Page - LEM

Part # HAT200-S
Description  Current Transducer
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

HAT200-S Datasheet(HTML) 1 Page - LEM

  HAT200-S_14 Datasheet HTML 1Page - LEM HAT200-S_14 Datasheet HTML 2Page - LEM HAT200-S_14 Datasheet HTML 3Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1/3
9January2014/version 21
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice
www.lem.com
N° 64.02.44.000.0, N° 64.02.48.000.0, N° 64.02.50.000.0, N° 64.02.52.000.0
N° 64.02.56.000.0, N° 64.02.60.000.0, N° 64.02.62.000.0, N° 64.02.65.000.0
I
PN = 200 .. 1500 A
V
out = ± 4 V
Features
● Hall effect measuring principle
● Insulating plastic case recognized
according to UL 94-V0.
Advantages
● Easy installation
● Low power consumption
● Small size and space saving
● Only one design for wide current
ratings range
● High immunity to external
interference.
Applications
● DC motor drives
● Switched Mode Power Supplies
(SMPS)
● AC variable speed drives
● Uninterruptible Power Supplies
(UPS)
● Battery supplied applications
● Power supplies for welding
applications.
Application domain
● Industrial.
Current Transducer HAT 200 .. 1500-S
For the electronic measurement of currents: DC, AC, pulsed,...,
with galvanic separation between the primary circuit and the secondary
circuit.
Electrical data
Type
Primary nominal
Primary current,
RoHS since
rms current
measuring range 1)
date code
I
PN (A)
I
PM (A)
HAT 200-S
200
± 600
47143
HAT 400-S
400
± 1200
46115
HAT 500-S
500
± 1500
46129
HAT 600-S
600
± 1800
46115
HAT 800-S
800
± 2400
46115
HAT 1000-S
1000
± 2500
46097
HAT 1200-S
1200
± 2500
77271
HAT 1500-S
1500
± 2500
46158
U
C
Supply voltage (± 5 %) 1)
± 15
V
I
C
Current consumption
± 15
mA
R
IS
Insulation resistance @ 500 V DC
> 1000
MΩ
V
out
Output voltage (Analog) @ ± I
PN, RL = 10 kΩ, TA= 25 °C
± 4
V
R
out
Output internal resistance
100
R
L
Load resistance
> 10
kΩ
Accuracy - Dynamic performance data
X
Accuracy @ I
PN, TA = 25 °C (excluding offset)
≤ ± 1
% of I
PN
ε
L
Linearity error 2) (0 .. ± I
PN)
≤ ± 1
% of I
PN
V
OE
Electrical offset voltage @ T
A = 25 °C
< ± 20
mV
V
OH
Hysteresis offset voltage @ I
P = 0,
after an excursion of 1 x I
PN
< ± 10
mV
TCV
OE Temperature coefficient of VOE
- 40 °C .. + 80 °C < ± 1
mV/K
+ 80 °C .. + 105 °C < ± 1.5
mV/K
TCV
out Temperature coefficient of Vout (% of reading)
< ± 0.1
%/K
t
r
Step response time to 90 % of I
PN
< 5
µs
di
/dt
di/dt accurately followed
> 50
A/µs
BW
Frequency bandwidth 3) (- 3 dB)
DC .. 25
kHz
General data
T
A
Ambient operating temperature
- 40 .. + 105
°C
T
S
Ambient storage temperature
- 40 .. + 105
°C
m
Mass
300
g
Standards
EN 50178: 1997
UL 508: 2010 4)
Notes: 1) Operating at ± 12 V ≤ U
C < ± 15 V will reduce the measuring range
2)
Linearity data exclude the electrical offset
3)
Please refer to derating curves in the technical file to avoid excessive core
heating at high frequency
4)
UL conform is only applicable @ T
A = - 40 °C .. + 85 °C.
U
C
U
C
R
M
I
p
d
CI
d
Cp


Similar Part No. - HAT200-S_14

ManufacturerPart #DatasheetDescription
logo
LEM
HAT200-S LEM-HAT200-S Datasheet
374Kb / 3P
   Current Transducer
More results

Similar Description - HAT200-S_14

ManufacturerPart #DatasheetDescription
logo
LEM
HO50-S LEM-HO50-S Datasheet
1Mb / 14P
   Current Transducer
HO60-P LEM-HO60-P Datasheet
1Mb / 15P
   Current Transducer
HO-NP-0000 LEM-HO-NP-0000 Datasheet
2Mb / 16P
   Current Transducer
HXS20-NP-SP2 LEM-HXS20-NP-SP2 Datasheet
757Kb / 3P
   Current Transducer
LA55-P LEM-LA55-P_09 Datasheet
515Kb / 3P
   Current Transducer
LA150-TP LEM-LA150-TP Datasheet
243Kb / 3P
   Current Transducer
LTS15-NP LEM-LTS15-NP_11 Datasheet
471Kb / 3P
   Current Transducer
HO-NP LEM-HO-NP Datasheet
929Kb / 12P
   Current Transducer
HX03-P LEM-HX03-P_11 Datasheet
432Kb / 3P
   Current Transducer
HAX500-S LEM-HAX500-S_11 Datasheet
640Kb / 3P
   Current Transducer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com