Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMC4210 Datasheet(PDF) 24 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # TMC4210
Description  MOTION CONTROLLER FOR STEPPER MOTORS
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

TMC4210 Datasheet(HTML) 24 Page - TRINAMIC Motion Control GmbH & Co. KG.

Back Button TMC4210 Datasheet HTML 20Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210 Datasheet HTML 21Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210 Datasheet HTML 22Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210 Datasheet HTML 23Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210 Datasheet HTML 24Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210 Datasheet HTML 25Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210 Datasheet HTML 26Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210 Datasheet HTML 27Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210 Datasheet HTML 28Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 48 page
background image
TMC4210 DATASHEET (Rev. 1.03 / 2015-JUN-03)
24
www.trinamic.com
CONSIDERATIONS FOR THE CALCULATION OF PMUL AND PDIV
-
To accelerate, the ramp generator accumulates the acceleration value to the actual velocity with
each time step.
-
The absolute value V_MAX of the velocity internally is represented by 11+8=19 bits, while only the
most significant 11 bits and the sign are used as input for the step pulse generator. So, there are
211=2048 values possible for specifying a velocity within a range of 0 to 2047.
-
The ramp generator accumulates 1/256*A_MAX with each time step to the actual velocity value
V_ACTUAL during acceleration phases. This accumulation uses 8 bits for decimals. So, the
acceleration from a velocity V_ACTUAL=0 to the maximum possible velocity V_MAX=2047 spans
over 2048*256 / A_MAX pulse generator clock pulses.
-
Within the acceleration phase the pulse generator generates S = ½ * 2048* 256 / A_MAX * T steps
for the (micro) step unit.
-
The parameter T is the clock divider ratio: T = 2RAMP_DIV/ 2PULSE_DIV= 2RAMP_DIV– PULSE_DIV
During the acceleration, the velocity has to be increased until the velocity limit V_MAX is reached or
deceleration is required in order to exactly reach the target position. The TMC4210 automatically
determines the deceleration position in ramp_mode and decelerates. This calculation uses the
difference between current position and target position and the proportionality parameter p, which
has to be p = 2048 / S.
The following formula results:
���� =
2048
(
1
2 ∗ 2048 ∗
256
����������������) ∗ 2
����������������_������������−��������������������_������������
This can be simplified to
���� =
����_������������
128 ∗ 2����������������_������������−��������������������_������������
HINTS
-
To avoid overshooting, the parameter PMUL should be made approximately 1% smaller than
calculated. Alternatively set p reduced by an amount of 1%.
-
If the proportionality parameter p is too small, the target position will be reached slower,
because the slow down ramp starts earlier. The target position is approached with minimal
velocity V_MIN, whenever the internally calculated target velocity becomes less than V_MIN.
-
With a good parameter p the minimal velocity V_MIN is reached a couple of steps before the
target position.
-
With parameter p set a little bit too large and a small V_MIN overshooting of one step
(respectively one microstep) may occur. A decrement of the parameter PMUL avoids this one-step
overshooting.
v
V_MAX
v(t)
V_MIN
p too
small
p
too
larg
e
t1
t0
t2
Figure 6.3 Proportionality parameter p and outline of velocity profile(s)


Similar Part No. - TMC4210

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMC423 TRINAMIC-TMC423 Datasheet
290Kb / 1P
   Triple Incremental Encoder Interface and Companion IC for the TMC428
TMC423 TRINAMIC-TMC423 Datasheet
226Kb / 22P
   Serial Triple Incremental Encoder Interface
TMC423 TRINAMIC-TMC423_1 Datasheet
226Kb / 22P
   Serial Triple Incremental Encoder Interface
TMC424 TRINAMIC-TMC424 Datasheet
446Kb / 21P
   Serial Triple Incremental Encoder Interface
logo
List of Unclassifed Man...
TMC428 ETC-TMC428 Datasheet
378Kb / 50P
   Intelligent Triple Stepper Motor Controller with Serial Peripheral Interfaces
More results

Similar Description - TMC4210

ManufacturerPart #DatasheetDescription
logo
Nippon Pulse America, I...
PCD46X1A NPM-PCD46X1A Datasheet
657Kb / 2P
   Economical Motion Controllers for Stepper Motors
logo
TRINAMIC Motion Control...
TMC453 TRINAMIC-TMC453 Datasheet
143Kb / 1P
   High End Motion Controller with Encoder Interface for Stepper Motors
TMCM-1311 TRINAMIC-TMCM-1311 Datasheet
772Kb / 24P
   MODULE FOR STEPPER MOTORS
TMCM-1630 TRINAMIC-TMCM-1630 Datasheet
524Kb / 18P
   MODULE FOR STEPPER MOTORS
TMCM-1160 TRINAMIC-TMCM-1160 Datasheet
977Kb / 26P
   MODULE FOR STEPPER MOTORS
TMCM-6210 TRINAMIC-TMCM-6210 Datasheet
1Mb / 44P
   Module for Stepper Motors
TMCM-343 TRINAMIC-TMCM-343_11 Datasheet
769Kb / 27P
   MODULES FOR STEPPER MOTORS
TMCM-351 TRINAMIC-TMCM-351_12 Datasheet
991Kb / 28P
   MODULES FOR STEPPER MOTORS
TMCM-3110 TRINAMIC-TMCM-3110 Datasheet
955Kb / 32P
   MODULES FOR STEPPER MOTORS
TMCM-1110 TRINAMIC-TMCM-1110 Datasheet
870Kb / 18P
   MODULE FOR STEPPER MOTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com