Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMC4210 Datasheet(PDF) 15 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # TMC4210
Description  MOTION CONTROLLER FOR STEPPER MOTORS
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

TMC4210 Datasheet(HTML) 15 Page - TRINAMIC Motion Control GmbH & Co. KG.

Back Button TMC4210 Datasheet HTML 11Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210 Datasheet HTML 12Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210 Datasheet HTML 13Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210 Datasheet HTML 14Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210 Datasheet HTML 15Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210 Datasheet HTML 16Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210 Datasheet HTML 17Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210 Datasheet HTML 18Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210 Datasheet HTML 19Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 48 page
background image
TMC4210 DATASHEET (Rev. 1.03 / 2015-JUN-03)
15
www.trinamic.com
5.2.2.2 Datagrams Received by µC from the TMC4210
The datagrams received by the µC from the TMC4210 contain two groups of bits:
STATUS BITS
The status bits, sent back with each datagram, comprehend the most important
internal status bits of the TMC4210 and the settings of the reference switches
DATA BITS
Data bits are only for write access.
The most significant bit MSB is received first; the least significant bit LSB is received last. The TMC4210
only sends datagrams on demand.
32 BIT DATAGRAM SENT BACK FROM THE TMC4210 TO µC VIA PIN SDO_C
3
1
3
0
2
9
2
8
2
7
2
6
2
5
2
4
2
3
2
2
2
1
2
0
1
9
1
8
1
7
1
6
1
5
1
4
1
3
1
2
1
1
1
0
9 8 7 6 5 4 3 2 1 0
STATUS BITS
DATA BITS
-
-
-
STATUS INFORMATION BITS
INT
The status bit INT is the internal high active interrupt controller status output
signal. Handling of interrupt conditions without using interrupt techniques is
possible by polling this status bit.
The interrupt signal is available multiplexed with the SPI read back data at the
nINT_SDO_C pin of the TMC4210. The pin nINT_SDO_C may additionally be
connected to an interrupt input of the microcontroller. Do not set SDO_INT=1
because this setting disables the SPI output.
Since the SDO_C / nINT output on TMC4210-I is multiplexed, the microcontroller
has to disable its interrupt input while it sends a datagram to the TMC4210. The
SDO_C signal driven by the TMC4210 alternates during datagram transmission.
R_L
The status bit R_L represents the state of the left reference switch input (r_l).
R_R
r_r is visible here only, while mot1R has not yet been set.
GP_IN
The GP_IN status bit represents the setting of the general purpose input. Refer
to chapter 6.1.10.2, too.
xEQt1
The status bit xEQt1 indicates for the stepper motor, if it has reached its target
position.
The status bits r_r, r_l, and gp_in and the bit xEQt1 can trigger an interrupt or enable simple polling
techniques. See chapter 5.3, register 01 1110 for accessing the input bits.


Similar Part No. - TMC4210

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMC423 TRINAMIC-TMC423 Datasheet
290Kb / 1P
Triple Incremental Encoder Interface and Companion IC for the TMC428
TMC423 TRINAMIC-TMC423 Datasheet
226Kb / 22P
Serial Triple Incremental Encoder Interface
TMC423 TRINAMIC-TMC423_1 Datasheet
226Kb / 22P
Serial Triple Incremental Encoder Interface
TMC424 TRINAMIC-TMC424 Datasheet
446Kb / 21P
Serial Triple Incremental Encoder Interface
logo
List of Unclassifed Man...
TMC428 ETC-TMC428 Datasheet
378Kb / 50P
Intelligent Triple Stepper Motor Controller with Serial Peripheral Interfaces
More results

Similar Description - TMC4210

ManufacturerPart #DatasheetDescription
logo
Nippon Pulse America, I...
PCD46X1A NPM-PCD46X1A Datasheet
657Kb / 2P
Economical Motion Controllers for Stepper Motors
logo
TRINAMIC Motion Control...
TMC453 TRINAMIC-TMC453 Datasheet
143Kb / 1P
High End Motion Controller with Encoder Interface for Stepper Motors
TMCM-1311 TRINAMIC-TMCM-1311 Datasheet
772Kb / 24P
MODULE FOR STEPPER MOTORS
TMCM-1630 TRINAMIC-TMCM-1630 Datasheet
524Kb / 18P
MODULE FOR STEPPER MOTORS
TMCM-1160 TRINAMIC-TMCM-1160 Datasheet
977Kb / 26P
MODULE FOR STEPPER MOTORS
TMCM-6210 TRINAMIC-TMCM-6210 Datasheet
1Mb / 44P
Module for Stepper Motors
TMCM-343 TRINAMIC-TMCM-343_11 Datasheet
769Kb / 27P
MODULES FOR STEPPER MOTORS
TMCM-351 TRINAMIC-TMCM-351_12 Datasheet
991Kb / 28P
MODULES FOR STEPPER MOTORS
TMCM-3110 TRINAMIC-TMCM-3110 Datasheet
955Kb / 32P
MODULES FOR STEPPER MOTORS
TMCM-1110 TRINAMIC-TMCM-1110 Datasheet
870Kb / 18P
MODULE FOR STEPPER MOTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com