Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMC4210 Datasheet(PDF) 14 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # TMC4210
Description  MOTION CONTROLLER FOR STEPPER MOTORS
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

TMC4210 Datasheet(HTML) 14 Page - TRINAMIC Motion Control GmbH & Co. KG.

Back Button TMC4210 Datasheet HTML 10Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210 Datasheet HTML 11Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210 Datasheet HTML 12Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210 Datasheet HTML 13Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210 Datasheet HTML 14Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210 Datasheet HTML 15Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210 Datasheet HTML 16Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210 Datasheet HTML 17Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210 Datasheet HTML 18Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 48 page
background image
TMC4210 DATASHEET (Rev. 1.03 / 2015-JUN-03)
14
www.trinamic.com
TIMING CHARACTERISTICS OF THE SERIAL MICROCONTROLLER INTERFACE
Symbol
Parameter
Min
Typ
Max
Unit
tSUCSC
Setup Clocks for nSCS_C
3
CLK periods
tHDCSC
Hold Clocks for nSCS_C
3
CLK periods
tSCKCL
Serial Clock Low
3
CLK periods
tSCKCH
Serial Clock High
3
CLK periods
tSD
SDO_C valid after SCK_C low
2.5
3.5
CLK periods
tIS
nINTERRUPT status valid after
nSCS_C low
2.5
CLK periods
tSI
SDO_C valid after nSCS_C high
4.5
CLK periods
tDAMAGRAMuC
Datagram Length
3+3+32*6= 198
CLK periods
tDAMAGRAMuC
Datagram Length
12.375
µs
fCLK
Clock Frequency
0
32
MHz
tCLK
Clock Period tCLK = 1 / fCLK
31.25
ns
tPD
CLK-rising-edge-to-Output
Propagation Delay
5
ns
5.2.2 Datagram Structure
The µC communicates with the TMC4210 via the four wire serial interface. Each datagram sent to the
TMC4210 via the pin SDI_C and each datagram received from the TMC4210 via the pin SDO_C is 32 bits
long.
The first bit sent is the most significant bit (MSB) sdi_c_bit#31. The last bit sent is the least significant
bit (LSB) sdi_c_bit#0 (see Figure 5.1). During the reception of a datagram, the TMC4210 immediately
sends back a datagram of the same length to the microcontroller. This return datagram consists of
requested read data in the lower 24 datagram bits and status bits in the higher 8 datagram bits. A
read request is distinguished from a write request by the read/not write datagram bit (RW).
5.2.2.1 Datagrams Sent to the TMC4210
The datagrams sent to the TMC4210 are assorted in four groups of bits:
RRS
The register RAM select (RRS) bit selects either registers or the on-chip RAM.
ADDRESS
Address bits address memory within the register set or within the RAM area.
RW
The read / not write (RW) bit distinguishes between read access and write access:
read: RW = 1 / write RW = 0.
DATA
Data bits are only for write access. For read access these bits are not used (don’t
care) and should be set to 0.
32 BIT DATAGRAM SENT FROM µC TO THE TMC4210 VIA PIN SDI_C
3
1
3
0
2
9
2
8
2
7
2
6
2
5
2
4
2
3
2
2
2
1
2
0
1
9
1
8
1
7
1
6
1
5
1
4
1
3
1
2
1
1
1
0
9 8 7 6 5 4 3 2 1 0
ADDRESS
DATA
NOTE
-
Different internal registers of the TMC4210 have different lengths. For some registers only a
subset of 24 data bits is used.
-
Unused data bits should be set to 0.
-
Some addresses select a couple of registers mapped together into the 24 data bit space.


Similar Part No. - TMC4210

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMC423 TRINAMIC-TMC423 Datasheet
290Kb / 1P
   Triple Incremental Encoder Interface and Companion IC for the TMC428
TMC423 TRINAMIC-TMC423 Datasheet
226Kb / 22P
   Serial Triple Incremental Encoder Interface
TMC423 TRINAMIC-TMC423_1 Datasheet
226Kb / 22P
   Serial Triple Incremental Encoder Interface
TMC424 TRINAMIC-TMC424 Datasheet
446Kb / 21P
   Serial Triple Incremental Encoder Interface
logo
List of Unclassifed Man...
TMC428 ETC-TMC428 Datasheet
378Kb / 50P
   Intelligent Triple Stepper Motor Controller with Serial Peripheral Interfaces
More results

Similar Description - TMC4210

ManufacturerPart #DatasheetDescription
logo
Nippon Pulse America, I...
PCD46X1A NPM-PCD46X1A Datasheet
657Kb / 2P
   Economical Motion Controllers for Stepper Motors
logo
TRINAMIC Motion Control...
TMC453 TRINAMIC-TMC453 Datasheet
143Kb / 1P
   High End Motion Controller with Encoder Interface for Stepper Motors
TMCM-1311 TRINAMIC-TMCM-1311 Datasheet
772Kb / 24P
   MODULE FOR STEPPER MOTORS
TMCM-1630 TRINAMIC-TMCM-1630 Datasheet
524Kb / 18P
   MODULE FOR STEPPER MOTORS
TMCM-1160 TRINAMIC-TMCM-1160 Datasheet
977Kb / 26P
   MODULE FOR STEPPER MOTORS
TMCM-6210 TRINAMIC-TMCM-6210 Datasheet
1Mb / 44P
   Module for Stepper Motors
TMCM-343 TRINAMIC-TMCM-343_11 Datasheet
769Kb / 27P
   MODULES FOR STEPPER MOTORS
TMCM-351 TRINAMIC-TMCM-351_12 Datasheet
991Kb / 28P
   MODULES FOR STEPPER MOTORS
TMCM-3110 TRINAMIC-TMCM-3110 Datasheet
955Kb / 32P
   MODULES FOR STEPPER MOTORS
TMCM-1110 TRINAMIC-TMCM-1110 Datasheet
870Kb / 18P
   MODULE FOR STEPPER MOTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com