Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMC4210 Datasheet(PDF) 13 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # TMC4210
Description  MOTION CONTROLLER FOR STEPPER MOTORS
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

TMC4210 Datasheet(HTML) 13 Page - TRINAMIC Motion Control GmbH & Co. KG.

Back Button TMC4210 Datasheet HTML 9Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210 Datasheet HTML 10Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210 Datasheet HTML 11Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210 Datasheet HTML 12Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210 Datasheet HTML 13Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210 Datasheet HTML 14Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210 Datasheet HTML 15Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210 Datasheet HTML 16Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210 Datasheet HTML 17Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
TMC4210 DATASHEET (Rev. 1.03 / 2015-JUN-03)
13
www.trinamic.com
tSD
tSD
CLK
sdi_c_bit#31
tSCKCL
tSCKCH
tSUCSC
tHDCSC
1 x SDI_C sampled
one full 32 bit datagram
SDO_C
(for TMC429-I)
SDI_C
SCK_C
nSCS_C
sdi_c_bit#30 . . . sdi_c_bit#1
30 x sampled SDI_C
sdi_c_bit#0
1 x SDI_C sampled
tCLK
tDATAGRAMuC
tPD
tIS
tSD
tSI
tHDCSC
tSUCSC
sdo_c_bit#31
sdo_c_bit#30 ... sdo_c_bit#1
sdo_c_bit#0
nINT
sdo_c_bit#31
sdo_c_bit#30 ... sdo_c_bit#1
sdo_c_bit#0
nINT
SDOZ_C
Figure 5.1 Timing diagram of the serial µC interface
EXPLANATORY NOTES
-
While the data transmission from the microcontroller to the TMC4210 is idle, the low active serial
chip select input nSCS_C and also the serial data clock signal SCK_C are set to high.
-
While the signal nSCS_C is high, the TMC4210 assigns the status of the internal low active
interrupt signal nINT to the serial data output SDO_C.
-
The data signal SDI_C driven by the microcontroller has to be valid at the rising edge of the
serial data clock input SCK_C. The maximum duration of the serial data clock period is unlimited.
-
While the µC interface of the TMC4210 is idle, the SDO_C signal is the (active low) interrupt status
nINT of the integrated interrupt controller of the TMC4210. The timing of the multiplexed
interrupt status signal nINT is characterized by the parameters t
IS and tSI (see chapter 13.3).
The following SPI clock frequencies are recommended in order to avoid possible issues concerning
the SPI frequency between microcontroller and TMC4210:
- For fCLK = 16MHz an upper SPI clock frequency of 1MHz is recommended.
- For fCLK = 32MHz an upper SPI clock frequency of 2MHz is recommended.
PROCEDURE OF DATA TRANSMISSION
1. The signal nSCS_C has to be high for at least three clock cycles before starting a datagram
transmission. To initiate a transmission, the signal nSCS_C has to be set to low.
2. Three clock cycles later the serial data clock may go low.
3. The most significant bit (MSB) of a 32 bit wide datagram comes first and the least significant
bit (LSB) is transmitted as the last one.
4. A data transmission is finished by setting nSCS_C high three or more CLK cycles after the last
rising SCK_C slope.
5. So, nSCS_C and SCK_C change in opposite order from low to high at the end of a data
transmission as these signals change from high to low at the beginning.
In contrast to most other SPI compatible devices, the serial data output SDO_C of the TMC4210-I is
always driven. It will never be high impedance Z. If high impedance is required for the SDO_C
connected to the microcontroller, it can be realized using a single gate 74HCT1G125.


Similar Part No. - TMC4210

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMC423 TRINAMIC-TMC423 Datasheet
290Kb / 1P
   Triple Incremental Encoder Interface and Companion IC for the TMC428
TMC423 TRINAMIC-TMC423 Datasheet
226Kb / 22P
   Serial Triple Incremental Encoder Interface
TMC423 TRINAMIC-TMC423_1 Datasheet
226Kb / 22P
   Serial Triple Incremental Encoder Interface
TMC424 TRINAMIC-TMC424 Datasheet
446Kb / 21P
   Serial Triple Incremental Encoder Interface
logo
List of Unclassifed Man...
TMC428 ETC-TMC428 Datasheet
378Kb / 50P
   Intelligent Triple Stepper Motor Controller with Serial Peripheral Interfaces
More results

Similar Description - TMC4210

ManufacturerPart #DatasheetDescription
logo
Nippon Pulse America, I...
PCD46X1A NPM-PCD46X1A Datasheet
657Kb / 2P
   Economical Motion Controllers for Stepper Motors
logo
TRINAMIC Motion Control...
TMC453 TRINAMIC-TMC453 Datasheet
143Kb / 1P
   High End Motion Controller with Encoder Interface for Stepper Motors
TMCM-1311 TRINAMIC-TMCM-1311 Datasheet
772Kb / 24P
   MODULE FOR STEPPER MOTORS
TMCM-1630 TRINAMIC-TMCM-1630 Datasheet
524Kb / 18P
   MODULE FOR STEPPER MOTORS
TMCM-1160 TRINAMIC-TMCM-1160 Datasheet
977Kb / 26P
   MODULE FOR STEPPER MOTORS
TMCM-6210 TRINAMIC-TMCM-6210 Datasheet
1Mb / 44P
   Module for Stepper Motors
TMCM-343 TRINAMIC-TMCM-343_11 Datasheet
769Kb / 27P
   MODULES FOR STEPPER MOTORS
TMCM-351 TRINAMIC-TMCM-351_12 Datasheet
991Kb / 28P
   MODULES FOR STEPPER MOTORS
TMCM-3110 TRINAMIC-TMCM-3110 Datasheet
955Kb / 32P
   MODULES FOR STEPPER MOTORS
TMCM-1110 TRINAMIC-TMCM-1110 Datasheet
870Kb / 18P
   MODULE FOR STEPPER MOTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com