Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMC4210 Datasheet(PDF) 9 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # TMC4210
Description  MOTION CONTROLLER FOR STEPPER MOTORS
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

TMC4210 Datasheet(HTML) 9 Page - TRINAMIC Motion Control GmbH & Co. KG.

Back Button TMC4210 Datasheet HTML 5Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210 Datasheet HTML 6Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210 Datasheet HTML 7Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210 Datasheet HTML 8Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210 Datasheet HTML 9Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210 Datasheet HTML 10Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210 Datasheet HTML 11Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210 Datasheet HTML 12Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210 Datasheet HTML 13Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
TMC4210 DATASHEET (Rev. 1.03 / 2015-JUN-03)
9
www.trinamic.com
3 Package
The TMC4210 is qualified for the industrial temperature range. The package is RoHS compilant.
Order code
Package
Characteristics
JEDEC Drawing
TMC4210-I
SSOP16
150 mils, 16 pins, plastic package, industrial (-40… +85°C)
MO-137 (150 mils)
3.1 Package Outline
V33
nSCS_C
GND
SDI_C
TEST
V5
SCK_C
n.c.
nINT_SDO_C
CLK
n.c.
GP_IN
REF_L
REF_R
DIR_OUT
STEP_OUT
1
2
3
4
5
6
7
8
16
10
11
12
13
14
15
9
SSOP16 (150 MILS)
Figure 3.1 TMC4210 pin out
3.2 Signal Descriptions
Pin
SSOP16 In/Out
Description
Reset
-
-
Internal power-on reset.
No external reset input pin is available.
CLK
5
I
Clock input
nSCS_C
6
I
Low active SPI chip select input driven from µC
SCK_C
7
I
Serial data clock input driven from µC
SDI_C
8
I
Serial data input driven from µC
nINT_SDO_C
9
O
Serial data output to µC input /
Multiplexed nINTERRUPT output if communication with µC is idle (resp.
nSCS_C = 1)
SDO_C will never be high impedance
n.c.
12, 16
-
Leave open
SCK_S
11
O
DIR output
SDO_S
10
O
STEP output
REF_L
1
I
Left reference/limit switch input. Pull to GND if not used.
(no internal pull-up resistor)
GP_IN
2
I
General purpose input. Pull to GND if not used.
(no internal pull-up resistor)
REF_R
3
I
Right reference/limit switch input. Pull to GND if not used.
(no internal pull-up resistor)
V5
13
+5V supply / +3.3V supply
V33
14
470nF ceramic capacitor pin / +3.3V supply
GND
15
Ground
TEST
4
I
Must be connected to GND as close as possible to the chip. No user function.
Please refer to the application note
PCB_Guidelines_TRINAMIC_packages
for a practical guideline for all available TRINAMIC
IC packages and PCB footprints. The application
note
covers
package
dimensions,
example
footprints
and
general
information
on
PCB
footprints for these packages. It is available on
www.trinamic.com.


Similar Part No. - TMC4210

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMC423 TRINAMIC-TMC423 Datasheet
290Kb / 1P
   Triple Incremental Encoder Interface and Companion IC for the TMC428
TMC423 TRINAMIC-TMC423 Datasheet
226Kb / 22P
   Serial Triple Incremental Encoder Interface
TMC423 TRINAMIC-TMC423_1 Datasheet
226Kb / 22P
   Serial Triple Incremental Encoder Interface
TMC424 TRINAMIC-TMC424 Datasheet
446Kb / 21P
   Serial Triple Incremental Encoder Interface
logo
List of Unclassifed Man...
TMC428 ETC-TMC428 Datasheet
378Kb / 50P
   Intelligent Triple Stepper Motor Controller with Serial Peripheral Interfaces
More results

Similar Description - TMC4210

ManufacturerPart #DatasheetDescription
logo
Nippon Pulse America, I...
PCD46X1A NPM-PCD46X1A Datasheet
657Kb / 2P
   Economical Motion Controllers for Stepper Motors
logo
TRINAMIC Motion Control...
TMC453 TRINAMIC-TMC453 Datasheet
143Kb / 1P
   High End Motion Controller with Encoder Interface for Stepper Motors
TMCM-1311 TRINAMIC-TMCM-1311 Datasheet
772Kb / 24P
   MODULE FOR STEPPER MOTORS
TMCM-1630 TRINAMIC-TMCM-1630 Datasheet
524Kb / 18P
   MODULE FOR STEPPER MOTORS
TMCM-1160 TRINAMIC-TMCM-1160 Datasheet
977Kb / 26P
   MODULE FOR STEPPER MOTORS
TMCM-6210 TRINAMIC-TMCM-6210 Datasheet
1Mb / 44P
   Module for Stepper Motors
TMCM-343 TRINAMIC-TMCM-343_11 Datasheet
769Kb / 27P
   MODULES FOR STEPPER MOTORS
TMCM-351 TRINAMIC-TMCM-351_12 Datasheet
991Kb / 28P
   MODULES FOR STEPPER MOTORS
TMCM-3110 TRINAMIC-TMCM-3110 Datasheet
955Kb / 32P
   MODULES FOR STEPPER MOTORS
TMCM-1110 TRINAMIC-TMCM-1110 Datasheet
870Kb / 18P
   MODULE FOR STEPPER MOTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com