Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMC4210 Datasheet(PDF) 48 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # TMC4210
Description  MOTION CONTROLLER FOR STEPPER MOTORS
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

TMC4210 Datasheet(HTML) 48 Page - TRINAMIC Motion Control GmbH & Co. KG.

Back Button TMC4210 Datasheet HTML 40Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210 Datasheet HTML 41Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210 Datasheet HTML 42Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210 Datasheet HTML 43Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210 Datasheet HTML 44Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210 Datasheet HTML 45Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210 Datasheet HTML 46Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210 Datasheet HTML 47Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210 Datasheet HTML 48Page - TRINAMIC Motion Control GmbH & Co. KG.  
Zoom Inzoom in Zoom Outzoom out
 48 / 48 page
background image
TMC4210 DATASHEET (Rev. 1.03 / 2015-JUN-03)
48
www.trinamic.com
19 Table of Figures
Figure 1.1 TMC4210 functional block diagram ............................................................................................................. 4
Figure 1.2 Application example using Step/Dir driver interface ............................................................................. 5
Figure 3.1 TMC4210 pin out ............................................................................................................................................... 9
Figure 4.1 TMC4210 application environment with TMC260, TMC261 or TMC2660. .........................................11
Figure 5.1 Timing diagram of the serial µC interface ..............................................................................................13
Figure 6.1 Velocity ramp parameters and velocity profiles....................................................................................20
Figure 6.2 Target position calculation, ramp generator, and pulse generator.................................................23
Figure 6.3 Proportionality parameter p and outline of velocity profile(s).........................................................24
Figure 6.4 Left switch and right switch for reference search and automatic stop function .......................28
Figure 7.1 Triple switch configuration left stop switch – reference switch – right stop switch ................36
Figure 7.2 Reference search .............................................................................................................................................37
Figure 8.1 Step/Dir timing (en_sd = 1; step_half = 0) ...............................................................................................38
Figure 10.1 3 V operation (CMOS) vs. 5 V operation (TTL) .....................................................................................40
Figure 11.1 Operating principle of the power-on-reset...........................................................................................41
Figure 13.1 General timing parameters........................................................................................................................44
Figure 15.1 Dimensional drawings SSOP16, 150 MILS, 0.635mm (0.025 inch) pitch.......................................45
20 Revision History
Version
Date
Author
SD – Sonja Dwersteg
BD – Bernhard Dwersteg
Description
1.00
2013-SEP-09
SD
-
TMC4210 Datasheet Rev. 1.00 based on TMC429 Datasheet
1.01
2014-OCT-10
SD
-
Chapter 6.2 and 6.2.1 corrected.
-
Description of status information bits in chapter 5.2.2.2
corrected. Do not set SDO_INT=1 because this disables
the SPI output.
1.03
2015-JUN-03
BD
-
Update SPI status
21 References
[TMC4210+2660-EVAL]
TMC4210+2660-EVAL Manual / Evaluation board for S/D


Similar Part No. - TMC4210

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMC423 TRINAMIC-TMC423 Datasheet
290Kb / 1P
   Triple Incremental Encoder Interface and Companion IC for the TMC428
TMC423 TRINAMIC-TMC423 Datasheet
226Kb / 22P
   Serial Triple Incremental Encoder Interface
TMC423 TRINAMIC-TMC423_1 Datasheet
226Kb / 22P
   Serial Triple Incremental Encoder Interface
TMC424 TRINAMIC-TMC424 Datasheet
446Kb / 21P
   Serial Triple Incremental Encoder Interface
logo
List of Unclassifed Man...
TMC428 ETC-TMC428 Datasheet
378Kb / 50P
   Intelligent Triple Stepper Motor Controller with Serial Peripheral Interfaces
More results

Similar Description - TMC4210

ManufacturerPart #DatasheetDescription
logo
Nippon Pulse America, I...
PCD46X1A NPM-PCD46X1A Datasheet
657Kb / 2P
   Economical Motion Controllers for Stepper Motors
logo
TRINAMIC Motion Control...
TMC453 TRINAMIC-TMC453 Datasheet
143Kb / 1P
   High End Motion Controller with Encoder Interface for Stepper Motors
TMCM-1311 TRINAMIC-TMCM-1311 Datasheet
772Kb / 24P
   MODULE FOR STEPPER MOTORS
TMCM-1630 TRINAMIC-TMCM-1630 Datasheet
524Kb / 18P
   MODULE FOR STEPPER MOTORS
TMCM-1160 TRINAMIC-TMCM-1160 Datasheet
977Kb / 26P
   MODULE FOR STEPPER MOTORS
TMCM-6210 TRINAMIC-TMCM-6210 Datasheet
1Mb / 44P
   Module for Stepper Motors
TMCM-343 TRINAMIC-TMCM-343_11 Datasheet
769Kb / 27P
   MODULES FOR STEPPER MOTORS
TMCM-351 TRINAMIC-TMCM-351_12 Datasheet
991Kb / 28P
   MODULES FOR STEPPER MOTORS
TMCM-3110 TRINAMIC-TMCM-3110 Datasheet
955Kb / 32P
   MODULES FOR STEPPER MOTORS
TMCM-1110 TRINAMIC-TMCM-1110 Datasheet
870Kb / 18P
   MODULE FOR STEPPER MOTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com