Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMC4210 Datasheet(PDF) 45 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # TMC4210
Description  MOTION CONTROLLER FOR STEPPER MOTORS
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

TMC4210 Datasheet(HTML) 45 Page - TRINAMIC Motion Control GmbH & Co. KG.

Back Button TMC4210 Datasheet HTML 40Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210 Datasheet HTML 41Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210 Datasheet HTML 42Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210 Datasheet HTML 43Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210 Datasheet HTML 44Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210 Datasheet HTML 45Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210 Datasheet HTML 46Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210 Datasheet HTML 47Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210 Datasheet HTML 48Page - TRINAMIC Motion Control GmbH & Co. KG.  
Zoom Inzoom in Zoom Outzoom out
 45 / 48 page
background image
TMC4210 DATASHEET (Rev. 1.03 / 2015-JUN-03)
45
www.trinamic.com
15 Package Machanical Data
15.1 Dimensional Drawings
Attention: Drawings not to scale.
H
E
h x 45°
1
2
3
16
8
9
e
D
A
A1
h x 45°
A
2
L
WITH PLATING
b
1
c
1
c
b
BASE METAL
TOP VIEW
SIDE VIEW
C
B
4
5
6
7
15
14
13
12
11
10
END VIEW
LEAD (SIDE VIEW)
N=16
S
Figure 15.1 Dimensional drawings SSOP16, 150 MILS, 0.635mm (0.025 inch) pitch
DIMENSIONS OF PACKAGE SSOP16, 150 MILS
Symbol
Dimensions in MILLIMETERS
Dimensions in INCHES
Min
Typ
Max
Min
Typ
Max
A
1.55
1.63
1.73
0.061
0.064
0.068
A1
0.10
0.15
0.25
0.004
0.006
0.0098
A2
1.40
1.47
1.55
0.055
0.058
0.061
b
0.20
0.30
0.008
0.012
b
0.20
0.25
0.28
0.008
0.010
0.011
c
0.18
0.25
0.007
0.010
c
0.18
0.20
0.23
0.007
0.008
0.009
B
0.20
0.25
0.31
0.008
0.010
0.012
C
0.19
0.20
0.25
0.0075
0.008
0.0098
D
4.80
4.93
4.98
0.189
0.194
0.196
E
3.91 best case
0.154 best case
e
0.635 best case
0.025 best case
H
6.02 best case
0.237 best case
h
0.25
0.33
0.41
0.010
0.013
0.016
L
0.41
0.635
0.89
0.016
0.025
0.035
N
16
16
S
0.051
0.114
0.178
0.0020
0.0045
0.0070
0
5
8
0
5
8
15.1.1 Package Code
Device
Package
Temperature range
Code/ Marking
TMC4210
SSOP16 (RoHS)
-40° to +105°C
TMC4210-I


Similar Part No. - TMC4210

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMC423 TRINAMIC-TMC423 Datasheet
290Kb / 1P
   Triple Incremental Encoder Interface and Companion IC for the TMC428
TMC423 TRINAMIC-TMC423 Datasheet
226Kb / 22P
   Serial Triple Incremental Encoder Interface
TMC423 TRINAMIC-TMC423_1 Datasheet
226Kb / 22P
   Serial Triple Incremental Encoder Interface
TMC424 TRINAMIC-TMC424 Datasheet
446Kb / 21P
   Serial Triple Incremental Encoder Interface
logo
List of Unclassifed Man...
TMC428 ETC-TMC428 Datasheet
378Kb / 50P
   Intelligent Triple Stepper Motor Controller with Serial Peripheral Interfaces
More results

Similar Description - TMC4210

ManufacturerPart #DatasheetDescription
logo
Nippon Pulse America, I...
PCD46X1A NPM-PCD46X1A Datasheet
657Kb / 2P
   Economical Motion Controllers for Stepper Motors
logo
TRINAMIC Motion Control...
TMC453 TRINAMIC-TMC453 Datasheet
143Kb / 1P
   High End Motion Controller with Encoder Interface for Stepper Motors
TMCM-1311 TRINAMIC-TMCM-1311 Datasheet
772Kb / 24P
   MODULE FOR STEPPER MOTORS
TMCM-1630 TRINAMIC-TMCM-1630 Datasheet
524Kb / 18P
   MODULE FOR STEPPER MOTORS
TMCM-1160 TRINAMIC-TMCM-1160 Datasheet
977Kb / 26P
   MODULE FOR STEPPER MOTORS
TMCM-6210 TRINAMIC-TMCM-6210 Datasheet
1Mb / 44P
   Module for Stepper Motors
TMCM-343 TRINAMIC-TMCM-343_11 Datasheet
769Kb / 27P
   MODULES FOR STEPPER MOTORS
TMCM-351 TRINAMIC-TMCM-351_12 Datasheet
991Kb / 28P
   MODULES FOR STEPPER MOTORS
TMCM-3110 TRINAMIC-TMCM-3110 Datasheet
955Kb / 32P
   MODULES FOR STEPPER MOTORS
TMCM-1110 TRINAMIC-TMCM-1110 Datasheet
870Kb / 18P
   MODULE FOR STEPPER MOTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com