Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMC4210 Datasheet(PDF) 44 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # TMC4210
Description  MOTION CONTROLLER FOR STEPPER MOTORS
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

TMC4210 Datasheet(HTML) 44 Page - TRINAMIC Motion Control GmbH & Co. KG.

Back Button TMC4210 Datasheet HTML 40Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210 Datasheet HTML 41Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210 Datasheet HTML 42Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210 Datasheet HTML 43Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210 Datasheet HTML 44Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210 Datasheet HTML 45Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210 Datasheet HTML 46Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210 Datasheet HTML 47Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210 Datasheet HTML 48Page - TRINAMIC Motion Control GmbH & Co. KG.  
Zoom Inzoom in Zoom Outzoom out
 44 / 48 page
background image
TMC4210 DATASHEET (Rev. 1.03 / 2015-JUN-03)
44
www.trinamic.com
13.3 Timing Characteristics
General timing parameters (TMC4210 with EMI optimized output drivers)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
f
CLK
Operation frequency
f
CLK = 1 / tCLK
0
16
32
MHz
t
CLK
Clock period
Rising edge to rising
edge of CLK
31.25
ns
t
CLK_L
Clock time low
12.5
ns
t
CLK_H
Clock time high
12.5
ns
t
RISE_I
Input signal rise time
10% to 90% except TEST
pin
0.5
ns
t
FALL_I
Input signal fall time
90% to 10% except TEST
pin
0.5
ns
t
RISE_O_4210
Output signal rise time
10% to 90%
7
ns
t
FALL_O_4210
Output signal fall time
90% to 10%
7
ns
t
SU
Setup time
Relative to falling clock
edge at CLK
1
ns
t
HD
Hold time
Relative to falling clock
edge at CLK
1
ns
t
PD_4210
Propagation delay time
50% of rising edge of
the clock CLK to the 50%
of the output
1
10
ns
tCLK_L
tCLK_H
tCLK
tSU
tPD
90%
10%
50%
50%
tHD
tFALL
tRISE
CLK
OUTPUT
Figure 13.1 General timing parameters


Similar Part No. - TMC4210

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMC423 TRINAMIC-TMC423 Datasheet
290Kb / 1P
   Triple Incremental Encoder Interface and Companion IC for the TMC428
TMC423 TRINAMIC-TMC423 Datasheet
226Kb / 22P
   Serial Triple Incremental Encoder Interface
TMC423 TRINAMIC-TMC423_1 Datasheet
226Kb / 22P
   Serial Triple Incremental Encoder Interface
TMC424 TRINAMIC-TMC424 Datasheet
446Kb / 21P
   Serial Triple Incremental Encoder Interface
logo
List of Unclassifed Man...
TMC428 ETC-TMC428 Datasheet
378Kb / 50P
   Intelligent Triple Stepper Motor Controller with Serial Peripheral Interfaces
More results

Similar Description - TMC4210

ManufacturerPart #DatasheetDescription
logo
Nippon Pulse America, I...
PCD46X1A NPM-PCD46X1A Datasheet
657Kb / 2P
   Economical Motion Controllers for Stepper Motors
logo
TRINAMIC Motion Control...
TMC453 TRINAMIC-TMC453 Datasheet
143Kb / 1P
   High End Motion Controller with Encoder Interface for Stepper Motors
TMCM-1311 TRINAMIC-TMCM-1311 Datasheet
772Kb / 24P
   MODULE FOR STEPPER MOTORS
TMCM-1630 TRINAMIC-TMCM-1630 Datasheet
524Kb / 18P
   MODULE FOR STEPPER MOTORS
TMCM-1160 TRINAMIC-TMCM-1160 Datasheet
977Kb / 26P
   MODULE FOR STEPPER MOTORS
TMCM-6210 TRINAMIC-TMCM-6210 Datasheet
1Mb / 44P
   Module for Stepper Motors
TMCM-343 TRINAMIC-TMCM-343_11 Datasheet
769Kb / 27P
   MODULES FOR STEPPER MOTORS
TMCM-351 TRINAMIC-TMCM-351_12 Datasheet
991Kb / 28P
   MODULES FOR STEPPER MOTORS
TMCM-3110 TRINAMIC-TMCM-3110 Datasheet
955Kb / 32P
   MODULES FOR STEPPER MOTORS
TMCM-1110 TRINAMIC-TMCM-1110 Datasheet
870Kb / 18P
   MODULE FOR STEPPER MOTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com