Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMC4210 Datasheet(PDF) 43 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # TMC4210
Description  MOTION CONTROLLER FOR STEPPER MOTORS
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

TMC4210 Datasheet(HTML) 43 Page - TRINAMIC Motion Control GmbH & Co. KG.

Back Button TMC4210 Datasheet HTML 39Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210 Datasheet HTML 40Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210 Datasheet HTML 41Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210 Datasheet HTML 42Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210 Datasheet HTML 43Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210 Datasheet HTML 44Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210 Datasheet HTML 45Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210 Datasheet HTML 46Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210 Datasheet HTML 47Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 48 page
background image
TMC4210 DATASHEET (Rev. 1.03 / 2015-JUN-03)
43
www.trinamic.com
13.2 DC Characteristics
DC characteristics contain the spread of values guaranteed within the specified supply voltage range
unless otherwise specified. A device with typical values will not leave Min/Max range within the full
temperature range.
General DC characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
ILC
Input leakage current
-10
10
µA
CIN
Input capacitance
7
pF
LIL
Input with pull up
V
IN = 0V
-110
-30
-5
µA
DC characteristics for 3.3V supply mode
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
V
DD3
DC supply voltage
3.0
3.3
3.6
V
V
I3
DC input voltage
0
V
DD3
V
V
IL3
Low level input voltage
Pin TEST only
0
0.3 x V
DD3
V
V
IH3
High level input voltage
Pin TEST only
0.7 x V
DD3
V
DD3 + 0.3
V
V
LTH3
Low level input voltage
threshold
All inputs except TEST
0.9
1.2
V
V
HTH3
High level input voltage
threshold
All inputs except TEST
1.5
1.9
V
V
HYS3
Schmitt-Trigger
hysteresis
0.4
0.7
V
V
OL3
Low level output voltage I
OL = 0.3 mA
0.1
V
V
OH3
High
level
output
voltage
I
OH = 0.3 mA
V
DD3–0.1
V
V
OL3
Low level output voltage I
OL = 2 mA
0.4
V
OH3
High
level
output
voltage
I
OH = 2 mA
V
DD3–0.4
V
Ripple on V
DD3 has to be taken into account when measuring thresholds and hysteresis.
DC characteristics for 5V supply mode
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
V
DD5
DC supply voltage
4.5
5
5.5
V
V
I5
DC input voltage
0
V
DD5
V
V
IL5
Low level input voltage
Pin TEST only
0
0.3 x V
DD5
V
V
IH5
High level input voltage
Pin TEST only
0.7 x
VDD5
V
DD5 + 0.3
V
V
LTH5
Low level input voltage
threshold
All inputs except TEST,
V
DD5=5V
0.9
1.2
V
V
HTH5
High level input voltage
threshold
All inputs except TEST,
V
DD5=5V
1.5
1.9
V
V
HYS5
Schmitt-Trigger
hysteresis
0.4
0.7
V
V
OL5
Low level output voltage I
OL = 0.3 mA
0.1
V
V
OH5
High
level
output
voltage
I
OH = 0.3 mA
V
DD5–0.1
V
V
OL5
Low level output voltage I
OL = 4 mA
0.4
V
OH5
High
level
output
voltage
I
OH = 4 mA
V
DD5–0.4
V


Similar Part No. - TMC4210

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMC423 TRINAMIC-TMC423 Datasheet
290Kb / 1P
   Triple Incremental Encoder Interface and Companion IC for the TMC428
TMC423 TRINAMIC-TMC423 Datasheet
226Kb / 22P
   Serial Triple Incremental Encoder Interface
TMC423 TRINAMIC-TMC423_1 Datasheet
226Kb / 22P
   Serial Triple Incremental Encoder Interface
TMC424 TRINAMIC-TMC424 Datasheet
446Kb / 21P
   Serial Triple Incremental Encoder Interface
logo
List of Unclassifed Man...
TMC428 ETC-TMC428 Datasheet
378Kb / 50P
   Intelligent Triple Stepper Motor Controller with Serial Peripheral Interfaces
More results

Similar Description - TMC4210

ManufacturerPart #DatasheetDescription
logo
Nippon Pulse America, I...
PCD46X1A NPM-PCD46X1A Datasheet
657Kb / 2P
   Economical Motion Controllers for Stepper Motors
logo
TRINAMIC Motion Control...
TMC453 TRINAMIC-TMC453 Datasheet
143Kb / 1P
   High End Motion Controller with Encoder Interface for Stepper Motors
TMCM-1311 TRINAMIC-TMCM-1311 Datasheet
772Kb / 24P
   MODULE FOR STEPPER MOTORS
TMCM-1630 TRINAMIC-TMCM-1630 Datasheet
524Kb / 18P
   MODULE FOR STEPPER MOTORS
TMCM-1160 TRINAMIC-TMCM-1160 Datasheet
977Kb / 26P
   MODULE FOR STEPPER MOTORS
TMCM-6210 TRINAMIC-TMCM-6210 Datasheet
1Mb / 44P
   Module for Stepper Motors
TMCM-343 TRINAMIC-TMCM-343_11 Datasheet
769Kb / 27P
   MODULES FOR STEPPER MOTORS
TMCM-351 TRINAMIC-TMCM-351_12 Datasheet
991Kb / 28P
   MODULES FOR STEPPER MOTORS
TMCM-3110 TRINAMIC-TMCM-3110 Datasheet
955Kb / 32P
   MODULES FOR STEPPER MOTORS
TMCM-1110 TRINAMIC-TMCM-1110 Datasheet
870Kb / 18P
   MODULE FOR STEPPER MOTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com