Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMC4210 Datasheet(PDF) 42 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # TMC4210
Description  MOTION CONTROLLER FOR STEPPER MOTORS
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

TMC4210 Datasheet(HTML) 42 Page - TRINAMIC Motion Control GmbH & Co. KG.

Back Button TMC4210 Datasheet HTML 38Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210 Datasheet HTML 39Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210 Datasheet HTML 40Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210 Datasheet HTML 41Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210 Datasheet HTML 42Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210 Datasheet HTML 43Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210 Datasheet HTML 44Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210 Datasheet HTML 45Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210 Datasheet HTML 46Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 48 page
background image
TMC4210 DATASHEET (Rev. 1.03 / 2015-JUN-03)
42
www.trinamic.com
12 Absolute Maximum Ratings
The maximum ratings may not be exceeded under any circumstances. Operating the circuit at or near
more than one maximum rating at a time for extended periods shall be avoided by application
design.
Symbol Parameter
Conditions
Min
Max
Unit
V
DD3
DC supply voltage
Voltage at Pin V33 in 3.3V
mode
-0.3
3.6
V
V
I3
DC input voltage,
3.3 V I/Os
-0.3
V
DD3 +
0.3
V
V
O3
DC output voltage,
3.3 V I/Os
-0.3
V
DD3 +
0.3
V
V
DD5
DC supply voltage
Voltage at Pin V5
-0.3
5.5
V
V
I5
DC input voltage,
5V I/Os
Continuous DC Voltage
-0.3
V
DD5 + 0.3,
5.5 max
V
V
O5
DC output voltage,
5V I/Os
Continuous DC Voltage
-0.3
V
DD5 + 0.3,
5.5 max
V
V
ESD
ESD voltage
PAD cells are designed to
resist ESD voltages
according to Human Body
Model according to MIL-
STD-883, with R
C = 1 – 10
M, R
D = 1.5 K, and CS =
100 pF, but it cannot be
guaranteed.
2000
V
TEMP
D2
Ambient air temperature
range
Industrial / consumer type
-40
+85
°C
TEMP
D3
Ambient air temperature
range
Automotive type
-55
+125
°C
TEMP
D4
Ambient air temperature
range
Industrial type
-40
+105
°C
TSG
Storage temperature
-60
+150
°C
13 Electrical Characteristics
13.1 Power Dissipation
General DC characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
I
SC32MHZ
Supply current
f = 32 MHz at Tc = 25°C
15
mA
I
SC16MHZ
Supply current
f = 16 MHz at Tc = 25°C
5
10
mA
I
SC8MHZ4210
Supply current
f = 8 MHz at Tc = 25°C
(IOs driven)
5
mA
I
SC4MHZ
Supply current
f = 4 MHz at Tc = 25°C
1.25
2.5
mA
I
PDN25C
Power down current
Power down mode at
Tc = 25°C, 5V supply
70
150
µA


Similar Part No. - TMC4210

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMC423 TRINAMIC-TMC423 Datasheet
290Kb / 1P
   Triple Incremental Encoder Interface and Companion IC for the TMC428
TMC423 TRINAMIC-TMC423 Datasheet
226Kb / 22P
   Serial Triple Incremental Encoder Interface
TMC423 TRINAMIC-TMC423_1 Datasheet
226Kb / 22P
   Serial Triple Incremental Encoder Interface
TMC424 TRINAMIC-TMC424 Datasheet
446Kb / 21P
   Serial Triple Incremental Encoder Interface
logo
List of Unclassifed Man...
TMC428 ETC-TMC428 Datasheet
378Kb / 50P
   Intelligent Triple Stepper Motor Controller with Serial Peripheral Interfaces
More results

Similar Description - TMC4210

ManufacturerPart #DatasheetDescription
logo
Nippon Pulse America, I...
PCD46X1A NPM-PCD46X1A Datasheet
657Kb / 2P
   Economical Motion Controllers for Stepper Motors
logo
TRINAMIC Motion Control...
TMC453 TRINAMIC-TMC453 Datasheet
143Kb / 1P
   High End Motion Controller with Encoder Interface for Stepper Motors
TMCM-1311 TRINAMIC-TMCM-1311 Datasheet
772Kb / 24P
   MODULE FOR STEPPER MOTORS
TMCM-1630 TRINAMIC-TMCM-1630 Datasheet
524Kb / 18P
   MODULE FOR STEPPER MOTORS
TMCM-1160 TRINAMIC-TMCM-1160 Datasheet
977Kb / 26P
   MODULE FOR STEPPER MOTORS
TMCM-6210 TRINAMIC-TMCM-6210 Datasheet
1Mb / 44P
   Module for Stepper Motors
TMCM-343 TRINAMIC-TMCM-343_11 Datasheet
769Kb / 27P
   MODULES FOR STEPPER MOTORS
TMCM-351 TRINAMIC-TMCM-351_12 Datasheet
991Kb / 28P
   MODULES FOR STEPPER MOTORS
TMCM-3110 TRINAMIC-TMCM-3110 Datasheet
955Kb / 32P
   MODULES FOR STEPPER MOTORS
TMCM-1110 TRINAMIC-TMCM-1110 Datasheet
870Kb / 18P
   MODULE FOR STEPPER MOTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com