Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMC4210 Datasheet(PDF) 38 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # TMC4210
Description  MOTION CONTROLLER FOR STEPPER MOTORS
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

TMC4210 Datasheet(HTML) 38 Page - TRINAMIC Motion Control GmbH & Co. KG.

Back Button TMC4210 Datasheet HTML 34Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210 Datasheet HTML 35Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210 Datasheet HTML 36Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210 Datasheet HTML 37Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210 Datasheet HTML 38Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210 Datasheet HTML 39Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210 Datasheet HTML 40Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210 Datasheet HTML 41Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210 Datasheet HTML 42Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 48 page
background image
TMC4210 DATASHEET (Rev. 1.03 / 2015-JUN-03)
38
www.trinamic.com
8 Step/Dir Drivers
Step/Dir drivers contain an internal sequencer. The Step/Dir interface is a simple and universal
interface for real time motion control. All additional control functions like current control have to be
provided by the microcontroller directly communicating to the driver.
The Step/Dir mode is enabled if the control bit en_sd (enable Step/Dir) of the IF_CONFIGURATION_4210
register is set to 1.
8.1 Timing
The timing of the Step/Dir interface should be adapted to the requirements of the driver and the
transmission line. The minimum pulse width may be limited.
The timing of the Step/Dir interface is controlled by four LSBs named STPDIV_4210.
For a given clock frequency f
CLK [MHz] of the TMC4210, the length tSTEP [µs] of a step pulse is
��������������������[��������] = 16 ∗
1 + ������������������������_4210
����������������[������������]
-
For a clock frequency f
CLK[MHz] of 16MHz the step pulse length can be programmed in integer
multiple of 1µs by STPDIV_4210.
-
The STPDIV_4210 has to be set compatible to the upper step frequency f
STEP = 1/tSTEP which is
used.
-
The first step pulse after a change of direction is delayed by t
DIR2STP which is equal to tSTEP to
avoid setup time violations of the Step/Dir power stage.
MAXIMUM STEP FREQUENCIES
Generally, the maximum step pulse frequency is f
STEP_MAX [MHz] = fCLK [MHz] / 32.
For a clock frequency f
CLK [MHz] = 16 MHz the maximum step pulse frequency fSTEP_MAX is 500kHz.
For a clock frequency f
CLK [MHz] = 32 MHz the maximum step pulse frequency fSTEP_MAX is 1MHz.
STP
DIR
tSTEP
tDIR2STP = tSTEP
tSTEP
tDIR2STP = tSTEP
Figure 8.1 Step/Dir timing (en_sd = 1; step_half = 0)


Similar Part No. - TMC4210

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMC423 TRINAMIC-TMC423 Datasheet
290Kb / 1P
   Triple Incremental Encoder Interface and Companion IC for the TMC428
TMC423 TRINAMIC-TMC423 Datasheet
226Kb / 22P
   Serial Triple Incremental Encoder Interface
TMC423 TRINAMIC-TMC423_1 Datasheet
226Kb / 22P
   Serial Triple Incremental Encoder Interface
TMC424 TRINAMIC-TMC424 Datasheet
446Kb / 21P
   Serial Triple Incremental Encoder Interface
logo
List of Unclassifed Man...
TMC428 ETC-TMC428 Datasheet
378Kb / 50P
   Intelligent Triple Stepper Motor Controller with Serial Peripheral Interfaces
More results

Similar Description - TMC4210

ManufacturerPart #DatasheetDescription
logo
Nippon Pulse America, I...
PCD46X1A NPM-PCD46X1A Datasheet
657Kb / 2P
   Economical Motion Controllers for Stepper Motors
logo
TRINAMIC Motion Control...
TMC453 TRINAMIC-TMC453 Datasheet
143Kb / 1P
   High End Motion Controller with Encoder Interface for Stepper Motors
TMCM-1311 TRINAMIC-TMCM-1311 Datasheet
772Kb / 24P
   MODULE FOR STEPPER MOTORS
TMCM-1630 TRINAMIC-TMCM-1630 Datasheet
524Kb / 18P
   MODULE FOR STEPPER MOTORS
TMCM-1160 TRINAMIC-TMCM-1160 Datasheet
977Kb / 26P
   MODULE FOR STEPPER MOTORS
TMCM-6210 TRINAMIC-TMCM-6210 Datasheet
1Mb / 44P
   Module for Stepper Motors
TMCM-343 TRINAMIC-TMCM-343_11 Datasheet
769Kb / 27P
   MODULES FOR STEPPER MOTORS
TMCM-351 TRINAMIC-TMCM-351_12 Datasheet
991Kb / 28P
   MODULES FOR STEPPER MOTORS
TMCM-3110 TRINAMIC-TMCM-3110 Datasheet
955Kb / 32P
   MODULES FOR STEPPER MOTORS
TMCM-1110 TRINAMIC-TMCM-1110 Datasheet
870Kb / 18P
   MODULE FOR STEPPER MOTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com