Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMC4210 Datasheet(PDF) 34 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # TMC4210
Description  MOTION CONTROLLER FOR STEPPER MOTORS
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

TMC4210 Datasheet(HTML) 34 Page - TRINAMIC Motion Control GmbH & Co. KG.

Back Button TMC4210 Datasheet HTML 30Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210 Datasheet HTML 31Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210 Datasheet HTML 32Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210 Datasheet HTML 33Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210 Datasheet HTML 34Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210 Datasheet HTML 35Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210 Datasheet HTML 36Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210 Datasheet HTML 37Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210 Datasheet HTML 38Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 48 page
background image
TMC4210 DATASHEET (Rev. 1.03 / 2015-JUN-03)
34
www.trinamic.com
6.2 Global Parameter Registers
The registers addressed by RRS=0 with SMDA=%11 are global common parameter registers. To
emphasize this difference, the address label JDX is used as index name instead of IDX (see overview
in chapter 5.3).
OVERVIEW GLOBAL PARAMETER REGISTER MAPPING
REGISTER
DESCRIPTION
IF_CONFIGURATION_4210
This register is used for configuration of
-
the reference switch inputs
-
the Step/Dir interface
-
the association of the position compare output signal to one stepper motor
STEPPER MOTOR GLOBAL
PARAMETER REGISTER
This register holds configuration bits for the stepper motor driver chain and defines
-
timing
-
reference switch adjustments
6.2.1 IF_CONFIGURATION_4210 (JDX=%0100)
The register IF_CONFIGURATION_4210 is the interface configuration register for the TMC4210. It is used
for configuration of
-
the reference inputs
-
the interrupt output
-
the Step/Dir interface
INTERFACE CONFIGURATION REGISTER CONTROL BITS
IF_CONFIGURATION_4210 Function
inv_ref
Invert common polarity for all reference switches. If this bit is set, a low level
on the input signals an active reference switch.
step_half
Toggle on each step pulse (this halfs the step frequency, both pulse edges
represent steps). step_half reduces the required step pulse bandwidth and is
useful if for low-bandwidth optocouplers. This function can be used for the
TMC262 stepper driver.
inv_stp
Invert step pulse polarity. This configuration can be used for adaption of the
step polarity to external driver stage.
inv_dir
Invert step pulse polarity. This is for adaption to external driver stages.
Alternatively, this can be used as a shaft bit to adjust the direction of motion
for the motor, but do not use this as a direction bit because it has no effect
on the internal handling of signs (X_ACTUAL, V_ACTUAL…).
en_sd
Enable the Step/Dir interface by setting this bit to 1 (EN_SD=1).
Note: The step pulse timing (length) must be compatible with both, the
desired step frequency and the external drivers’ requirements. The step pulse
timing is determined by the 4 LSBs of STPDIV_4210.
32 BIT DATAGRAM SENT FROM A µC TO THE TMC4210
3
1
3
0
2
9
2
8
2
7
2
6
2
5
2
4
2
3
2
2
2
1
2
0
1
9
1
8
1
7
1
6
1
5
1
4
1
3
1
2
1
1
1
0
9 8 7 6 5 4 3 2 1 0
ADDRESS
DATA
0
1 1 0 1 0 0
IF_CONFIGURATION_4210
0 0


Similar Part No. - TMC4210

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMC423 TRINAMIC-TMC423 Datasheet
290Kb / 1P
Triple Incremental Encoder Interface and Companion IC for the TMC428
TMC423 TRINAMIC-TMC423 Datasheet
226Kb / 22P
Serial Triple Incremental Encoder Interface
TMC423 TRINAMIC-TMC423_1 Datasheet
226Kb / 22P
Serial Triple Incremental Encoder Interface
TMC424 TRINAMIC-TMC424 Datasheet
446Kb / 21P
Serial Triple Incremental Encoder Interface
logo
List of Unclassifed Man...
TMC428 ETC-TMC428 Datasheet
378Kb / 50P
Intelligent Triple Stepper Motor Controller with Serial Peripheral Interfaces
More results

Similar Description - TMC4210

ManufacturerPart #DatasheetDescription
logo
Nippon Pulse America, I...
PCD46X1A NPM-PCD46X1A Datasheet
657Kb / 2P
Economical Motion Controllers for Stepper Motors
logo
TRINAMIC Motion Control...
TMC453 TRINAMIC-TMC453 Datasheet
143Kb / 1P
High End Motion Controller with Encoder Interface for Stepper Motors
TMCM-1311 TRINAMIC-TMCM-1311 Datasheet
772Kb / 24P
MODULE FOR STEPPER MOTORS
TMCM-1630 TRINAMIC-TMCM-1630 Datasheet
524Kb / 18P
MODULE FOR STEPPER MOTORS
TMCM-1160 TRINAMIC-TMCM-1160 Datasheet
977Kb / 26P
MODULE FOR STEPPER MOTORS
TMCM-6210 TRINAMIC-TMCM-6210 Datasheet
1Mb / 44P
Module for Stepper Motors
TMCM-343 TRINAMIC-TMCM-343_11 Datasheet
769Kb / 27P
MODULES FOR STEPPER MOTORS
TMCM-351 TRINAMIC-TMCM-351_12 Datasheet
991Kb / 28P
MODULES FOR STEPPER MOTORS
TMCM-3110 TRINAMIC-TMCM-3110 Datasheet
955Kb / 32P
MODULES FOR STEPPER MOTORS
TMCM-1110 TRINAMIC-TMCM-1110 Datasheet
870Kb / 18P
MODULE FOR STEPPER MOTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com