![]() |
Electronic Components Datasheet Search |
|
TMC4210 Datasheet(PDF) 30 Page - TRINAMIC Motion Control GmbH & Co. KG. |
|
|
TMC4210 Datasheet(HTML) 30 Page - TRINAMIC Motion Control GmbH & Co. KG. |
30 / 48 page ![]() TMC4210 DATASHEET (Rev. 1.03 / 2015-JUN-03) 30 www.trinamic.com 6.1.11 INTERRUPT_MASK & INTERRUPT_FLAGS (IDX=%1011) The TMC4210 provides one interrupt register of eight flags for the stepper motor. Interrupt bits are named int_<mnemonic>. The interrupt out nINT_SDO_C is set active low and the interrupt status bit int is set active high if at least one interrupt flag of the motor becomes set. If the interrupt status is inactive, nINT is high (1) and int is low (0). SETTING MASKS AND FLAGS - An interrupt flag is set to 1 if its assigned interrupt condition occurs. - Each interrupt bit can either be enabled or disabled (1/0) individually by an associated interrupt mask bit named mask_<mnemonic>. - Interrupt flags are reset to 0 by a write access (RW=0) to their interrupt register address (IDX=%1011). Write 1 at the position of the bit to clear the flag. Writing a 0 to the corresponding position leaves the interrupt flag untouched. - Interrupt flags are forced to 0 if the corresponding mask bit is disabled (0). INTERRUPT FLAGS int_<mnemonic> Function int_pos_end If a target position is reached while the interrupt mask mask_pos_end is 1, the bit is set to 1. int_ref_wrong Reference switch signal was active outside the reference switch tolerance range (defined by the DX_REF_TOLERANCE register). The switches processed via the inputs REF_L and REF_R can be used as stop switches for automatic motion limiting, as reference switches, and for both. If a reference switch becomes active out of the reference switch tolerance range the interrupt flag int_ref_wrong is set if the interrupt mask bit mask_ref_wrong is set. int_ref_miss The interrupt flag int_ref_miss is set if the reference switch is inactive at the 0 position and the mask mask_ref_miss is enabled. int_stop The int_stop flag is set, if the reference switch has forced a stop during motion and if the interrupt mask mask_stop is set. int_stop_left_low High to low transition of left reference switch. The int_stop_left_low flag is set if the reference switch changes from high to low and if the interrupt mask bit mask_stop_left_low is set. int_stop_right_low High to low transition of right reference switch. The int_stop_right_low flag is set if the reference switch changes from high to low and if the interrupt mask bit mask_stop_right_low is set. int_stop_left_high Low to high transition of left reference switch. The int_stop_left_high flag indicates that the left reference switch input changes from low to high if the mask bit mask_stop_left_high is set. int_stop_right_high Low to high transition of right reference switch. The int_stop_right_high flag indicates that the right reference switch input changes from low to high if the mask bit mask_stop_right_high is set. INTERRUPT MASK BIT mask_<mnemonic> Function mask_pos_end 1: mask enabled; 0: mask disabled. mask_ref_wrong 1: mask enabled; 0: mask disabled. mask_ref_miss 1: mask enabled; 0: mask disabled. mask_stop 1: mask enabled; 0: mask disabled. mask_stop_left_low 1: mask enabled; 0: mask disabled. mask_stop_right_low 1: mask enabled; 0: mask disabled. mask_stop_left_high 1: mask enabled; 0: mask disabled. mask_stop_right_high 1: mask enabled; 0: mask disabled. |
Similar Part No. - TMC4210 |
|
Similar Description - TMC4210 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |