Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMC4210 Datasheet(PDF) 28 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # TMC4210
Description  MOTION CONTROLLER FOR STEPPER MOTORS
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

TMC4210 Datasheet(HTML) 28 Page - TRINAMIC Motion Control GmbH & Co. KG.

Back Button TMC4210 Datasheet HTML 24Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210 Datasheet HTML 25Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210 Datasheet HTML 26Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210 Datasheet HTML 27Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210 Datasheet HTML 28Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210 Datasheet HTML 29Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210 Datasheet HTML 30Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210 Datasheet HTML 31Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210 Datasheet HTML 32Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 48 page
background image
TMC4210 DATASHEET (Rev. 1.03 / 2015-JUN-03)
28
www.trinamic.com
6.1.10.2 The REF_CONF Register and the lp Read-Only Status Bit
A reference switch can be used as an automatic stop switch. The reference switch indicates the
reference position within a given tolerance. The automatic stop function of the switches can be
enabled or disabled. Also a reference tolerance range (see register DX_REF_TOLERANCE, chapter 0) can
be programmed to allow motion within the reference switch active range during homing.
When a reference switch is triggered, the actual position can be stored automatically. This allows a
precise determination of the reference point. It is initiated by writing a dummy value to the register
X_LATCHED (see chapter 6.1.14). The read-only status bit lp (latch position waiting) indicates that the
next change of the selected reference switch will trigger latching the position X_ACTUAL. The lp bit is
automatically reset after position latching.
Negative direction
Mechanical inaccuracy of switches
(switching hysteresis)
x1
x2
Motor
Traveller
Left switch
xleft
DX_REF_TOLERANCE
Positive direction
x3
x4
xright
Right switch
xtraveler
Figure 6.4 Left switch and right switch for reference search and automatic stop function
The bits contained in the REF_CONF register control the semantic and the actions of the reference/stop
switch modes for interrupt generation as explained later. The stepper motor stops if the
reference/stop switch becomes active. This mechanism reacts only to the switch which corresponds to
the actual motion direction, e.g. the right switch when moving to a more positive position. The
configuration bits named disable_stop_l respectively disable_stop_r disable these automatic stop
functions. If the bit soft_stop is set, the motor stops with linear ramp as determined by A_MAX.
REFERENCE SWITCH CONFIGURATION BITS REF_CONF AND LP STATUS BIT
REF_CONF mnemonic
Function
disable_stop_l
0 :
The motor will be stopped when the velocity is negative
(V_ACTUAL < 0) and the left reference switch becomes active.
1 :
Left reference switch is disabled as an automatic stop switch.
disable_stop_r
0 :
Stops the motor if the velocity is positive (V_ACTUAL > 0) and the
right reference switch becomes active.
1 :
Right reference switch is disabled as an automatic stop switch.
soft_stop
0 :
Stopping takes place immediately; motion parameter limits are
ignored.
1 :
Stopping takes place in consideration of motion parameter limits;
stops with linear ramp.
ref_RnL
0 :
The bit ref_RnL (reference switch Right not Left) defines which
switch will be used as the reference switch.
The definition of the reference switch by the configuration bit
ref_RnL has no effect on the stop function of the reference
switches if disable_stop_l = 0 respectively disable_stop_r = 0.
The left reference switch controls reference switch functions.
1 :
The right (not left) reference switch controls reference switch
functions.
lp
0 :
This is the power-on default of the lp (latched position waiting)
bit.
1 :
X_LATCHED has been initialized by a write access to latch the
position on a change of the reference switch. It is set to 0 after a
position has been latched.


Similar Part No. - TMC4210

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMC423 TRINAMIC-TMC423 Datasheet
290Kb / 1P
   Triple Incremental Encoder Interface and Companion IC for the TMC428
TMC423 TRINAMIC-TMC423 Datasheet
226Kb / 22P
   Serial Triple Incremental Encoder Interface
TMC423 TRINAMIC-TMC423_1 Datasheet
226Kb / 22P
   Serial Triple Incremental Encoder Interface
TMC424 TRINAMIC-TMC424 Datasheet
446Kb / 21P
   Serial Triple Incremental Encoder Interface
logo
List of Unclassifed Man...
TMC428 ETC-TMC428 Datasheet
378Kb / 50P
   Intelligent Triple Stepper Motor Controller with Serial Peripheral Interfaces
More results

Similar Description - TMC4210

ManufacturerPart #DatasheetDescription
logo
Nippon Pulse America, I...
PCD46X1A NPM-PCD46X1A Datasheet
657Kb / 2P
   Economical Motion Controllers for Stepper Motors
logo
TRINAMIC Motion Control...
TMC453 TRINAMIC-TMC453 Datasheet
143Kb / 1P
   High End Motion Controller with Encoder Interface for Stepper Motors
TMCM-1311 TRINAMIC-TMCM-1311 Datasheet
772Kb / 24P
   MODULE FOR STEPPER MOTORS
TMCM-1630 TRINAMIC-TMCM-1630 Datasheet
524Kb / 18P
   MODULE FOR STEPPER MOTORS
TMCM-1160 TRINAMIC-TMCM-1160 Datasheet
977Kb / 26P
   MODULE FOR STEPPER MOTORS
TMCM-6210 TRINAMIC-TMCM-6210 Datasheet
1Mb / 44P
   Module for Stepper Motors
TMCM-343 TRINAMIC-TMCM-343_11 Datasheet
769Kb / 27P
   MODULES FOR STEPPER MOTORS
TMCM-351 TRINAMIC-TMCM-351_12 Datasheet
991Kb / 28P
   MODULES FOR STEPPER MOTORS
TMCM-3110 TRINAMIC-TMCM-3110 Datasheet
955Kb / 32P
   MODULES FOR STEPPER MOTORS
TMCM-1110 TRINAMIC-TMCM-1110 Datasheet
870Kb / 18P
   MODULE FOR STEPPER MOTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com