Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NP179N04TUK-E1-AY Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # NP179N04TUK-E1-AY
Description  N-channel Power MOS FET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NP179N04TUK-E1-AY Datasheet(HTML) 1 Page - Renesas Technology Corp

  NP179N04TUK-E1-AY Datasheet HTML 1Page - Renesas Technology Corp NP179N04TUK-E1-AY Datasheet HTML 2Page - Renesas Technology Corp NP179N04TUK-E1-AY Datasheet HTML 3Page - Renesas Technology Corp NP179N04TUK-E1-AY Datasheet HTML 4Page - Renesas Technology Corp NP179N04TUK-E1-AY Datasheet HTML 5Page - Renesas Technology Corp NP179N04TUK-E1-AY Datasheet HTML 6Page - Renesas Technology Corp NP179N04TUK-E1-AY Datasheet HTML 7Page - Renesas Technology Corp NP179N04TUK-E1-AY Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
R07DS1248EJ0100 Rev.1.00
Page 1 of 6
Feb 12, 2015
Preliminary Data Sheet
NP179N04TUK
40 V – 180 A – N-channel Power MOS FET
Application: Automotive
Description
The NP179N04TUK is N-channel MOS Field Effect Transistors designed for high current switching applications.
Features
• Super low on-state resistance
RDS(on) = 1.25 m
Ω MAX. (V
GS = 10 V, ID = 90 A)
• Low Ciss
Ciss = 8900 pF TYP. (VDS = 25 V)
• Designed for automotive application and AEC-Q101 qualified
Ordering Information
Part No.
Lead Plating
Packing
Package
NP179N04TUK-E1-AY
*1
Pure Sn (Tin)
Tape 800 p/reel
Taping (E1 type)
TO-263-7pin
NP179N04TUK-E2-AY
*1
Taping (E2 type)
Note:
*1 Pb-free (This product does not contain Pb in the external electrode)
Absolute Maximum Ratings (TA = 25°C)
Item
Symbol
Ratings
Unit
Drain to Source Voltage (VGS = 0 V)
VDSS
40
V
Gate to Source Voltage (VDS = 0 V)
VGSS
±20
V
Drain Current (DC) (TC = 25°C)
ID(DC)
±180
A
Drain Current (pulse)
*1
ID(pulse)
±720
A
Total Power Dissipation (TC = 25°C)
PT1
288
W
Total Power Dissipation (TA = 25°C)
*2
PT2
1.8
W
Channel Temperature
Tch
175
°C
Storage Temperature
Tstg
–55 to +175
°C
Repetitive Avalanche Current
*3
IAR
66
A
Repetitive Avalanche Energy
*3
EAR
435
mJ
Notes: *1 TC = 25°C, PW
≤ 10 μs, Duty Cycle ≤ 1%
*2 Mounted on glass epoxy substrate of 40 mm
× 40 mm × 1.6 mmt with 4% Copper area (35 μm)
*3 RG = 25
Ω, VGS = 20 V → 0 V
Thermal Resistance
Channel to Case Thermal Resistance
Rth(ch-C)
0.52
°C/W
Channel to Ambient Thermal Resistance
Rth(ch-A)
83.3
°C/W
R07DS1248EJ0100
Rev.1.00
Feb 12, 2015


Similar Part No. - NP179N04TUK-E1-AY

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NP179N055TUK RENESAS-NP179N055TUK Datasheet
335Kb / 8P
   55 V ??180 A ??N-channel Power MOS FET
NP179N055TUK-E1-AY RENESAS-NP179N055TUK-E1-AY Datasheet
335Kb / 8P
   55 V ??180 A ??N-channel Power MOS FET
NP179N055TUK-E2-AY RENESAS-NP179N055TUK-E2-AY Datasheet
335Kb / 8P
   55 V ??180 A ??N-channel Power MOS FET
More results

Similar Description - NP179N04TUK-E1-AY

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
   Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
logo
Torex Semiconductor
XP131A0232SR TOREX-XP131A0232SR Datasheet
174Kb / 4P
   N-Channel Power MOS FET
XP133A0175SR TOREX-XP133A0175SR Datasheet
171Kb / 4P
   N-Channel Power MOS FET
logo
Renesas Technology Corp
NP120N04NUK RENESAS-NP120N04NUK Datasheet
347Kb / 8P
   N-channel Power MOS FET
NP60N06PDK RENESAS-NP60N06PDK Datasheet
366Kb / 9P
   N-channel Power MOS FET
logo
Torex Semiconductor
XP131A0526SR TOREX-XP131A0526SR Datasheet
184Kb / 4P
   N-Channel Power MOS FET
logo
Renesas Technology Corp
NP45N06VDK RENESAS-NP45N06VDK Datasheet
371Kb / 9P
   N-channel Power MOS FET
NP119N04NUK RENESAS-NP119N04NUK Datasheet
347Kb / 8P
   N-channel Power MOS FET
logo
Torex Semiconductor
XP131A1715SR TOREX-XP131A1715SR Datasheet
224Kb / 4P
   N-Channel Power MOS FET
XP133A1330SR TOREX-XP133A1330SR Datasheet
193Kb / 4P
   N-Channel Power MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com