Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NP45N06VDK Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # NP45N06VDK
Description  N-channel Power MOS FET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NP45N06VDK Datasheet(HTML) 1 Page - Renesas Technology Corp

  NP45N06VDK Datasheet HTML 1Page - Renesas Technology Corp NP45N06VDK Datasheet HTML 2Page - Renesas Technology Corp NP45N06VDK Datasheet HTML 3Page - Renesas Technology Corp NP45N06VDK Datasheet HTML 4Page - Renesas Technology Corp NP45N06VDK Datasheet HTML 5Page - Renesas Technology Corp NP45N06VDK Datasheet HTML 6Page - Renesas Technology Corp NP45N06VDK Datasheet HTML 7Page - Renesas Technology Corp NP45N06VDK Datasheet HTML 8Page - Renesas Technology Corp NP45N06VDK Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
R07DS1295EJ0100 Rev.1.00
Page 1 of 7
Oct 26, 2015
Data Sheet
NP45N06VDK
60 V – 45 A – N-channel Power MOS FET
Application: Automotive
Description
NP45N06VDK is N-channel MOS Field Effect Transistor designed for high current switching applications.
Features
• Super low on-state resistance
⎯ R
DS(on)1 = 11.6 mΩ MAX. (VGS = 10 V, ID = 23 A)
• Low C
iss: Ciss = 1530 pF TYP. (VDS = 25 V)
• Designed for automotive application and AEC-Q101 qualified
Outline
Source
Body
Diode
Gate
Drain
TO-252(MP-3ZP)
Equivalent circuit
Remark: Strong electric field, when exposed to this device, can cause destruction of the gate oxide and
ultimately degrade the device operation. Steps must be taken to stop generation of static electricity
as much as possible, and quickly dissipate it once, when it has occurred.
Ordering Information
Part No.
Lead Plating
Packing
Package
NP45N06VDK-E1-AY *
1
Pure Sn (Tin)
Tape 2500 p/reel
Taping (E1 type)
TO-252(MP-3ZP)
NP45N06VDK-E2-AY *
1
Taping (E2 type)
Note: *1. Pb-free (This product does not contain Pb in the external electrode)
R07DS1295EJ0100
Rev.1.00
Oct 26, 2015


Similar Part No. - NP45N06VDK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NP45N06VUK RENESAS-NP45N06VUK Datasheet
287Kb / 10P
60 V – 45 A – N-channel Power MOS FET Application: Automotive
May 24, 2018
NP45N06VUK-E1-AY RENESAS-NP45N06VUK-E1-AY Datasheet
287Kb / 10P
60 V – 45 A – N-channel Power MOS FET Application: Automotive
May 24, 2018
NP45N06VUK-E1-AY** RENESAS-NP45N06VUK-E1-AY* Datasheet
113Kb / 10P
60 V ??45 A ??N-channel Power MOS FET Application: Automotive
NP45N06VUK-E2-AY RENESAS-NP45N06VUK-E2-AY Datasheet
287Kb / 10P
60 V – 45 A – N-channel Power MOS FET Application: Automotive
May 24, 2018
NP45N06VUK-E2-AY*1 RENESAS-NP45N06VUK-E2-AY*1 Datasheet
113Kb / 10P
60 V ??45 A ??N-channel Power MOS FET Application: Automotive
More results

Similar Description - NP45N06VDK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
logo
Torex Semiconductor
XP131A0232SR TOREX-XP131A0232SR Datasheet
174Kb / 4P
N-Channel Power MOS FET
XP133A0175SR TOREX-XP133A0175SR Datasheet
171Kb / 4P
N-Channel Power MOS FET
logo
Renesas Technology Corp
NP120N04NUK RENESAS-NP120N04NUK Datasheet
347Kb / 8P
N-channel Power MOS FET
NP60N06PDK RENESAS-NP60N06PDK Datasheet
366Kb / 9P
N-channel Power MOS FET
NP179N04TUK RENESAS-NP179N04TUK Datasheet
332Kb / 8P
N-channel Power MOS FET
logo
Torex Semiconductor
XP131A0526SR TOREX-XP131A0526SR Datasheet
184Kb / 4P
N-Channel Power MOS FET
logo
Renesas Technology Corp
NP119N04NUK RENESAS-NP119N04NUK Datasheet
347Kb / 8P
N-channel Power MOS FET
logo
Torex Semiconductor
XP131A1715SR TOREX-XP131A1715SR Datasheet
224Kb / 4P
N-Channel Power MOS FET
XP133A1330SR TOREX-XP133A1330SR Datasheet
193Kb / 4P
N-Channel Power MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com