Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NP45N06VDK Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # NP45N06VDK
Description  N-channel Power MOS FET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NP45N06VDK Datasheet(HTML) 5 Page - Renesas Technology Corp

  NP45N06VDK Datasheet HTML 1Page - Renesas Technology Corp NP45N06VDK Datasheet HTML 2Page - Renesas Technology Corp NP45N06VDK Datasheet HTML 3Page - Renesas Technology Corp NP45N06VDK Datasheet HTML 4Page - Renesas Technology Corp NP45N06VDK Datasheet HTML 5Page - Renesas Technology Corp NP45N06VDK Datasheet HTML 6Page - Renesas Technology Corp NP45N06VDK Datasheet HTML 7Page - Renesas Technology Corp NP45N06VDK Datasheet HTML 8Page - Renesas Technology Corp NP45N06VDK Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
NP45N06VDK
R07DS1295EJ0100 Rev.1.00
Page 5 of 7
Oct 26, 2015
DRAIN CURRENT vs.
DRAIN TO SOURCE VOLTAGE
FORWARD TRANSFER CHARACTERISTICS
0
25
50
75
100
125
150
01
23
VGS=10V
Pulsed
VDS - Drain to Source Voltage - V
0.001
0.01
0.1
1
10
100
012
34
VDS = 10V
Pulsed
TA=175°C
75°C
25°C
-55°C
VGS - Gate to Source Voltage - V
GATE TO SOURCE THRESHOLD VOLTAGE vs.
CHANNEL TEMPERATURE
FORWARD TRANSFER ADMITTANCE vs.
DRAIN
CURRENT
0
1
2
3
-100
-50
0
50
100
150
200
VDS = VGS
ID=250μA
Tch - Channel Temperature - °C
1
10
100
0.1
1
10
100
VDS = 5V
Pulsed
TA=175°C
150°C
75°C
25°C
-55°C
ID - Drain Current - A
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
DRAIN CURRENT
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
GATE TO SOURCE VOLTAGE
0
5
10
15
20
25
0.1
1
10
100
1000
Pulsed
VGS=10V
4.5V
ID - Drain Current - A
0
5
10
15
20
25
0
5
10
15
20
Pulsed
ID=23A
VGS - Gate to Source Voltage - V


Similar Part No. - NP45N06VDK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NP45N06VUK RENESAS-NP45N06VUK Datasheet
287Kb / 10P
60 V – 45 A – N-channel Power MOS FET Application: Automotive
May 24, 2018
NP45N06VUK-E1-AY RENESAS-NP45N06VUK-E1-AY Datasheet
287Kb / 10P
60 V – 45 A – N-channel Power MOS FET Application: Automotive
May 24, 2018
NP45N06VUK-E1-AY** RENESAS-NP45N06VUK-E1-AY* Datasheet
113Kb / 10P
60 V ??45 A ??N-channel Power MOS FET Application: Automotive
NP45N06VUK-E2-AY RENESAS-NP45N06VUK-E2-AY Datasheet
287Kb / 10P
60 V – 45 A – N-channel Power MOS FET Application: Automotive
May 24, 2018
NP45N06VUK-E2-AY*1 RENESAS-NP45N06VUK-E2-AY*1 Datasheet
113Kb / 10P
60 V ??45 A ??N-channel Power MOS FET Application: Automotive
More results

Similar Description - NP45N06VDK

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XP131A0232SR TOREX-XP131A0232SR Datasheet
174Kb / 4P
N-Channel Power MOS FET
XP131A0526SR TOREX-XP131A0526SR Datasheet
184Kb / 4P
N-Channel Power MOS FET
XP131A1715SR TOREX-XP131A1715SR Datasheet
224Kb / 4P
N-Channel Power MOS FET
XP133A1330SR TOREX-XP133A1330SR Datasheet
193Kb / 4P
N-Channel Power MOS FET
XP133A0175SR TOREX-XP133A0175SR Datasheet
171Kb / 4P
N-Channel Power MOS FET
logo
Renesas Technology Corp
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
NP60N06PDK RENESAS-NP60N06PDK Datasheet
366Kb / 9P
N-channel Power MOS FET
NP119N04NUK RENESAS-NP119N04NUK Datasheet
347Kb / 8P
N-channel Power MOS FET
NP120N04NUK RENESAS-NP120N04NUK Datasheet
347Kb / 8P
N-channel Power MOS FET
NP179N04TUK RENESAS-NP179N04TUK Datasheet
332Kb / 8P
N-channel Power MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com