Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMC424 Datasheet(PDF) 16 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # TMC424
Description  Serial Triple Incremental Encoder Interface
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

TMC424 Datasheet(HTML) 16 Page - TRINAMIC Motion Control GmbH & Co. KG.

Back Button TMC424 Datasheet HTML 12Page - TRINAMIC Motion Control GmbH & Co. KG. TMC424 Datasheet HTML 13Page - TRINAMIC Motion Control GmbH & Co. KG. TMC424 Datasheet HTML 14Page - TRINAMIC Motion Control GmbH & Co. KG. TMC424 Datasheet HTML 15Page - TRINAMIC Motion Control GmbH & Co. KG. TMC424 Datasheet HTML 16Page - TRINAMIC Motion Control GmbH & Co. KG. TMC424 Datasheet HTML 17Page - TRINAMIC Motion Control GmbH & Co. KG. TMC424 Datasheet HTML 18Page - TRINAMIC Motion Control GmbH & Co. KG. TMC424 Datasheet HTML 19Page - TRINAMIC Motion Control GmbH & Co. KG. TMC424 Datasheet HTML 20Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
TMC424 Datasheet – (V1.04 / 2015-JUL-01)
16/21
Copyright © 2011 TRINAMIC Motion Control GmbH & Co. KG
Encoder: 125 lines
(993)h for 12800 micro steps (prescaler 25.6)
(8C4)h for 6400 micro steps (prescaler 12.8)
(862)h for 3200 micro steps (prescaler 6.4)
(831)h for 1600 micro steps (prescaler 3.2)
(813)h for 800 micro steps (prescaler 1.6)
Encoder: 50 lines (200 steps per rotation)
(400)h for 12800 micro steps (prescaler 64)
(200)h for 6400 micro steps (prescaler 32)
(100)h for 3200 micro steps (prescaler 16)
(080)h for 1600 micro steps (prescaler 8)
(040)h for 800 micro steps (prescaler 4)
(020)h for 400 micro steps (prescaler 2)
(010)h for 200 steps per rotation (prescaler 1)
11
N Polarity for Selected Interface
0 = active low (default)
1 = active high
When changing the polarity, please be aware that a single clear on N Event might be
triggered, and thus should not be initiated in the same write access.
10
Hold on N for Selected Interface
0 = no hold (default)
1 = active: Encoder counter freezes during 0 channel event.
9
Clear on N Event for Selected Interface
0 = no clear (default)
1 = active
When switched to active, then it depends on bit 8, if a clear event is issued only once, or
always when the N channel becomes active.
8
N Trigger Selection
0 = only at next N signal (default)
1 = always at N signal
The clear event last until the N signal goes inactive again. If earlier termination is desired,
i.e. to preset the encoder counter to a different value, disable “Clear on N” prior to
changing the position register.
7
add or sub register for each step (CW = looking onto the axis)
0= add for CW, sub for CCW (default)
1= add for CCW, sub for CW
6…0
Reserved
Table 6: SPI Datagram Prescaler
7.2 Encoder Interface Hold Register Operation
To read the actual contents of the position register or to preset the position register the following
command is to be used:
Bit
Encoder Interface Control (Read/Preload Encoder Hold Register)
31…28
“0000” Register Address
27…25
Select Encoder Hold Register
100 = Hold register in encoder interface 1
101 = Hold register in encoder interface 2
110 = Hold register in encoder interface 3
24
Read or Preload Selection
0 = Read encoder hold register
1 = Preload encoder hold register
23…0
Encoder Hold Register Data
Table 7: SPI Datagram Hold Register


Similar Part No. - TMC424

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMC4210 TRINAMIC-TMC4210 Datasheet
1Mb / 48P
MOTION CONTROLLER FOR STEPPER MOTORS
TMC4210+2660-EVAL TRINAMIC-TMC4210+2660-EVAL Datasheet
1Mb / 48P
MOTION CONTROLLER FOR STEPPER MOTORS
TMC4210-I TRINAMIC-TMC4210-I Datasheet
1Mb / 48P
MOTION CONTROLLER FOR STEPPER MOTORS
TMC423 TRINAMIC-TMC423 Datasheet
290Kb / 1P
Triple Incremental Encoder Interface and Companion IC for the TMC428
TMC423 TRINAMIC-TMC423 Datasheet
226Kb / 22P
Serial Triple Incremental Encoder Interface
More results

Similar Description - TMC424

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THCT12016 TI-THCT12016 Datasheet
1Mb / 25P
INCREMENTAL ENCODER INTERFACE
logo
List of Unclassifed Man...
PE12316 ETC-PE12316 Datasheet
1Mb / 29P
Triple Incremental Encoder
logo
CUI INC
MES12 CUI-MES12 Datasheet
74Kb / 3P
incremental encoder
logo
TRINAMIC Motion Control...
TMC423 TRINAMIC-TMC423 Datasheet
290Kb / 1P
Triple Incremental Encoder Interface and Companion IC for the TMC428
TMC423 TRINAMIC-TMC423_1 Datasheet
226Kb / 22P
Serial Triple Incremental Encoder Interface
logo
IC-Haus GmbH
IC-WT ICHAUS-IC-WT Datasheet
731Kb / 13P
INCREMENTAL ENCODER
logo
CUI INC
MAS36 CUI-MAS36 Datasheet
47Kb / 1P
Incremental Encoder
MES3 CUI-MES3 Datasheet
298Kb / 5P
INCREMENTAL ENCODER
logo
TRINAMIC Motion Control...
TMC4330A TRINAMIC-TMC4330A Datasheet
3Mb / 166P
Encoder interface for incremental or serial encoders.
logo
WAGO Kontakttechnik Gmb...
750-631-000-010 WAGO-750-631-000-010 Datasheet
372Kb / 10P
Incremental encoder interface; 5 ??24 VDC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com