Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMC424 Datasheet(PDF) 15 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # TMC424
Description  Serial Triple Incremental Encoder Interface
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

TMC424 Datasheet(HTML) 15 Page - TRINAMIC Motion Control GmbH & Co. KG.

Back Button TMC424 Datasheet HTML 11Page - TRINAMIC Motion Control GmbH & Co. KG. TMC424 Datasheet HTML 12Page - TRINAMIC Motion Control GmbH & Co. KG. TMC424 Datasheet HTML 13Page - TRINAMIC Motion Control GmbH & Co. KG. TMC424 Datasheet HTML 14Page - TRINAMIC Motion Control GmbH & Co. KG. TMC424 Datasheet HTML 15Page - TRINAMIC Motion Control GmbH & Co. KG. TMC424 Datasheet HTML 16Page - TRINAMIC Motion Control GmbH & Co. KG. TMC424 Datasheet HTML 17Page - TRINAMIC Motion Control GmbH & Co. KG. TMC424 Datasheet HTML 18Page - TRINAMIC Motion Control GmbH & Co. KG. TMC424 Datasheet HTML 19Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
TMC424 Datasheet – (V1.04 / 2015-JUL-01)
15/21
Copyright © 2011 TRINAMIC Motion Control GmbH & Co. KG
7 Configuration Datagrams
7.1 Encoder Interface Prescaler and Null Event Configuration
The Encoder Interface Initialization datagram configures the parameterizeable encoder prescaler to
adapt the TMC424 for different incremental encoders. Furthermore the TMC424 behavior concerning the
N channel can be selected.
Example: A 1000 steps per rotation encoder is to connect at a stepper motor with 12800 microsteps per rotation. When the
next event at the high active N channel is found, the position register must set to zero. Only Encoder Interface 1 is connected.
The following datagram performs this task:
Bits 31 down to 24 have to be set to 01HEX to select encoder interface 1
The prescaler value has to set to 12800 / (1000*4) = 3.2. Therefore bits 23 down to 12 must set to 831HEX.
The N channel is set up correctly when bits 11 down to 0 are set to A0HEX.
Bit
Encoder Interface Initialization
31…28
“0000” Register Address
27…25
Interface Selection
000 = Interface 1
001 = Interface 2
010 = Interface 3
011 = Interface 1, 2 and 3
24
‘1’
23…12
External Encoder Resolution and Corresponding Prescaler Factor
Bits 15 … 12:
Fractional part of Factor. Unit: 1/16 (when bit 23 = 0) resp. 1/5 (bit 23 = 1)
Bits 22 … 16:
Integer part of Factor
Bit 23:
Switches Fractional part between 1/5 resolution or 1/16 resolution
Default:
(010)
h (prescaler 1)
(default value after power on)
Example settings:
Encoder: 1024 lines (4096 steps per rotation)
(032)h for 12800 micro steps per rotation (prescaler 3.125)
(019)h for 6400 micro steps (prescaler 1.5625)
Encoder: 1000 lines
(831) h for 12800 micro steps (prescaler 3.2)
(813)h for 6400 micro steps (prescaler 1.6)
Encoder: 512 lines
(064)h for 12800 micro steps (prescaler 6.25)
(032)h for 6400 micro steps (prescaler 3.125)
(019)h for 3200 micro steps (prescaler 1.5625)
Encoder: 500 lines
(862)h for 12800 micro steps (prescaler 6.4)
(831)h for 6400 micro steps (prescaler 3.2)
(813)h for 3200 micro steps (prescaler 1.6)
Encoder: 256 lines
(0C8)h for 12800 micro steps (prescaler 12.5)
(064)h for 6400 micro steps (prescaler 6.25)
(032)h for 3200 micro steps (prescaler 3.125)
(019)h for 1600 micro steps (prescaler 1.5625)
Encoder: 250 lines
(8C4)h for 12800 micro steps (prescaler 12.8)
(862)h for 6400 micro steps (prescaler 6.4)
(831)h for 3200 micro steps (prescaler 3.2)
(813)h for 1600 micro steps (prescaler 1.6)
Encoder: 200 lines
(100)h for 12800 micro steps (prescaler 16)
(080)h for 6400 micro steps (prescaler 8)
(040)h for 3200 micro steps (prescaler 4)
(020)h for 1600 micro steps (prescaler 2)
(010)h for 800 micro steps (prescaler 1)


Similar Part No. - TMC424

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMC4210 TRINAMIC-TMC4210 Datasheet
1Mb / 48P
MOTION CONTROLLER FOR STEPPER MOTORS
TMC4210+2660-EVAL TRINAMIC-TMC4210+2660-EVAL Datasheet
1Mb / 48P
MOTION CONTROLLER FOR STEPPER MOTORS
TMC4210-I TRINAMIC-TMC4210-I Datasheet
1Mb / 48P
MOTION CONTROLLER FOR STEPPER MOTORS
TMC423 TRINAMIC-TMC423 Datasheet
290Kb / 1P
Triple Incremental Encoder Interface and Companion IC for the TMC428
TMC423 TRINAMIC-TMC423 Datasheet
226Kb / 22P
Serial Triple Incremental Encoder Interface
More results

Similar Description - TMC424

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THCT12016 TI-THCT12016 Datasheet
1Mb / 25P
INCREMENTAL ENCODER INTERFACE
logo
List of Unclassifed Man...
PE12316 ETC-PE12316 Datasheet
1Mb / 29P
Triple Incremental Encoder
logo
CUI INC
MES12 CUI-MES12 Datasheet
74Kb / 3P
incremental encoder
logo
TRINAMIC Motion Control...
TMC423 TRINAMIC-TMC423 Datasheet
290Kb / 1P
Triple Incremental Encoder Interface and Companion IC for the TMC428
TMC423 TRINAMIC-TMC423_1 Datasheet
226Kb / 22P
Serial Triple Incremental Encoder Interface
logo
IC-Haus GmbH
IC-WT ICHAUS-IC-WT Datasheet
731Kb / 13P
INCREMENTAL ENCODER
logo
CUI INC
MAS36 CUI-MAS36 Datasheet
47Kb / 1P
Incremental Encoder
MES3 CUI-MES3 Datasheet
298Kb / 5P
INCREMENTAL ENCODER
logo
TRINAMIC Motion Control...
TMC4330A TRINAMIC-TMC4330A Datasheet
3Mb / 166P
Encoder interface for incremental or serial encoders.
logo
WAGO Kontakttechnik Gmb...
750-631-000-010 WAGO-750-631-000-010 Datasheet
372Kb / 10P
Incremental encoder interface; 5 ??24 VDC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com