Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMC424 Datasheet(PDF) 14 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # TMC424
Description  Serial Triple Incremental Encoder Interface
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

TMC424 Datasheet(HTML) 14 Page - TRINAMIC Motion Control GmbH & Co. KG.

Back Button TMC424 Datasheet HTML 10Page - TRINAMIC Motion Control GmbH & Co. KG. TMC424 Datasheet HTML 11Page - TRINAMIC Motion Control GmbH & Co. KG. TMC424 Datasheet HTML 12Page - TRINAMIC Motion Control GmbH & Co. KG. TMC424 Datasheet HTML 13Page - TRINAMIC Motion Control GmbH & Co. KG. TMC424 Datasheet HTML 14Page - TRINAMIC Motion Control GmbH & Co. KG. TMC424 Datasheet HTML 15Page - TRINAMIC Motion Control GmbH & Co. KG. TMC424 Datasheet HTML 16Page - TRINAMIC Motion Control GmbH & Co. KG. TMC424 Datasheet HTML 17Page - TRINAMIC Motion Control GmbH & Co. KG. TMC424 Datasheet HTML 18Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
TMC424 Datasheet – (V1.04 / 2015-JUL-01)
14/21
Copyright © 2011 TRINAMIC Motion Control GmbH & Co. KG
6 Incremental Encoder
Incremental Encoders are translating the rotary motion of a shaft into a two-channel digital quadrature
output. The light emitted from a LED is focused onto a reflective code wheel. As the shaft moves, the
code wheel rotates, reflecting light from an alternating bright and dark pattern.
The TMC424 samples the incoming signals ENCx_A and ENCx_B from the incremental encoder. A
internal algorithm block counts the amount of edges generated by the encoder. A prescaler value can
be used to adapt the incremental encoder resolution to the stepper motor resolution.
For high resolution the TMC424 evaluates the encoder signals 4-times during each encoder step. This
has to be kept in mind when choosing the prescaler value.
Channel A
Channel B
Evaluation
Step
Channel N
Figure 10: Encoder Output and Evaluation
Note: It is possible that the encoder signals ENCx_A, ENCx_B and ENCx_N are polluted with crosstalk
noise. Crosstalk could influence the internal logic, to overcome this problem internal filters are applied
to ensure correct functionality. Furthermore is saves the need for external analog filters.
e.g.: Figure 11: Crosstalk on Encoder Wire shows crosstalk from channel A to channel B.
Figure 11: Crosstalk on Encoder Wire


Similar Part No. - TMC424

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMC4210 TRINAMIC-TMC4210 Datasheet
1Mb / 48P
MOTION CONTROLLER FOR STEPPER MOTORS
TMC4210+2660-EVAL TRINAMIC-TMC4210+2660-EVAL Datasheet
1Mb / 48P
MOTION CONTROLLER FOR STEPPER MOTORS
TMC4210-I TRINAMIC-TMC4210-I Datasheet
1Mb / 48P
MOTION CONTROLLER FOR STEPPER MOTORS
TMC423 TRINAMIC-TMC423 Datasheet
290Kb / 1P
Triple Incremental Encoder Interface and Companion IC for the TMC428
TMC423 TRINAMIC-TMC423 Datasheet
226Kb / 22P
Serial Triple Incremental Encoder Interface
More results

Similar Description - TMC424

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THCT12016 TI-THCT12016 Datasheet
1Mb / 25P
INCREMENTAL ENCODER INTERFACE
logo
List of Unclassifed Man...
PE12316 ETC-PE12316 Datasheet
1Mb / 29P
Triple Incremental Encoder
logo
CUI INC
MES12 CUI-MES12 Datasheet
74Kb / 3P
incremental encoder
logo
TRINAMIC Motion Control...
TMC423 TRINAMIC-TMC423 Datasheet
290Kb / 1P
Triple Incremental Encoder Interface and Companion IC for the TMC428
TMC423 TRINAMIC-TMC423_1 Datasheet
226Kb / 22P
Serial Triple Incremental Encoder Interface
logo
IC-Haus GmbH
IC-WT ICHAUS-IC-WT Datasheet
731Kb / 13P
INCREMENTAL ENCODER
logo
CUI INC
MAS36 CUI-MAS36 Datasheet
47Kb / 1P
Incremental Encoder
MES3 CUI-MES3 Datasheet
298Kb / 5P
INCREMENTAL ENCODER
logo
TRINAMIC Motion Control...
TMC4330A TRINAMIC-TMC4330A Datasheet
3Mb / 166P
Encoder interface for incremental or serial encoders.
logo
WAGO Kontakttechnik Gmb...
750-631-000-010 WAGO-750-631-000-010 Datasheet
372Kb / 10P
Incremental encoder interface; 5 ??24 VDC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com