Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMC424 Datasheet(PDF) 13 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # TMC424
Description  Serial Triple Incremental Encoder Interface
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

TMC424 Datasheet(HTML) 13 Page - TRINAMIC Motion Control GmbH & Co. KG.

Back Button TMC424 Datasheet HTML 9Page - TRINAMIC Motion Control GmbH & Co. KG. TMC424 Datasheet HTML 10Page - TRINAMIC Motion Control GmbH & Co. KG. TMC424 Datasheet HTML 11Page - TRINAMIC Motion Control GmbH & Co. KG. TMC424 Datasheet HTML 12Page - TRINAMIC Motion Control GmbH & Co. KG. TMC424 Datasheet HTML 13Page - TRINAMIC Motion Control GmbH & Co. KG. TMC424 Datasheet HTML 14Page - TRINAMIC Motion Control GmbH & Co. KG. TMC424 Datasheet HTML 15Page - TRINAMIC Motion Control GmbH & Co. KG. TMC424 Datasheet HTML 16Page - TRINAMIC Motion Control GmbH & Co. KG. TMC424 Datasheet HTML 17Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
TMC424 Datasheet – (V1.04 / 2015-JUL-01)
13/21
Copyright © 2011 TRINAMIC Motion Control GmbH & Co. KG
5.2 32-bit SPI Datagram Structure
2
7
1
7
1
8
1
9
2
0
2
1
2
2
2
3
2
4
2
5
2
6
1
6
6
7
8
9
1
0
1
1
1
2
1
3
1
4
1
5
5
2
8
2
9
3
0
3
1
0
1
2
3
4
0
Data
INT
0 0 0
Datagram from TMC424 send to µC
Datagram from µC to TMC424
2
7
1
7
1
8
1
9
2
0
2
1
2
2
2
3
2
4
2
5
2
6
1
6
6
7
8
9
1
0
1
1
1
2
1
3
1
4
1
5
5
2
8
2
9
3
0
3
1
0
1
2
3
4
R
W
Address
Data
Figure 8: Structure 32-Bit Interface
Interrupt Flags [Bit]
Name
Description
31
INT_ext
external Interrupt, e.g. TMC429
30
INT_enc1
N Signal of Encoder Interface 1 detected
29
INT_enc2
N Signal of Encoder Interface 2 detected
28
INT_enc3
N Signal of Encoder Interface 3 detected
Table 5: Interrupt Flags
5.3 SPI 32-bit Datagram Specification
5.3.1 Overview
Byte 0
Byte 1
Byte 2
Byte 3
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
Encoder 1 Prescaler
0
0
0
0
1
0
0
Encoder 2 Prescaler
0
0
0
0
0
1
0
Encoder 3 Prescaler
0
0
0
0
1
1
0
Encoder 1, 2, 3 Prescaler - set all commonly
1
1
1
1
Control
0
0
0
0
0
0
1
0
0
0
0
1
0
1
0
0
0
0
0
1
1
Encoder 1 Position Register
Encoder 2 Position Register
Encoder 3 Position Register
Address
0
0
0
0
1
1
1
1
0
0
0
0
0
0
1
1
0
0
0
0
0
N-Input
Data
Step /Dir
INT
Byte #
Bit #
Reserved
Step Pulse Delay
Step Pulse Length
Reserved
Reserved
Reserved
Reserved
Reserved
0
1
1
N1
N2
N3
0
0
0
N1
N2
N3
0
0
0
N1
N2
N3
0
0
0
N1
N2
N3
0
0
0
Figure 9: Overview TMC424 Registers


Similar Part No. - TMC424

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMC4210 TRINAMIC-TMC4210 Datasheet
1Mb / 48P
MOTION CONTROLLER FOR STEPPER MOTORS
TMC4210+2660-EVAL TRINAMIC-TMC4210+2660-EVAL Datasheet
1Mb / 48P
MOTION CONTROLLER FOR STEPPER MOTORS
TMC4210-I TRINAMIC-TMC4210-I Datasheet
1Mb / 48P
MOTION CONTROLLER FOR STEPPER MOTORS
TMC423 TRINAMIC-TMC423 Datasheet
290Kb / 1P
Triple Incremental Encoder Interface and Companion IC for the TMC428
TMC423 TRINAMIC-TMC423 Datasheet
226Kb / 22P
Serial Triple Incremental Encoder Interface
More results

Similar Description - TMC424

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THCT12016 TI-THCT12016 Datasheet
1Mb / 25P
INCREMENTAL ENCODER INTERFACE
logo
List of Unclassifed Man...
PE12316 ETC-PE12316 Datasheet
1Mb / 29P
Triple Incremental Encoder
logo
CUI INC
MES12 CUI-MES12 Datasheet
74Kb / 3P
incremental encoder
logo
TRINAMIC Motion Control...
TMC423 TRINAMIC-TMC423 Datasheet
290Kb / 1P
Triple Incremental Encoder Interface and Companion IC for the TMC428
TMC423 TRINAMIC-TMC423_1 Datasheet
226Kb / 22P
Serial Triple Incremental Encoder Interface
logo
IC-Haus GmbH
IC-WT ICHAUS-IC-WT Datasheet
731Kb / 13P
INCREMENTAL ENCODER
logo
CUI INC
MAS36 CUI-MAS36 Datasheet
47Kb / 1P
Incremental Encoder
MES3 CUI-MES3 Datasheet
298Kb / 5P
INCREMENTAL ENCODER
logo
TRINAMIC Motion Control...
TMC4330A TRINAMIC-TMC4330A Datasheet
3Mb / 166P
Encoder interface for incremental or serial encoders.
logo
WAGO Kontakttechnik Gmb...
750-631-000-010 WAGO-750-631-000-010 Datasheet
372Kb / 10P
Incremental encoder interface; 5 ??24 VDC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com