Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMC424 Datasheet(PDF) 12 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # TMC424
Description  Serial Triple Incremental Encoder Interface
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

TMC424 Datasheet(HTML) 12 Page - TRINAMIC Motion Control GmbH & Co. KG.

Back Button TMC424 Datasheet HTML 8Page - TRINAMIC Motion Control GmbH & Co. KG. TMC424 Datasheet HTML 9Page - TRINAMIC Motion Control GmbH & Co. KG. TMC424 Datasheet HTML 10Page - TRINAMIC Motion Control GmbH & Co. KG. TMC424 Datasheet HTML 11Page - TRINAMIC Motion Control GmbH & Co. KG. TMC424 Datasheet HTML 12Page - TRINAMIC Motion Control GmbH & Co. KG. TMC424 Datasheet HTML 13Page - TRINAMIC Motion Control GmbH & Co. KG. TMC424 Datasheet HTML 14Page - TRINAMIC Motion Control GmbH & Co. KG. TMC424 Datasheet HTML 15Page - TRINAMIC Motion Control GmbH & Co. KG. TMC424 Datasheet HTML 16Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
TMC424 Datasheet – (V1.04 / 2015-JUL-01)
12/21
Copyright © 2011 TRINAMIC Motion Control GmbH & Co. KG
5 Serial Peripheral Interface (SPI) with 32-bit Register
5.1 Description and Specification
Four pins named nSCS, SCK, SDI and SDO form the serial peripheral interface from a microcontroller to
the TMC424. The communication between the microcontroller and the TMC424 takes place via
datagrams with a fixed length of 32 bit. The microcontroller always acts as master and the TMC424 as
slave.
The SPITM of the TMC424 behaves like a simple 32-bit shift register. Incoming serial data at pin SDI is
shifted with the rising edge of the clock signal SCK into the 32-bit register. The content of this register
is copied after 32-bits with the rising edge of the selection signal nSCS into a buffer register of 32-bit
length. The SPITM of the TMC424 sends back data read from registers immediately via the SDO signal. It
processes serial data synchronously to the clock signal CLK.
Because of on-the-fly processing of the input data stream, the serial microcontroller interface of the
TMC424 requires the serial data clock signal SCK to have a minimum low / high time of three clock
cycles. The data signal SDI driven by the microcontroller has to be valid at the rising edge of the serial
data clock input SCK. The maximum duration of the serial data clock period is unlimited.
A complete serial datagram frame has a fixed length of 32 bit. While the data transmission from the
microcontroller to the TMC424 is idle, the low active serial chip select input nSCS and also the serial
data clock signal SCK are set to high. The serial data input SDI of the TMC429 has to be driven by the
microcontroller. Like other SPI compatible devices, the SDO signal of the TMC424 is high impedance ‘Z’
as long as nSCS is high.
The signal nSCS has to be high for at least three clock cycles before starting a datagram transmission.
To initiate a transmission, the signal nSCS has to be set to low. Three clock cycles later the serial data
clock may go low. The most significant bit (MSB) of a 32 bit wide datagram comes first and the least
significant bit (LSB) is transmitted as the last one. A data transmission is finished by setting nSCS high
for three or more CLK cycles after the last rising SCK slope. nSCS and SCK change in opposite order
from low to high at the end of a transmission as these signals change from high to low at the
beginning. The timing of the serial microcontroller interface is outlined here:
tSD
tSD
CLK
sdi_bit#31
tSCKCL
tSCKCH
tSUCSC
tHDCSC
1 x SDI_C sampled
one full 32 bit datagram
SDO
SDI
SCK
nSCS
sdi_bit#30 . . . sdi_bit#1
30 x sampled SDI_C
sdi_bit#0
1 x SDI_C sampled
tCLK
tDATAGRAMuC
sdo_bit#31
sdo_bit#30 ... sdo_bit#1
sdo_bit#0
tPD
tIS
tSD
tSI
tHDCSC
tSUCSC
Figure 7: Timing diagram of the Serial Interface


Similar Part No. - TMC424

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMC4210 TRINAMIC-TMC4210 Datasheet
1Mb / 48P
MOTION CONTROLLER FOR STEPPER MOTORS
TMC4210+2660-EVAL TRINAMIC-TMC4210+2660-EVAL Datasheet
1Mb / 48P
MOTION CONTROLLER FOR STEPPER MOTORS
TMC4210-I TRINAMIC-TMC4210-I Datasheet
1Mb / 48P
MOTION CONTROLLER FOR STEPPER MOTORS
TMC423 TRINAMIC-TMC423 Datasheet
290Kb / 1P
Triple Incremental Encoder Interface and Companion IC for the TMC428
TMC423 TRINAMIC-TMC423 Datasheet
226Kb / 22P
Serial Triple Incremental Encoder Interface
More results

Similar Description - TMC424

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THCT12016 TI-THCT12016 Datasheet
1Mb / 25P
INCREMENTAL ENCODER INTERFACE
logo
List of Unclassifed Man...
PE12316 ETC-PE12316 Datasheet
1Mb / 29P
Triple Incremental Encoder
logo
CUI INC
MES12 CUI-MES12 Datasheet
74Kb / 3P
incremental encoder
logo
TRINAMIC Motion Control...
TMC423 TRINAMIC-TMC423 Datasheet
290Kb / 1P
Triple Incremental Encoder Interface and Companion IC for the TMC428
TMC423 TRINAMIC-TMC423_1 Datasheet
226Kb / 22P
Serial Triple Incremental Encoder Interface
logo
IC-Haus GmbH
IC-WT ICHAUS-IC-WT Datasheet
731Kb / 13P
INCREMENTAL ENCODER
logo
CUI INC
MAS36 CUI-MAS36 Datasheet
47Kb / 1P
Incremental Encoder
MES3 CUI-MES3 Datasheet
298Kb / 5P
INCREMENTAL ENCODER
logo
TRINAMIC Motion Control...
TMC4330A TRINAMIC-TMC4330A Datasheet
3Mb / 166P
Encoder interface for incremental or serial encoders.
logo
WAGO Kontakttechnik Gmb...
750-631-000-010 WAGO-750-631-000-010 Datasheet
372Kb / 10P
Incremental encoder interface; 5 ??24 VDC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com