Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMC424 Datasheet(PDF) 11 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # TMC424
Description  Serial Triple Incremental Encoder Interface
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

TMC424 Datasheet(HTML) 11 Page - TRINAMIC Motion Control GmbH & Co. KG.

Back Button TMC424 Datasheet HTML 7Page - TRINAMIC Motion Control GmbH & Co. KG. TMC424 Datasheet HTML 8Page - TRINAMIC Motion Control GmbH & Co. KG. TMC424 Datasheet HTML 9Page - TRINAMIC Motion Control GmbH & Co. KG. TMC424 Datasheet HTML 10Page - TRINAMIC Motion Control GmbH & Co. KG. TMC424 Datasheet HTML 11Page - TRINAMIC Motion Control GmbH & Co. KG. TMC424 Datasheet HTML 12Page - TRINAMIC Motion Control GmbH & Co. KG. TMC424 Datasheet HTML 13Page - TRINAMIC Motion Control GmbH & Co. KG. TMC424 Datasheet HTML 14Page - TRINAMIC Motion Control GmbH & Co. KG. TMC424 Datasheet HTML 15Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
TMC424 Datasheet – (V1.04 / 2015-JUL-01)
11/21
Copyright © 2011 TRINAMIC Motion Control GmbH & Co. KG
4 Dynamic Resolution Adaptation
The dynamic resolution adaptation is needed to link stepper motors and encoders with different
resolutions. The characteristics of the connected hardware must be provided to the TMC424 by sending
the corresponding SPI telegram. (See 5.3.1 Overview on page 13 in this issue). The TMC424 multiplies
the encoder counter by a user selectable value in the range 1..1024, and then divides it by 16. When
using incremental encoders with N channel it is also possible to select between different behaviors
when the N channel is triggered.
Stepper
motor
TMC424
SPI Interface
Stepper Motor:
Resolution: e.g.: 12800 steps / rotation
Encoder:
Resolution: e.g.: 1000 steps / rotation
TMC424:
Prescaler = 3.2 -> 1000* 4 * 3.2 = 12800
Figure 6: TMC424 Application
Table 4 shows a number of prescaler factors for possible combinations of micro step resolution and
encoder resolution. Note: The given number of pulses have to be multiplied by four since 4-times
encoder signal evaluation is used. (See
Channel A
Channel B
Evaluation
Step
Channel N
Figure 10: Encoder Output and Evaluation on page 14).
Microsteps
Encoder Resolution [Pulses / Rotation]
1024
1000
512
500
256
250
200
125
50
25
12800
3.125
3.2
6.25
6.4
12.5
12.8
16
25.6
64
----
6400
1.5625
1.6
3.125
3.2
6.25
6.4
8
12.8
32
64
3200
----
----
1.5625
1.6
3.125
3.2
4
6.4
16
32
1600
----
----
----
----
1.5625
1.6
2
3.2
8
16
800
----
----
----
----
----
----
1
1.6
4
8
400
----
----
----
----
----
----
----
----
2
4
Table 4: Prescaler factors for different motors and encoders


Similar Part No. - TMC424

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMC4210 TRINAMIC-TMC4210 Datasheet
1Mb / 48P
MOTION CONTROLLER FOR STEPPER MOTORS
TMC4210+2660-EVAL TRINAMIC-TMC4210+2660-EVAL Datasheet
1Mb / 48P
MOTION CONTROLLER FOR STEPPER MOTORS
TMC4210-I TRINAMIC-TMC4210-I Datasheet
1Mb / 48P
MOTION CONTROLLER FOR STEPPER MOTORS
TMC423 TRINAMIC-TMC423 Datasheet
290Kb / 1P
Triple Incremental Encoder Interface and Companion IC for the TMC428
TMC423 TRINAMIC-TMC423 Datasheet
226Kb / 22P
Serial Triple Incremental Encoder Interface
More results

Similar Description - TMC424

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THCT12016 TI-THCT12016 Datasheet
1Mb / 25P
INCREMENTAL ENCODER INTERFACE
logo
List of Unclassifed Man...
PE12316 ETC-PE12316 Datasheet
1Mb / 29P
Triple Incremental Encoder
logo
CUI INC
MES12 CUI-MES12 Datasheet
74Kb / 3P
incremental encoder
logo
TRINAMIC Motion Control...
TMC423 TRINAMIC-TMC423 Datasheet
290Kb / 1P
Triple Incremental Encoder Interface and Companion IC for the TMC428
TMC423 TRINAMIC-TMC423_1 Datasheet
226Kb / 22P
Serial Triple Incremental Encoder Interface
logo
IC-Haus GmbH
IC-WT ICHAUS-IC-WT Datasheet
731Kb / 13P
INCREMENTAL ENCODER
logo
CUI INC
MAS36 CUI-MAS36 Datasheet
47Kb / 1P
Incremental Encoder
MES3 CUI-MES3 Datasheet
298Kb / 5P
INCREMENTAL ENCODER
logo
TRINAMIC Motion Control...
TMC4330A TRINAMIC-TMC4330A Datasheet
3Mb / 166P
Encoder interface for incremental or serial encoders.
logo
WAGO Kontakttechnik Gmb...
750-631-000-010 WAGO-750-631-000-010 Datasheet
372Kb / 10P
Incremental encoder interface; 5 ??24 VDC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com